PART |
Description |
Maker |
SR037SG SR037MG |
Inductorless / Dual Output Off-Line Regulators
|
Supertex Inc
|
SR037 SR036 SR036MG SR037SG SR036SG SR037MG |
Inductorless / Dual Output Off-Line Regulators Inductorless, Dual Output Off-Line Regulators
|
SUTEX[Supertex, Inc] Supertex Inc
|
SR036SG |
Inductorless, Dual Output Off-Line Regulators
|
Supertex Inc
|
NCP7662 NCP7662P NCP7662DR2 |
INDUCTORLESS VOLTAGE CONVERTER
|
ONSEMI[ON Semiconductor]
|
AAT3183IJS-1.5-T1 |
300mA Inductorless Step-Down Converter
|
Advanced Analogic Technologies, Inc.
|
LTC1046 LT1046 |
"Inductorless" 5V to -5V Converter From old datasheet system
|
Linear
|
SR037DB1 |
Inductorless Switching Power Supply
|
SUTEX[Supertex, Inc]
|
P8SG-247R2ZH30 P8SG-0505ZH30 P8SG-053R6ZH30 P8SG-1 |
Input voltage:24V, output voltage /-7.2V ( /-100mA), 3KV isolated 1.5W regulated dual output Input voltage:24V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated dual output Input voltage:24V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-3.6V ( /-200mA), 3KV isolated 1.5W regulated dual output 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 3千伏隔震1.5糯稳压双输出DIP24
|
PEAK[PEAK electronics GmbH]
|
LTC1911-15 |
Low Noise, High Efficiency, Inductorless Step-Down DC/DC Converter
|
Linear Technology Corporation
|
HV850 HV850MG HV850X |
High Voltage Low Noise Inductorless EL Lamp Driver
|
Supertex, Inc.
|
FRD4812 FRD515 FRD512 FRD FRD1212 FRD1215 FRD2412 |
2-OUTPUT 5 W DC-DC REG PWR SUPPLY MODULE DUAL OUTPUT/ 5 WATT DUAL OUTPUT, 5 WATT 双输出,5瓦特
|
POWER-ONE INC POWER-ONE[Power-One] Switchcraft, Inc.
|
P8SG-247R2ZH52 P8SG-0505ZH52 P8SG-053R6ZH52 P8SG-1 |
Input voltage:5V, output voltage /-5V ( /-150mA), 5.2KV isolated 1.5W regulated dual output 5.2 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 5.2千伏隔震1.5糯稳压双输出DIP24 Input voltage:5V, output voltage /-3.6V ( /-200mA), 5.2KV isolated 1.5W regulated dual output
|
PEAK[PEAK electronics GmbH]
|