PART |
Description |
Maker |
SC68C2550B |
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs and Motorola uP interface
|
Philips
|
SC16C550B |
5V, 3.3V and 2.5V UART with 16-byte FIFOs(6字节FIFO/3.3/2.5V 通用同步收发
|
NXP Semiconductors N.V.
|
SC16C754BIB80 SC16C754BIA68 |
5 V, 3.3 V and 2.5 V quad UART, 5 Mbit/s (max.) with 64-byte FIFOs
|
NXP Semiconductors
|
XR16C2850_05 XR16C2850 XR16C2850CJ XR16C2850CM XR1 |
2.97V TO 5.5V DUAL UART WITH 128-BYTE FIFOS
|
EXAR[Exar Corporation]
|
SC16C2552B |
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 16-byte FIFOs
|
Philips
|
XR16C285005 XR16C2850CM-F |
2.97V TO 5.5V DUAL UART WITH 128-BYTE FIFOS
|
Exar Corporation
|
MICRF213 MICRF213AYQS |
1.8 V dual UART, 20 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA), and XScale VLIO bus interface, SOT912-1 (TFBGA36), Tray Pack, Bakeable, Multiple SPECIALTY CONSUMER CIRCUIT, PDSO16 1.8 V single UART, 20 Mbit/s (max.) with 128-byte FIFOs, infrared (IrDA), and XScale VLIO bus interface, SOT617-1 (HVQFN32), Tray Pack, Bakeable, Multiple 3.3,QwikRadio系列15MHz的接收器
|
Micrel Semiconductor,Inc. Micrel Semiconductor, Inc.
|
SC68C752B SC68C752BIB48 SC68C752BIBS |
5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs and 68 mode μP interface 5 V, 3.3 V and 2.5 V dual UART, 5 Mbit/s (max.), with 64-byte FIFOs and 68 mode 渭P interface
|
NXP Semiconductors
|
SC16C550BIBS SC16C550B SC16C550BIN40112 SC16C550BI |
5 V, 3.3 V and 2.5 V UART with 16-byte FIFOs; Package: SOT187-2 (PLCC44); Container: Tube Dry Pack 1 CHANNEL(S), 3M bps, SERIAL COMM CONTROLLER, PQCC44 5 V, 3.3 V and 2.5 V UART with 16-byte FIFOs; Package: SOT187-2 (PLCC44); Container: Reel Dry Pack, SMD, 13" 1 CHANNEL(S), 3M bps, SERIAL COMM CONTROLLER, PQCC44
|
NXP Semiconductors N.V. http://
|
SC16C852V |
Dual UART with 128-byte FIFOs, IrDA, and XScale VLIO bus interface
|
NXP Semiconductors
|
SC16C652BIBS SC16C652B SC16C652BIB48 |
5V, 3.3 V and 2.5V dual UART, 5 Mbit/s (max.),with 32-byte FIFOs and infrared(IrDA) encoder/decoder
|
PHILIPS[Philips Semiconductors]
|
|