PART |
Description |
Maker |
RADIOSAT4000 |
Auto Radio
|
Renault
|
TC913A TC913ACOA TC913ACPA TC913BCOA TC913BCPA TC9 |
The TC913 is a monolithic, auto-zeroed operational amplifier. Elimination of the external capacitors allows the designer to increase reliability, lower cost,and simplify design by lowering parts count. Since the TC913 is an auto-zeroing op Dual Auto-Zeroed Operational Amplifiers
|
MICROCHIP[Microchip Technology]
|
RIRC-C1-50A RIRC-C1-50B RIRC-C1-50C RIRC-C1-50D RI |
Auto Focus/Auto Iris Infrared LED Camera
|
American Accurate Components, Inc.
|
C1206C105K3RACAUTO |
Ceramic, AUTO-(CxxxxC-AUTO), 1 uF, 10%, 25 V, 1206, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
|
Kemet Corporation
|
C0603C103M5RACAUTO-17 |
Ceramic, AUTO-(CxxxxC-AUTO), 0.01 uF, 20%, 50 V, 0603, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
|
Kemet Corporation
|
C1210X475K5RACAUTO-17 |
Ceramic, AUTO-FlexTerm-(CxxxxX-AUTO), 4.7 uF, 10%, 50 V, 1210, X7R, SMD, MLCC, FT-CAP, Automotive Grade
|
Kemet Corporation
|
C1206C224K1RACAUTO |
Ceramic, AUTO-(CxxxxC-AUTO), 0.22 uF, 10%, 100 V, 1206, X7R, SMD, MLCC, Temperature Stable, Automotive Grade
|
Kemet Corporation
|
C0603C399C5GACAUTO-17 |
Ceramic, AUTO-(CxxxxC-AUTO), 3.9 pF, /-0.25 pF, 50 V, 0603, C0G, SMD, MLCC, Ultra-Stable, Low Loss, Automotive Grade
|
Kemet Corporation
|
C1206X104J3JACAUTO |
Ceramic, AUTO-FlexTerm-(CxxxxX-AUTO), 0.1 uF, 5%, 25 V, 1206, U2J, SMD, MLCC, FT-CAP, Ultra-Stable, Automotive Grade
|
Kemet Corporation
|
C1210X473JAGACAUTO |
Ceramic, AUTO-FlexTerm-(CxxxxX-AUTO), 0.047 uF, 5%, 250 V, 1210, C0G, SMD, MLCC, FT-CAP, Ultra-Stable, Automotive Grade
|
Kemet Corporation
|
M61005FP |
ASSP>ICs for Camera>Auto Exposure and Auto Focus ICs for Film Cameras
|
Renesas
|
AD8638ARJZ-R2 AD8639ACPZ-R2 AD8639ARMZ AD8639ARZ-R |
16 V Auto-Zero, Rail-to-Rail Output Operational Amplifier; Package: SOT-23; No of Pins: 5; Temperature Range: Industrial OP-AMP, 23 uV OFFSET-MAX, 1.35 MHz BAND WIDTH, PDSO5 16V Auto-Zero, Rail-to-Rail Output tional Amplifiers 16V Auto-Zero, Rail-to-Rail Output tional Amplifiers 16 V Auto-Zero, Rail-to-Rail Output Operational Amplifiers
|
Analog Devices, Inc. ANALOG DEVICES INC
|
|