PART |
Description |
Maker |
TC3403 TC3403VPE |
The TC3403 is a low cost, low power analog-to-digital converter based on Microchip’s Sigma-Delta technology. It will perform 16-bit conversions (15-bit plus sign) at up to eight per second. The TC3403 is optimized for use as a microc 1.8V Low Power, Quad Input, 16-Bit Sigma-Delta A/D Converter with a Power Fault Monitor and Microprocessor Reset Circuit
|
Microchip Microchip Technology Inc.
|
ATTINY84V-10MUR TSS463B-TERZ-9 AT89C2051-12PK ATTI |
8-BIT, FLASH, 10 MHz, RISC MICROCONTROLLER, QCC20 1 CHANNEL(S), 1M bps, SERIAL COMM CONTROLLER, PDSO16 8-BIT, FLASH, 12 MHz, MICROCONTROLLER, PDIP20 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, QCC20 8-BIT, 16 MHz, MICROCONTROLLER, PQFP44 16-BIT, FLASH, 32 MHz, RISC MICROCONTROLLER, PQFP44 16-BIT, FLASH, 32 MHz, RISC MICROCONTROLLER, PQFP64 4-BIT, MROM, 4 MHz, MICROCONTROLLER, PDSO20 32-BIT, FLASH, 66 MHz, RISC MICROCONTROLLER, PQFP144
|
ATMEL CORP TEMIC SEMICONDUCTORS
|
PIC16F627A-I_ML PIC16F627A-I_P PIC16F627A-I_SO PIC |
Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDSO18 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PQCC28 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDSO20 8-BIT, FLASH, 20 MHz, RISC MICROCONTROLLER, PDIP18
|
Microchip Technology
|
LPC2368FET100518 LPC2364FET100518 |
Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP, Ethernet, USB 2.0, CAN, and 10-bit ADC/DAC, SOT926-1 (TFBGA100), Reel Dry Pack, SMD, 13" 32-BIT, FLASH, 72 MHz, RISC MICROCONTROLLER, PBGA100
|
NXP Semiconductors N.V.
|
S29AL008D55TFN023 S29AL008D70TFN023 S29AL008D70TFI |
8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 16 FLASH 3V PROM, 70 ns, PDSO44 CONNECTOR ACCESSORY 连接器附 CONNECTOR ACCESSORY 512K X 16 FLASH 3V PROM, 90 ns, PDSO48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 16 FLASH 3V PROM, 90 ns, PDSO44 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 8兆位 M中的x 8-Bit/512x 16位).0伏的CMOS只引导扇区闪 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 16 FLASH 3V PROM, 70 ns, PBGA48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 8兆位1 M中的x 8-Bit/512亩x 16位).0伏的CMOS只引导扇区闪 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 16 FLASH 3V PROM, 55 ns, PBGA48 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 8兆位 M中的x 8-Bit/512亩x 16位).0伏的CMOS只引导扇区闪 JT 16C 16#16 PIN RECP CAP 0.015UF 50V 80-20% Z5U SMD-0805 TR-7-PL SN-NIBAR SSR OCMOS FET 200MA NO 6-SOIC
|
SPANSION LLC Spansion, Inc. Spansion Inc.
|
K9WAG08U1A-I K9WAG08U1A-Y K9NBG08U5A K9NBG08U5A-P |
2G X 8 FLASH 2.7V PROM, 20 ns, PDSO48 4G X 8 FLASH 2.7V PROM, 30 ns, PDSO48 12 X 20 MM, 0.50 MM PITCH, LEAD FREE, PLASTIC, TSOP1-48 1G x 8 Bit / 2G x 8 Bit / 4G x 8 Bit NAND Flash Memory 1G x 8 Bit / 2G x 8 Bit / 4G x 8 Bit NAND Flash Memory
|
SEMIKRON http:// Samsung semiconductor
|
CAT28F010 CAT28F010TI-70T CAT28F010PI-70T CAT28F01 |
120ns 2M-bit CMOS flash memory 90ns 2M-bit CMOS flash memory 70ns 2M-bit CMOS flash memory 1 Megabit CMOS Flash Memory High Speed CMOS Logic 8-Stage Shift-and-Store Bus Register with 3-Stage Outputs 16-PDIP -55 to 125
|
http:// CATALYST[Catalyst Semiconductor]
|
16235STRD 16235LEDLED 16235FAM 16235FSL 16235FST 1 |
IC, AM29LV641DH90REI, 8MB FLSH, TSOP48 M29LV400BB 4 MBIT FLASH MEMORY TSOP48 IC/MEMORY//4-MBIT (512K X 8-BIT/256K X 16- FLASH_64_MEGABIT IC, FLASH , 4MX16 90NS, FBGA-64, 13X11MM, 1.0MM PITCH IC, BOOT FLASH, TSOP-48 PACIFIC DISPLAY DEVICES 太平洋显示器 AMD 64 MB FLASH MIRROR BIT 太平洋显示器
|
List of Unclassifed Man... List of Unclassifed Manufacturers ETC[ETC] Pacific Display Devices Electronic Theatre Controls, Inc.
|
ADUC831BS ADUC831BCP ADUC831 |
MicroConverter, 12-Bit ADCs and DACs with Embedded 62 kBytes Flash MCU 8-Channel 12-Bit ADC + Dual 12-Bit DAC + Flash MCU Big Memory Upgrade to ADuC812
|
AD Anolog Devices
|
STM32F205ZCT6XXX STM32F205ZCT6TR STM32F205RCY6TR S |
32-BIT, FLASH, 120 MHz, RISC MICROCONTROLLER, PQFP144 20 X 20 MM, ROHS COMPLIANT, LQFP-144 32-BIT, FLASH, 120 MHz, RISC MICROCONTROLLER, PBGA66 ARM-based 32-bit MCU, 150DMIPs, up to 1 MB Flash/128 4KB RAM, USB OTG HS/FS, Ethernet, 17 TIMs, 3 ADCs, 15 comm. interfaces & camera
|
ST Microelectronics STMICROELECTRONICS
|
AT89C51RE2-SLSEM AT89C51RE2-SLSUM |
MCU 8BIT FLASH 2.7-5.5V 44-PLCC 8-BIT, FLASH, 60 MHz, MICROCONTROLLER, PQCC44 8-bit Flash Microcontroller
|
Atmel, Corp. ATMEL Corporation
|
|