PART |
Description |
Maker |
IS24C02 IS24C08 IS24C04 IS24C01 24C16 IS24C16-3PI |
16,384-BIT SERIAL ELECTRICALLY ERASABLE PROM From old datasheet system 301K 1% 100PPM TF 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 RES 2.7 OHM 5% 0.1 W METAL FILM SMT 0805 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 1K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 128 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 2K X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 RESISTOR,309,CR0805 512 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2-WIRE SERIAL CMOS EEPROM 1K-bit/2K-bit/4K-bit/8K-bit/16K-bit 2线串行EEPROM中的CMOS
|
Integrated Silicon Solu... Integrated Silicon Solution Inc ISSI[Integrated Silicon Solution, Inc] Integrated Silicon Solution, Inc. Integrated Silicon Solution...
|
24AA1603 24LC16B 24AA16-I/MS 24AA16-I/MSG 24AA16-I |
16K I2C垄芒 Serial EEPROM 16K I2C?/a> Serial EEPROM The 24LC16B is a 16K bit Electrically Erasable PROM memory organized as eight blocks of 256 x 8-bit memory with an I2C compatible 2-wire serial interface bus. The 24LC16B features hardware write protect, Schmitt trigger in The 24LC16B is a 16K bit Electrically Erasable PROM memory organized as eight blocks of 256 x 8-bit memory with an I2C ... The 24LC16B is a 16K bit Electrically Erasable PROM memory organized as eight blocks of 256 x 8-bit memory with an I<SUP>2</SUP>C ... 16K I2C Serial EEPROM
|
Microchip Technology Inc.
|
CAT24WC08YETE13F CAT24WC08YITE13F CAT24WC16UITE13F |
1K/2K/4K/8K/16K-Bit Serial EEPROM 1K/2K/4K/8K/16K-Bit串行EEPROM
|
Intersil, Corp.
|
IDT7198L IDT7198L20DB IDT7198L20EB IDT7198L20LB ID |
CMOS static RAM 64K (16K x 4-bit) CMOS STATIC RAMs 64K (16K x 4-BIT) Added Chip Select and Output Controls
|
IDT[Integrated Device Technology]
|
AL5DS9069V AL5DS9159V AL5DS9199V AL5DS9169V AL5DS9 |
3.3V Synchronous Dual-Port SRAM 4K/8K/16K/32K/64K/128K x 8/9/16/18-bit 3.3V的同步双端口SRAM 4K/8K/16K/32K/64K/128K x 8/9/16/18-bit
|
AverLogic Technologies, Inc. AverLogic Technologies, Corp.
|
CAT28C16AKI-20 CAT25C03U-1.8 CAT25040YI-GT3 CAT24W |
EEPROM (256x8) 2K 1.8-6.0 The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS EEPROM (4kx8) 32K 1.8-6.0 EEPROM (2048x8) 16K EEPROM (256x8) 2K 2.5-6.0 EEPROM 64K X 8 512K 5V EEPROM (256x8) (128x16) 2K EEPROM (8kx8) 64K 3V EEPROM (512x8) (256x16) 4K EEPROM (2048x8)(1024x16)16K EEPROM (128x8) 1k 1.8-6.0 EEPROM (8kx8) 64K 1.8-6.0 EEPROM 16K-Bit CMOS PARA EEPROM EEPROM (512x8) 4k 2.5-6.0 EEPROM (4096x8) 32k 1.8-6.0 EEPROM (384x8) 128k 16 EEPROM (2Kx8) 16K 5V 90ns
|
Electronic Theatre Controls, Inc. ON Semiconductor Qualtek Electronics, Corp. Lumex, Inc. Vicor, Corp. EPCOS AG NXP Semiconductors N.V. Atmel, Corp. Linear Technology, Corp. Amphenol, Corp. Bourns, Inc. TE Connectivity, Ltd. Integrated Silicon Solution, Inc. Anpec Electronics, Corp.
|
IS25C08-2PI |
8K-BIT/16K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
|
INTEGRATED SILICON SOLUTION INC
|
P87C58X2FA P87C52 P87C54 80C52 80C52X2 P80C31X2 P8 |
80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage 2.7 to 5.5 V, low power, high speed 30/33 MHz 8-BIT, MROM, 33 MHz, MICROCONTROLLER, PQFP44 80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage 2.7 to 5.5 V, low power, high speed 30/33 MHz 80C51位单片机系列4K/8K/16K/32K的ROM / RAM的检察官办公28B/256B低电.7.5 V,低功耗,高33分之30兆赫 80C51 8-bit microcontroller family 4K-8K-16K-32K ROM-OTP 128B-256B RAM low voltage (2.7 to 5.5 V), low power, high speed (30-33 MHz)
|
存储 NXP Semiconductors N.V.
|
HM1-65262/883 |
16K x 1 Asynchronous CMOS Static RAM 16K X 1 STANDARD SRAM, 85 ns, CDFP20
|
Intersil, Corp.
|
DS21054E 24AA16 24AA16IP 24AA16ISL 24AA16ISN 24AA1 |
The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS 16K 1.8V I 2 C O Serial EEPROM 16K.8VI 2二氧化碳串行EEPROM 16K 1.8V I2C SERIAL EEPROM 16K1.8VI2CSERIALEEPROM 16K1.8VI2COSerialEEPROM
|
Microchip Technology, Inc. Microchip Technology Inc. MicrochipTechnology MICROCHIP[Microchip Technology]
|
CY7C276 7C276 |
16K x 16 Reprogrammable PROM(16K x 16可重复编程的PROM) From old datasheet system
|
Cypress Semiconductor Corp.
|