PART |
Description |
Maker |
VCUNCB-44.736 VDUNCB-44.736 VCLNCB-44.736 VDLNCB-4 |
VCXO, CLOCK, 3.686 MHz, CMOS/TTL OUTPUT Voltage Controlled Crystal Oscillator VCXO, CLOCK, 1.024 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 12.288 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 13 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 18.432 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 2 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 34.368 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 4 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 49.152 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 40.96 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 2.048 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 20.48 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 19.44 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 40 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 61.44 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 44.736 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 6.4 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 15.44 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 5 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 3.088 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 4.434 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 4.096 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 4.032 MHz, CMOS/TTL OUTPUT VCXO, CLOCK, 1.544 MHz, CMOS/TTL OUTPUT
|
Vectron International, Inc
|
1-FHF-12M288 1-FHF-10M000 2-ANF-20M000 1-FHF-13M00 |
VCXO, CLOCK, 19.44 MHz, CMOS OUTPUT VCXO, CLOCK, 12.288 MHz, CMOS OUTPUT VCXO, CLOCK, 13 MHz, CMOS OUTPUT VCXO, CLOCK, 16.384 MHz, CMOS OUTPUT VCXO, CLOCK, 15.44 MHz, CMOS OUTPUT VCXO, CLOCK, 35.328 MHz, CMOS OUTPUT VCXO, CLOCK, 30 MHz, CMOS OUTPUT VCXO, CLOCK, 20 MHz, CMOS OUTPUT VCXO, CLOCK, 1.544 MHz, CMOS OUTPUT VCXO, CLOCK, 32.768 MHz, CMOS OUTPUT VCXO, CLOCK, 51.84 MHz, CMOS OUTPUT VCXO, CLOCK, 10 MHz, CMOS OUTPUT VCXO, CLOCK, 12 MHz, CMOS OUTPUT VCXO, CLOCK, 14.318 MHz, CMOS OUTPUT VCXO, CLOCK, 40 MHz, CMOS OUTPUT VCXO, CLOCK, 18.432 MHz, CMOS OUTPUT VCXO, CLOCK, 12.352 MHz, CMOS OUTPUT VCXO, CLOCK, 44.736 MHz, CMOS OUTPUT VCXO, CLOCK, 27 MHz, CMOS OUTPUT VCXO, CLOCK, 24.576 MHz, CMOS OUTPUT VCXO, CLOCK, 65.536 MHz, CMOS OUTPUT VCXO, CLOCK, 40.96 MHz, CMOS OUTPUT
|
VECTRON INTERNATIONAL
|
HCMS-2902 HCMS-2903 HCMS-2904 HCMS-2911 HCMS-2912 |
HCMS-2962 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2961 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2964 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2963 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2925 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2924 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2923 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2922 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2921 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2915 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2914 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2913 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2912 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2911 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2905 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2904 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2903 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2902 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2901 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2975-HI000 · High Performance CMOS 5 x 7 Alphanumeric Displays Bipolar Transistor; Collector Emitter Voltage, Vceo:350V; Transistor Polarity:NPN; Power Dissipation:1W; DC Current Gain Min (hfe):40; Collector Current:1A; Package/Case:3-TO-39; DC Current Gain Max (hfe):60; Terminal Type:5 T-PNP-SI-HV AF PWR AMP High Performance CMOS 5 x 7 Alphanumeric Displays 高性能CMOS 5 × 7字母数字显示
|
http:// Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)] Vishay Intertechnology, Inc.
|
UPD65626 UPD65632 UPD65654 UPD65650 UPD65651 UPD65 |
CMOS-6/6A/6V/6X 1.0-MICRON CMOS GATE ARRAYS CMOS-6/6A/6V/6X 1.0微米CMOS门阵
|
http:// NEC, Corp. NEC Corp. NEC[NEC]
|
VTC1 VTC1-B02C-10M00 VTC1-J03A-11M2896 VTC1-J03A-1 |
Voltage Controlled Temperature Compensated Crystal Oscillator TCXO, CLOCK, 11.2896 MHz, CMOS OUTPUT TCXO, CLOCK, 12.352 MHz, CMOS OUTPUT TCXO, CLOCK, 12.504 MHz, CMOS OUTPUT TCXO, CLOCK, 10.001355 MHz, CMOS OUTPUT TCXO, CLOCK, 12 MHz, CMOS OUTPUT TCXO, CLOCK, 12.288 MHz, CMOS OUTPUT TCXO, CLOCK, 10.24 MHz, CMOS OUTPUT TCXO, CLOCK, 12.8 MHz, CMOS OUTPUT TCXO, CLOCK, 11.0592 MHz, CMOS OUTPUT
|
Vectron International, Inc
|
E0C6S37 |
Advanced Single-Chip CMOS、Super Low Voltage 4-Bit Microcomputer Consisting of the E0C6200A 4-Bit CMOS Core CPU,SVD Circuit/Comparator,High Quality Display LCD Driver(4位高级的、CMOS、单片微型计算机(含4位E0C62000A中央处理器核SVD电路/比较高质量的LCD驱动器))
|
爱普生(中国)有限公
|
M38067MC-453GP M38063M6-181GP M38067MC-204FP M3806 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer 3806 Series Microcontrollers: General Purpose, Large On-Chip Memory RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
ADG601 ADG602 ADG602BRM ADG602BRT ADG601BRM ADG601 |
2 ohm CMOS -5 V/5 V/ SPST SWITCHES Tantalum Molded Capacitor; Capacitance: .22uF; Voltage: 35V; Case Size: 3.2x1.6 mm; Packaging: Tape & Reel 2 ohm CMOS -5 V/5 V, SPST SWITCHES 2.2 ohms CMOS ?5 V/5V, SPST Switches 2.2 ohms CMOS ?V/5 V, SPST Switches
|
Analog Devices, Inc. AD[Analog Devices]
|
VCXO-701-EAW-SE VCXO-701-EAW-SF VCXO-701-EAW-SK VC |
Voltage Controlled Crystal Oscillator VCXO, CLOCK, 24.704 MHz, CMOS OUTPUT ROHS COMPLIANT, HERMETIC SEALED PACKAGE-6 VCXO, CLOCK, 14.318 MHz, CMOS OUTPUT ROHS COMPLIANT, HERMETIC SEALED PACKAGE-6 VCXO, CLOCK, 50 MHz, CMOS OUTPUT ROHS COMPLIANT, HERMETIC SEALED PACKAGE-6 VCXO, CLOCK, 50.688 MHz, CMOS OUTPUT ROHS COMPLIANT, HERMETIC SEALED PACKAGE-6 VCXO, CLOCK, 34.368 MHz, CMOS OUTPUT ROHS COMPLIANT, HERMETIC SEALED PACKAGE-6 VCXO, CLOCK, 25 MHz, CMOS OUTPUT ROHS COMPLIANT, HERMETIC SEALED PACKAGE-6 VCXO, CLOCK, 35.328 MHz, CMOS OUTPUT ROHS COMPLIANT, HERMETIC SEALED PACKAGE-6 VCXO, CLOCK, 20 MHz, CMOS OUTPUT VCXO, CLOCK, 16.384 MHz, CMOS OUTPUT VCXO, CLOCK, 6.176 MHz, CMOS OUTPUT VCXO, CLOCK, 32 MHz, CMOS OUTPUT VCXO, CLOCK, 30 MHz, CMOS OUTPUT VCXO, CLOCK, 32.768 MHz, CMOS OUTPUT VCXO, CLOCK, 24.576 MHz, CMOS OUTPUT VCXO, CLOCK, 54 MHz, CMOS OUTPUT VCXO, CLOCK, 51.84 MHz, CMOS OUTPUT VCXO, CLOCK, 1.544 MHz - 77.76 MHz, CMOS OUTPUT VCXO, CLOCK, 1.544 MHz, CMOS OUTPUT
|
Vectron International, Inc.
|
CAT28F002 CAT28F002PI-90BT CAT28F002NI-90BT CAT28F |
90ns 2M-bit CMOS boot block flash memory 150ns 2M-bit CMOS boot block flash memory 120ns 2M-bit CMOS boot block flash memory 2 Megabit CMOS Boot Block Flash Memory High Speed CMOS Logic 8-Stage Shift-and-Store Bus Register with 3-Stage Outputs 16-PDIP -55 to 125
|
http:// CATALYST[Catalyst Semiconductor]
|
|