PART |
Description |
Maker |
U9280M-H |
4-bit microcontroller plus transponder front end for combination of remote control and immobilizer function. MICROCONTROLER WITH TRANSPONDER INTERFACE
|
ATMEL[ATMEL Corporation]
|
DMR20C-A |
20.32mm (0.8? SINGLE DIGIT NUMERIC DISPLAY 20.32mm (0.8隆卤) SINGLE DIGIT NUMERIC DISPLAY
|
SunLED Corporation
|
DMR20A-1 |
20.32mm (0.8? SINGLE DIGIT NUMERIC DISPLAY 20.32mm (0.8隆卤) SINGLE DIGIT NUMERIC DISPLAY
|
SunLED Corporation
|
1N4002G 1N4007G 1N4001G 1N4003G 1N4004G 1N4005G 1N |
400V, 1.0A glass passivated rectifier 1000V, 1.0A glass passivated rectifier 50V, 1.0A glass passivated rectifier 200V, 1.0A glass passivated rectifier 100V, 1.0A glass passivated rectifier 600V, 1.0A glass passivated rectifier 800V, 1.0A glass passivated rectifier
|
http:// WTE[Won-Top Electronics]
|
DMR20A |
20.32mm (0.8") SINGLE DIGIT NUMERIC DISPLAY
|
SunLED Corporation
|
DUG20A-B |
20.32mm (0.8) SINGLE DIGIT NUMERIC DISPLAY
|
SunLED Corporation
|
364090 |
1,27 DRC Adapterstück BTB 32mm 26-polig
|
ERNI Electronics
|
DUR20A |
20.32mm (0.8) SINGLE DIGIT NUMERIC DISPLAY
|
SunLED Corporation
|
E5561 |
e5561 Advance Information [Updated 4/03. 26 Pages] Read/Write transponder IC for contactless RF identification for highly sophisticated security Read/Write transponder IC for contactless RF identification for highly sophisticated security applications.
|
Atmel
|