PART |
Description |
Maker |
TQC9311 TQC9311-PCB TQC9311-15 |
0.4-3.6 GHz Dual Channel DVGA
|
TriQuint Semiconductor
|
TGA6316 TGA6316-EEU |
6 - 17 GHz Dual-Channel Power Amplifier
|
TriQuint Semiconductor,Inc. TRIQUINT[TriQuint Semiconductor]
|
FMPA2151 |
2.4 - 2.5 GHz and 4.9-5.9 GHz Dual Band Linear Power 2.4-2.5 GHz and 4.9-5.9 GHz Dual Band Linear Power Amplifier Module (Preliminary)
|
Fairchild Semiconductor
|
81133A 81134A |
Pulse Pattern Generator, 3.35 GHz, single channel Pulse Pattern Generator, 3.35 GHz, dual-channel
|
Agilent (Hewlett-Packard)
|
HMC818LP4E10 |
GaAs SMT pHEMT DUAL CHANNEL LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
|
Hittite Microwave Corporation
|
FDMQ8203 |
100V Dual N-Channel and Dual P-Channel PowerTrenchMOSFET, GreenBridgeSeries of High-Efficiency Bridge Rectifiers GreenBridgeTM Series of High-Efficiency Bridge Rectifiers Dual N-Channel and Dual P-Channel PowerTrench? MOSFET N-Channel: 100 V, 6 A, 110 mΩ P-Channel: -80 V, -6 A, 190 mΩ
|
Fairchild Semiconductor
|
ADG936BCP-R-500RL7 ADG936BCP-R-REEL ADG936BRU-REEL |
Wideband 4 GHz 36 dB Isolation at 1 GHz CMOS 1.65 V to 2.75 V Dual SPDT
|
Analog Devices
|
SST13LP01-QDF-K SST13LP01 SST13LP01-QDF |
2.4-2.5 GHz / 4.9-5.8 GHz Dual-Band Power Amplifier
|
SST[Silicon Storage Technology, Inc]
|
M74HC352B1R M74HC353M1R M54HC352 M54HC352B1R M54HC |
HC353: DUAL 4 CHANNEL MULTIPLEXER 3 STATE OUTPUT(INV.) HC352: DUAL 4 CHANNEL MULTIPLEXER(INV.) HC353: DUAL 4 CHANNEL MULTIPLEXER 3 STATEOUTPUTINV. HC352: DUAL 4 CHANNEL MULTIPLEXERINV. 12-Bit, 2.5 us Dual DAC, Serial Input, Programmable Settling Time, M temperature 8-CDIP -55 to 125 VDSL Codec 80-LQFP -40 to 85 12-Bit, Single Channel DAC, Parallel, Voltage Out, Low Power, Asynchronous Update 20-SOIC 0 to 70
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
87310B 87300C 87300D 87301B 87300B 87301D 87301C 8 |
87310B Coaxial Hybrid Coupler, 90 Degree, 1 GHz to 18 GHz 87300C Coaxial Directional Coupler, 1 GHz to 26.5 GHz 87300D Coaxial Directional Coupler, 6 to 26.5 GHz 87301B Coaxial Directional Coupler, 10 to 46 GHz 87300B Coaxial Directional Coupler, 1 GHz to 20 GHz 87301D Coaxial Directional Coupler, 1 GHz to 40 GHz 87301C Coaxial Directional Coupler, 10 to 50 GHz 87301E Coaxial Directional Coupler, 2 GHz to 50 GHz
|
Agilent (Hewlett-Packard)
|