PART |
Description |
Maker |
COG-T177MLH-01 |
LCM Module Specification
|
VARITRONIX[Varitronix international limited]
|
JHB4004A |
The JHB4004A is a 40C x 4L Character LCD module. It has a STN panel composed of 200 segments and 32 commons. The LCM can be easily accessed by micro-controller via parallel interface.
|
Jewel Hill Electronic
|
JHB1601A |
The JHB1601A is a 16C x 1L Character LCD module. It has a STN panel composed of 2x40 segments and 16 commons. The LCM can be easily accessed by micro-controller via parallel interface.
|
Jewel Hill Electronic
|
JHB4002A |
The JHB4002A is a 40C x 2L Character LCD module. It has a STN panel composed of 200 segments and 16 commons. The LCM can be easily accessed by micro-controller via parallel interface.
|
Jewel Hill Electronic
|
LCM-5022 LCM-5113 LCM-522 |
LCM-5022
|
List of Unclassifed Manufacturers ETC
|
LM16101 |
Dot Matrix LCM
|
Lampex
|
HYM324000GD-60 HYM324000GD-50 |
4M x 32-Bit Dynamic RAM Module SMALL OUTLINE MEMORY MODULE 4M X 32 FAST PAGE DRAM MODULE, 60 ns, ZMA72 CAP 0.5PF 50V /-0.2PF THIN-FILM SN96/AG4/NI 30PPM TR-7-PA 4M x 32 Bit DRAM Module (SO-DIMM) -4M x 32-Bit Dynamic RAM Module SMALL OUTLINE MEMORY MODULE
|
SIEMENS A G SIEMENS AG SIEMENS[Siemens Semiconductor Group] Infineon
|
HYM324020GL-60 HYM324020GL-50 HYM324020GD-60 HYM32 |
4M x 32 -Bit Dynamic RAM Module SMALL OUTLINE MEMORY MODULE 4M x 32 Bit DRAM Module (SO-DIMM)
|
Infineon
|
WS512K32-70 WS512K32-85 WS512K32-100 WS512K32F-85H |
85ns; 5V power supply; 512K x 32 SRAM module, SMD 5962-94611 512Kx32 SRAM Module(512Kx32???RAM妯″?锛???????0ns锛? 512Kx32 SRAM Module(512Kx32???RAM妯″?锛???????00ns锛? 512Kx32 SRAM Module(512Kx32静态RAM模块(存取时5ns 512Kx32 SRAM Module(512Kx32静态RAM模块(存取时0ns
|
White Electronic Designs Corporation
|
HYM328020GD-60 HYM328020GD-50 |
8M x 32-Bit Dynamic RAM Module SMALL OUTLINE MEMORY MODULE 8M X 32 FAST PAGE DRAM MODULE, 60 ns, ZMA72 8M x 32 Bit DRAM Module (SO-DIMM) -8M x 32-Bit Dynamic RAM Module SMALL OUTLINE MEMORY MODULE
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group] Infineon
|