PART |
Description |
Maker |
28F800B3 TE28F800B3TA110 TE28F008B3B110 TE28F008B3 |
SMART 3 ADVANCED BOOT BLOCK 4- 8- 16- 32-MBIT FLASH MEMORY FAMILY SMART 3 ADVANCED BOOT BLOCK 4-, 8-, 16-, 32-MBIT FLASH MEMORY FAMILY
|
INTEL[Intel Corporation]
|
A28F400BR-TB A28F400BR-B AB28F400BR-T80 AB28F400BR |
4-MBIT (256K X 16/ 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 4-MBIT (256K X 16, 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY Toggle Switch; Circuitry:DPDT; Switch Operation:On-On; Contact Current Max:6A; Actuator Style:Bat; Switch Terminals:Through Hole; Current Rating:3A; Leaded Process Compatible:Yes; Mounting Type:PCB; Features:Standard Actuator RoHS Compliant: Yes 4-MBIT (256K X 16. 512K X 8) SmartVoltage BOOT BLOCK FLASH MEMORY FAMILY 4-Mbit (256K x 16, 512K x 8) SmartVoltage boot block flash memory. Access speed 80 ns
|
Intel Corporation Intel Corp.
|
28F160F3 GT28F160F3B120 DE28F800B3T150 DE28F800B3B |
5V/3.3V or Adjustable, Low-Dropout, Low-IQ, 500mA Linear Regulators 快速启动块闪存6兆比 FAST BOOT BLOCK FLASH MEMORY FAMILY 8 AND 16 MBIT 512K X 16 FLASH 3V PROM, 150 ns, PDSO56 CAP 6800UF 6.3V ELECT FC RADIAL 16MBIT Fast Boot Block Flash Memory(16兆位的快速引导块闪速存储器)
|
Intel Corporation Intel, Corp. Intel Corp.
|
GT28F160B3-T120 GT28F160B3-T150 GT28F400B3-T120 GT |
SMART 3 ADVANCED BOOT BLOCK WORD-WIDE 智能3高级启动块字 SMART 3 ADVANCED BOOT BLOCK WORD-WIDE 1M X 16 FLASH 3V PROM, 150 ns, PBGA48 TRANSFORMER CURRENT 75.0 AMP 智能3高级启动块字 LEAD, N PLG-PLG 50R, 1.2M; Connector type A:N Plug; Connector type B:N Plug; Length, lead:1.2m; Cable type:RG213; Impedance:50R; Coaxial cable type:RG213 RoHS Compliant: Yes
|
http:// Intel, Corp. ON Semiconductor Intel Corp.
|
LH28F320S5H-L |
32M-BIT ( 2Mbit x16 / 4Mbit x8 )Boot Block Flash MEMORY(32M 2Mx16 / 4Mx8 )Boot Block 闪速存储器)
|
Sharp Corporation
|
LH28F160BJHE-TTL90 LHF16J04 |
16M-BIT ( 1Mbit x16 / 2Mbit x8 )Boot Block Flash MEMORY(16M 1Mx16 / 2Mx8 )Boot Block 闪速存储器) Flash Memory 16M (1M × 16/2M × 8)
|
Sharp Corporation Sharp Electrionic Components
|
28F200B5 E28F400B5-B60 E28F400B5-T60 TB28F400B5B80 |
5V Boot Block Flash Memory(5 V 引导块闪速存储器) 512K X 8 FLASH 5V PROM, 70 ns, PDSO48 5 VOLT BOOT BLOCK FLASH MEMORY 1M X 8 FLASH 5V PROM, 80 ns, PDSO48
|
Intel Corp. Intel Corporation
|
M28W160ECT85N1T M28W160ECB85ZB1T M28W160ECB85N1T M |
16 Mbit (1Mb x16/ Boot Block) 3V Supply Flash Memory 16 Mbit (1Mbx16, Boot Block) 3V Supply Flash Memory 16 Mbit (1Mb x16, Boot Block) 3V Supply Flash Memory 16兆位兆x16插槽,引导块V电源快闪记忆
|
ST Microelectronics STMicroelectronics N.V. 意法半导
|
M29W400DT M29W400DT45M1E M29W400DT45M1F M29W400DT4 |
4 Mbit (512Kb x8 or 256Kb x16 Boot Block) 3V Supply Flash Memory 4 Mbit (512Kb x8 or 256Kb x16 / Boot Block) 3V Supply Flash Memory 4 Mbit (512Kb x8 or 256Kb x16, Boot Block) 3V Supply Flash Memory 4兆位12KB的x856Kb的x16插槽,引导块V电源快闪记忆
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics 意法半导 STMicroelectronics N.V.
|
M50FW002 8499 M50FW002K5T M50FW002K M50FW002K1 M50 |
2 MBIT (256KB X8, BOOT BLOCK) 3V SUPPLY FIRMWARE HUB FLASH MEMORY 2 MBIT (256KB X8, BOOT BLOCK) 3V SUPPLY FIRMWARE HUB FLASH MEMORY From old datasheet system 2 MBIT 256KB X8, BOOT BLOCK 3V SUPPLY FIRMWARE HUB FLASH MEMORY
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
M29F102BB35K1T M29F102BB35N1T M29F102BB45K1T M29F1 |
1 Mbit 64Kb x16, Boot Block Single Supply Flash Memory 1兆位64Kb的x16插槽,启动座单电源闪 1 Mbit 64Kb x16 / Boot Block Single Supply Flash Memory 1 Mbit (64Kb x16, Boot Block) Single Supply Flash Memory
|
STMicroelectronics N.V. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
LXT971ABE M25P64-VME6P M25P64-VMF6P M27C400206 M27 |
Series One Watt Zeners 64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface 4 Mbit (256Kb x16) UV EPROM and OTP EPROM 8 Mbit 1Mb x8 Low Voltage UV EPROM and OTP EPROM 64 Mbit (4Mbx16, Boot Block) 3V Supply Flash memory 4 Mbit (512Kb x8 or 256Kb x16, Boot Block) single supply Flash memory 5V or 3V NVRAM Supervisor for Up to 8 LPSRAMs Serial access Real-Time Clock with alarm
|
1N4728A STMICROELECTRONICS[STMicroelectronics]
|