PART |
Description |
Maker |
UF3A-UF3M HS3A-HS3M UF3A |
SURFACE MOUNT HIGH EFFICIENCY (ULTRA FAST) GLASS PASSIVATED RECTIFIERS Glass High Efficiency Rectifiers Glass Ultrafast Recovery Rectifiers
|
HY ELECTRONIC CORP.
|
1N5985B ON0014 1N6003B 1N5993B 1N5992B 1N5987B 1N5 |
3.3 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 6.2 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35玻璃封装,5.6V齐纳电压,齐纳稳压二极管) 5.6 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35玻璃封装,6.8V齐纳电压,齐纳稳压二极管) 6.8 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35玻璃封装,12V齐纳电压,齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35玻璃封装,15V齐纳电压,齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35玻璃封装,18V齐纳电压,齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35玻璃封装,10V齐纳电压,齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35玻璃封装,2.4V齐纳电压,齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35玻璃封装,4.3V齐纳电压,齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35玻璃封装,3.3V齐纳电压,齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35玻璃封装,3V齐纳电压,齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35玻璃封装,4.7V齐纳电压,齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35玻璃封装,5.1V齐纳电压,齐纳稳压二极管) 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35玻璃封装,13V齐纳电压,齐纳稳压二极管) From old datasheet system 500 mW DO-35 Glass Zener Voltage Regulator Diode(500 mW DO-35?荤?灏??,6.2V榻?撼?靛?锛??绾崇ǔ??????)
|
MOTOROLA INC ON Semiconductor
|
DF15005S DF1501S |
SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS SINGLE-PHASE GLASS BRIDGE
|
CHENG-YI ELECTRONIC CO., LTD.
|
1N4007G |
GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER, Reverse Voltage - 50 to 1300 Volts, Forward Current - 1.0Amperes TECHNICAL SPECIFICATIONS OF GLASS PASSIVATED RECTIFIER
|
Chenyi Electronics http://
|
RU2AG RU2BG RU2DG RU2GG RU2JG RU2KG RU2MG |
Ultra Fast Recovery Pack: DO-15 FULTRAFAST EFFICIENT GLASS PASSIVATED JUNCTION RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A (RU2AG - RU2MG) FULTRAFAST EFFICIENT GLASS
|
Gulf Semiconductor
|
20KW256A 20KW160 20KW160A 20KW216 20KW216A 20KW240 |
256.00V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 160.00V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 216.00V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 240.00V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 120.00V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 192.00V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 112.00V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 300.00V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 204.00V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 232.00V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 280.00V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 172.00V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 180.00V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor 144.00V; 5mA ;15000W peak pulse power; glass passivated junction transient voltage suppressor
|
MDE Semiconductor
|
15KPJ45 15KPJ45A 15KPJ45C 15KPJ45CA 15KPJ58 15KPJ5 |
Glass passivated junction transient voltage suppressor. Vrwm = 210 V. Vbr(min/max) = 231/296.1 V @ It = 1.0 mA. Ir = 5 uA. Vc = 376 V @ Ipp = 40 A. Glass passivated junction transient voltage suppressor. Vrwm = 190 V. Vbr(min/max) = 209/243.2 V @ It = 1.0 mA. Ir = 5 uA. Vc = 308 V @ Ipp = 49 A. Glass passivated junction transient voltage suppressor. Vrwm = 220 V. Vbr(min/max) = 242/310.2 V @ It = 1.0 mA. Ir = 5 uA. Vc = 394 V @ Ipp = 38 A. Glass passivated junction transient voltage suppressor. Vrwm = 110 V. Vbr(min/max) = 122/154.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 196 V @ Ipp = 77 A. Glass passivated junction transient voltage suppressor. Vrwm = 160 V. Vbr(min/max) = 178/205.0 V @ It = 5.0 mA. Ir = 10 uA. Vc = 259 V @ Ipp = 58 A. Glass passivated junction transient voltage suppressor. Vrwm = 160 V. Vbr(min/max) = 178/226.0 V @ It = 5.0 mA. Ir = 10 uA. Vc = 287 V @ Ipp = 52 A. Glass passivated junction transient voltage suppressor. Vrwm = 130 V. Vbr(min/max) = 144/182.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 231 V @ Ipp = 65 A. Glass passivated junction transient voltage suppressor. Vrwm = 120 V. Vbr(min/max) = 133/169.0 V @ It = 5.0 mA. Ir = 10 uA. Vc = 214 V @ Ipp = 70 A. GLASS PASSIVATED JUNCTION TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE- 17 to 220 Volts 15000 Watt Peak Pulse Power) 玻璃钝化结瞬态(电压抑制电压20伏特175000脉冲峰值功率) GLASS PASSIVATED JUNCTION TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE- 17 to 220 Volts 15000 Watt Peak Pulse Power) 玻璃钝化结瞬态(电压抑制电压20伏特75000脉冲峰值功率) GLASS PASSIVATED JUNCTION TRANSIENT (VOLTAGE SUPPRESSOR VOLTAGE- 17 to 220 Volts 15000 Watt Peak Pulse Power) 玻璃钝化结瞬态(电压抑制电压220伏特75000脉冲峰值功率) Glass passivated junction transient voltage suppressor. Vrwm = 120 V. Vbr(min/max) = 133/153.0 V @ It = 5.0 mA. Ir = 10 uA. Vc = 193 V @ Ipp = 78 A. Glass passivated junction transient voltage suppressor. Vrwm = 130 V. Vbr(min/max) = 144/165.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 209 V @ Ipp = 72 A. Glass passivated junction transient voltage suppressor. Vrwm = 170 V. Vbr(min/max) = 189/217.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 275 V @ Ipp = 55 A. Glass passivated junction transient voltage suppressor. Vrwm = 110 V. Vbr(min/max) = 122/140.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 177 V @ Ipp = 85 A. Glass passivated junction transient voltage suppressor. Vrwm = 170 V. Vbr(min/max) = 189/239.5 V @ It = 5.0 mA. Ir = 10 uA. Vc = 304 V @ Ipp = 49 A. Glass passivated junction transient voltage suppressor. Vrwm = 190 V. Vbr(min/max) = 209/267.4 V @ It = 1.0 mA. Ir = 5 uA. Vc = 340 V @ Ipp = 44 A. Glass passivated junction transient voltage suppressor. Vrwm = 210 V. Vbr(min/max) = 231/296.1 V @ It = 1.0 mA. Ir = 5 uA. Vc = 340 V @ Ipp = 44 A.
|
Pan Jit International I... PANJIT[Pan Jit International Inc.] PanJit International Inc. PanJit International, Inc.
|
BYV27100 BYV27150 BYV27200 BYV2750 BYV27 DIODESINC |
200V; 2.0A super-fast glass body rectifier 150V; 2.0A super-fast glass body rectifier 100V; 2.0A super-fast glass body rectifier 2.0A SUPER-FAST GLASS BODY RECTIFIER 安培的电流超快速整流玻璃钢车身
|
DIODES[Diodes Incorporated] Diodes Inc. Diodes, Inc.
|
RU2GGF RU2JGF RU2AGF RU2BGF RU2DGF |
Ultra Fast Recovery Pack: DO-15 SINTERED GLASS JUNCTION FAST SWITCHING PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A (RU2AGF - RU2JGF) SINTERED GLASS JUNCTION
|
Gulf Semiconductor
|
MP1510 MP1505 MP1507 MP1503 MP154 MP158 MP151 MP15 |
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 15 Amperes) 单相玻璃钝化硅桥式整流器(电压范50000伏特,电流十五安培) (MP1505 - MP1510) SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (MP151 - MP1510) SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
|
RECTRON[Rectron Semiconductor]
|
S3K-13 S3MB |
Glass Passivated Die Construction 3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
|
Diodes Incorporated
|
LA120X1-1 LA120X1_2-1 LA120X10-1 LA120X15-1 LA120X |
Fuses, 5A 250V F IEC GLASS LEAD LA120X半导体保险丝 Fuses, 3.15A 250V F IEC GLASS 5X20 LA120X Semiconductor Fuses
|
Littelfuse, Inc. LITTELFUSE[Littelfuse]
|