PART |
Description |
Maker |
ADG201HS ADG201HSAQ ADG201HSBQ ADG201HSJN ADG201HS |
LC-2MOS ± 15 V High Speed, Quad SPST Switch LC<SUP>2</SUP>MOS ± 15 V High Speed, Quad SPST Switch SPSTAnalogSwitch
LC2MOS HIGH SPEED, QUAD SPST SWITCH LC2MOS HIGH SPEED/ QUAD SPST SWITCH Circular Connector; No. of Contacts:66; Series:LJT06R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:19; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:19-66 SPST Analog Switch QUAD 1-CHANNEL, SGL POLE SGL THROW SWITCH, CDIP16 LC2MOS 15 V High Speed, Quad SPST Switch Quad SPST Switch(LC2MOS楂?????????峰???
|
ANALOG DEVICES INC AD[Analog Devices] Analog Devices, Inc.
|
SP26LV431CN SP26LV431CP SP26LV431 |
High Speed, 3.3V Quad RS-422 Differential Line Driver 高速,3.3V的四路RS - 422差分线路驱动
|
SIPEX[Sipex Corporation]
|
LTC2440CGN LTC2440IGN LTC2440 |
24-Bit High Speed Differential delta-sigma ADC with Selectable Speed/Resolution
|
LINER[Linear Technology]
|
MC100EP16VA MC100EP17 MC100EP29 MC100EP35 MC100EP4 |
3.3V / 5V ECL Differential Receiver/Driver with High Gain 3.3V / 5V ECL Quad Differential Driver/Receiver 3.3V / 5V ECL Dual Differential Data and Clock D Flip?Flop With Set and Reset 3.3V / 5V ECL JK Flip?Flop 3.3V/5V ECL 8?Bit Serial/Parallel Converter 3.3V / 5V ECL Differential Data and Clock D Flip?Flop 3.3V / 5V ECL 4:1 Differential Multiplexer 3.3V / 5V ECL 2:1 Multiplexer 9?Bit TTL to ECL Translator 3.3V / 5V ECL 8?Bit Synchronous Binary Up Counter 3.3V / 5V ECL 2?Input Differential AND/NAND 3.3V / 5V ECL Quad 4?Input OR/NOR 3.3V / 5V ECL Quad 2?Input Differential AND/NAND 3.3 V / 5 V Hex Differential Line Receiver/Driver 3.3V / 5V ECL 1:2 Differential Fanout Buffer 3.3V / 5V ECL 卤2/4, 卤4/5/6 Clock Generation Chip 3.3V / 5V ECL Differential Receiver/Driver with Internal Termination 3.3V ECL Programmable Delay Chip 3.3V / 5V ECL D Flip?Flop with Set and Reset 3.3V / 5V ECL 卤2 Divider 3.3V / 5V ECL 卤4 Divider 3.3 V/5 V 8-Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter 3.3V / 5V ECL 6?Bit Differential Register with Master Reset 3.3V / 5V ECL D Flip?Flop with Reset and Differential Clock 3.3V / 5V ECL Dual Differential 2:1 Multiplexer 3.3V / 5V ECL Coaxial Cable Driver ?3.3V / ?5V Triple ECL Input to LVPECL/PECL Output Translator 3.3V LVTTL/LVCMOS to Differential LVPECL Translator
|
ONSEMI[ON Semiconductor]
|
ADM238LAN ADM238LAQ ADM238LAR ADM230L-ADM241L ADM2 |
5 V Powered CMOS RS-232 Drivers/Receivers ARRAY NPN TRANS/SW DIODE SOT363 ARRAY PNP TRANS/SW DIODE SOT363 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors DUAL LINE TRANSCEIVER, PDIP14 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors DUAL LINE TRANSCEIVER, PDIP16 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors QUAD LINE DRIVER, PDSO16 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 5 LINE TRANSCEIVER, PDIP24 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors TRIPLE LINE TRANSCEIVER, PDIP24 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors DUAL LINE TRANSCEIVER, PDSO16 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 5 LINE DRIVER, PDSO20 388 PIN 1.0MM BGA/LGA ZI QUAD LINE DRIVER, PDIP16 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors TRIPLE LINE TRANSCEIVER, PDSO24 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 5V的高速RS - 232收发器与0.1uF电容 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors DUAL LINE TRANSCEIVER, PDIP20
|
Analog Devices, Inc. http://
|
LT1058AMJ LT1058MJ LT1058ISW LT1058CN LT1058SW LT1 |
Dual and Quad, JFET Input Precision High Speed Op Amps Dual and Quad, JFET Input Precision High Speed Op Amps; Package: PDIP; No of Pins: 14; Temperature Range: 0°C to 70°C QUAD OP-AMP, 1800 uV OFFSET-MAX, 5 MHz BAND WIDTH, PDIP14
|
Linear Technology, Corp.
|
HS0-26C32RH-Q HS1-26C32RH/PROTO |
Quad Differential Line Receiver; Temperature Range: -55°C to 125°C; Package: Die (Military Visual) QUAD LINE RECEIVER, UUC16 Radiation Hardened Quad Differential Line Receiver QUAD LINE RECEIVER, CDIP16
|
Intersil, Corp.
|
74VHC125 HC125 74VHC125SJX 74VHC125M 74VHC125MTC 7 |
Quad Buffer with 3-STATE Outputs Small Signal Bipolar Transistor; Collector Emitter Voltage, Vceo:80V; Transistor Polarity:Dual P Channel; C-E Breakdown Voltage:80V; DC Current Gain Min (hfe):25; Package/Case:TO-92; Collector Base Voltage:80V Low Cost, High Speed Differential Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: Industrial Quad Buffer with 3-STATE Outputs AHC/VHC SERIES, QUAD 1-BIT DRIVER, TRUE OUTPUT, PDIP14
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
HIN14C89ECBN FN4647 HIN14C89ECP HIN14C89E |
5V High-Speed RS-232 Transceivers with 0.1uF Capacitors 5V的高RS - 232收发器与0.1uF电容 5V High-Speed RS-232 Transceivers with 0.1uF Capacitors QUAD LINE RECEIVER, PDIP14 Low Power Quad RS-232 Receiver From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
HI1-0201HS-4 HI201HS HI9P0201HS-5 HI9P0201HS-9 HI3 |
High Speed, Quad SPST, CMOS Analog Switch High Speed/ Quad SPST/ CMOS Analog Switch Flash 8Mb PROM (ST Micro),
|
http:// INTERSIL[Intersil Corporation] HARRIS SEMICONDUCTOR
|
ATF16LV8C ATF16LV8C-10JC ATF16LV8C-10JI ATF16LV8C- |
High Speed CMOS Logic Quad Buffers with 3-State Outputs 14-SOIC -55 to 125 FLASH PLD, 10 ns, PDSO20 High Speed CMOS Logic Quad Schmitt-Triggered 2-Input NAND Gates 14-PDIP -55 to 125 FLASH PLD, 15 ns, PDSO20 High- Performance EE PLD FLASH PLD, 10 ns, PQCC20 High Speed CMOS Logic Quad Schmitt-Triggered 2-Input NAND Gates 14-SOIC -55 to 125
|
Atmel, Corp. Atmel Corp. ATMEL[ATMEL Corporation]
|
MSK130 |
ULTRA HIGH VOLTAGE HIGH SPEED DIFFERENTIAL OP-AMP
|
MSK[M.S. Kennedy Corporation]
|