PART |
Description |
Maker |
AV9155 AV9155-01W20 AV9155-02M20 AV9155-23M20 AV91 |
5015 RR 4#8 PIN RECP 5015 RR 8#12 PIN RECP RoHS Compliant: No 5015 RR 4#12 SKT RECP MB 12C 8#20 4#16 PIN RECP 15K 1% 1/8W 0805 High-Performance Impact<TM> PAL<R> Circuits 24-CDIP -55 to 125 Low Cost 20-Pin Frequency Generator 低成20引脚频率发生 5015 RR 4#12 PIN RECPT 低成0引脚频率发生 5015 RR 4#8 SKT RECP 低成0引脚频率发生 Low Cost 20-Pin Frequency Generator 低成0引脚频率发生 5015 RR 3#8 PIN PLUG 低成0引脚频率发生 MB 8C 8#20 SKT RECP 低成0引脚频率发生 ZB 20,3:UNPRINTED 低成0引脚频率发生 Low-cost 20-pin frequency generator
|
Integrated Circuit Syst... ICST[Integrated Circuit Systems] Bourns, Inc. Glenair, Inc. Integrated Device Technology
|
155.0892.5751 155.0892.5501 155.0892.6121 155.0892 |
CF8-Fuse links for rated voltage up to 58 V CF8用于额定电压58保险丝链 TV 37C 37#22D SKT RECP CF8用于额定电压58保险丝链 Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TV07; Number of Contacts:37; Connector Shell Size:15; Connecting Termination:Crimp; Circular Shell Style:Jam Nut Receptacle; Body Style:Straight TV 19C 19#20 SKT RECP TV 18C 18#20 PIN RECP Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TV07; No. of Contacts:37; Connector Shell Size:15; Connecting Termination:Crimp; Circular Shell Style:Jam Nut Receptacle; Body Style:Straight TV 18C 18#20 SKT RECP
|
Molex, Inc. Littelfuse, Inc. LITTELFUSE[Littelfuse]
|
5962-9210901HZX ATW2805D ATW2805D_CH ATW2805D_ES A |
Hi-Rel DC-DC Standard Dual Converter in a ATW package 高可靠性的DC - DC标准在ATW包双转换 ER 3C 1#16 2#8 SKT RECP BOX 先进的模拟混合,高度可靠的DC / DC转换 ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS 先进的模拟混合,高度可靠的DC / DC转换 ER 24C 24#16 PIN RECP ER 24C 24#16 SKT RECP AC 9C 6#12 3#8 SKT RECP BOX DC to DC Converter ER 7C 7#8 SKT RECP BOX ER 7C 7#8 PIN RECP From old datasheet system
|
International Rectifier, Corp. http:// IRF[International Rectifier]
|
AG6M AG6K AG6A AG6B AG6D AG6G AG6J |
Silicon Rectifier Cells with polysiloxan passivation LJT 18C 14#22D 4#8(TWIN) SK RE LJT 11C 11#16 PIN JAM RECP Circular Connector; No. of Contacts:11; Series:MS27468; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:19; Circular Contact Gender:Pin; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:19-11 RoHS Compliant: No LJT 11C 11#16 SKT WALL RECP Contact Gender:Socket; Circular Shell Style:Jam Nut Receptacle; Insert Arrangement:19-18 RoHS Compliant: No
|
Diotec Elektronische DIOTEC[Diotec Semiconductor] Diotec Semiconductor AG
|
MM002-10 MM002-10U MM002-XX MM002-06 MM002-06U MM0 |
3 PHASE DIODE BRIDGE 3 PHASE, 50 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE PT 18C 18#20 PIN RECP 3 Phase Bridge
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
MT8888CP1 MT8888CN1 ZARLINKSEMICONDUCTORINC-MT8888 |
Integrated DTMF Transceiver with Intel Micro Interface ER 5C 5#16S PIN RECP WALL CB 5C 5#12 PIN RECP WALL
|
Zarlink Semiconductor Inc.
|
K9F5608U0A-YCB0 K9F5608U0A-YIB0 |
TV 16C 16#16 PIN RECP TV 79C 79#22D PIN RECP
|
SAMSUNG SEMICONDUCTOR CO. LTD.
|
ASBI0V0BF-1005 ASB0240 ASBI0V0BD-0603 ASB0240BD AS |
40 V, 200 mA, SMD schottky barrier diode ER 6C 6#16 PIN RECP LINE ER 5C 5#12 PIN RECP LINE
|
ANACHIP[Anachip Corp] ETC
|
AMS1004-25AL AMS1004-25AN AMS1004-25AS AMS1004-25B |
2.5V Two-terminal micropower band-gap voltage reference diode MICROPOWER VOLTAGE REFERENCE JT 55C 55#22D SKT WALL RECP JT 55C 55#22D PIN RECP JT 55C 55#22M SKT RECP JT 6C 6#12 PIN RECP 微功耗电压参 JT 55C 55#22D SKT RECP 微功耗电压参
|
Advanced Monolithic Sys... ADMOS[Advanced Monolithic Systems] Advanced Monolithic Systems, Inc.
|
08003GOA 08003GOB 08003GOC 08003GOD 08004GOB 08004 |
TV 32C 32#20 SKT PLUG TV 32C 32#20 PIN PLUG RECP TV 15C 15MIX PIN PLUG RECP TV 28C 26#20 2#16 PIN PLUG REC Silicon Controlled Rectifier
|
Microsemi Corporation
|
API860G API860 |
GT 14C 14#16 SKT RECP LINE 单芯片的高品质的语音合成器集成电 GT 54C 54#16 PIN RECP single chip high quality voice synthesizer IC
|
Aplus Integrated Circuits Inc. Apuls Intergrated Circuits Aplus Intergrated Circuits
|
ATS137-WLA-B ATS137B-WLA-B ATS137A-WLA-B ATS137 AT |
ER 3C 3#8 SKT RECP BOX ER 9C 8#16 1#12 PIN RECP ER 2C 2#8 PIN RECP Single Hall Effect Switch 单霍尔效应开 3.5 to 20 V, single hall effect switch
|
http:// ANACHIP[Anachip Corp]
|