PART |
Description |
Maker |
VKO55-14IO7 VKO55-16IO7 VKO55-12IO7 VGO55-08IO7 VG |
Single Phase Rectifier Bridge 41 A, 1600 V, SCR Single Phase Rectifier Bridge 41 A, 1400 V, SCR Single Phase Rectifier Bridge 41 A, 1200 V, SCR Single Phase Rectifier Bridge 41 A, 800 V, SCR Power Modules/Rectifier Bridge Modules: Single Phase Half-control Bridges / Single Phase, Full-control Rectifier Bridges
|
IXYS, Corp. IXYS[IXYS Corporation]
|
VHF36-08IO5 VHF36-12IO5 VHF36-14IO5 VHF36-16IO5 L0 |
Half Controlled Single Phase Rectifier Bridge 28 A, 1400 V, SCR Half Controlled Single Phase Rectifier Bridge 28 A, 1200 V, SCR Half Controlled Single Phase Rectifier Bridge with Freewheeling Diode(VRRM00-1600V的半桥控制单相位整流带自由滑动的二极管)) Power Modules/Rectifier Bridge Modules: Single Phase Half-control Bridges / Single Phase, Full-control Rectifier Bridges
|
IXYS, Corp. IXYS[IXYS Corporation]
|
VHF125 VHF125-12IO7 VHF125-14IO7 VHF125-16IO7 VHF8 |
Half Controlled Single Phase Rectifier Bridge, B2HKF 58 A, 1200 V, SCR Half Controlled Single Phase Rectifier Bridge with Freewheeling Diode(VRRM200-1600V的半桥控制单相位整流带自由滑动的二极管)) Half Controlled Single Phase Rectifier Bridge/ B2HKF Power Modules/Rectifier Bridge Modules: Single Phase Half-control Bridges / Single Phase, Full-control Rectifier Bridges
|
IXYS, Corp. IXYS[IXYS Corporation]
|
FAN8460MTCX FAN8460MPX FAN8460MTC FAN8460MP |
DC Cooling Fan Single phase PWM driver Single Phase Full Wave BLDC Motor Driver with Variable Speed Control
|
FAIRCHILD[Fairchild Semiconductor]
|
VHFD16-14IO1 VHFD16-16IO1 VHFD16 VHFD16-08IO1 VHFD |
VOLTAGE TESTER NONCONTACT; 15 A, 1400 V, SCR Half Controlled Single Phase Rectifier Bridge Power Modules/Rectifier Bridge Modules: Single Phase Half-control Bridges / Single Phase, Full-control Rectifier Bridges
|
IXYS, Corp. IXYS[IXYS Corporation]
|
FRR-XX |
EMC Filters - Single-Phase Filters - FR/FRR Single Phase Chasis Panel Mounting
|
Premo
|
1210A 1206A 1202A 1210UFA 1202FA 1202UFA 1206FA 12 |
200 V - 1,000 V Single Phase Bridge 3.0 A Forward Current 70 ns - 3000 ns Recovery Time 200 V - 1000 V Single Phase Bridge
|
VMI[Voltage Multipliers Inc.] ETC[ETC]
|
GBPC3512W GBPC2512A GBPC2512W GBPC3512 GBPC3512A G |
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER SINGLE PHASE BRIDGE
|
General Semiconductor IRF[International Rectifier]
|
NJU7328 NJU7328RB1 |
Wrist Strap Ground Cord, 5 ft. Coiled, 4 mm Snap End SINGLE PHASE DC BRUSHLESS MOTOR DRIVER IC From old datasheet system Single-phase DC Brushless Motor Driver IC
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|
P-1240-01X P-1240-016 P-1240-017 |
Single Phase & 3-Phase Blocking Filters
|
PREMO CORPORATION S.L
|
5500.2031 5500.2032 5500.2033 5500.2072 5500.2074 |
AC Filter Cost Optimized Single Phase RFI Line Filter; Mounting Type: Chassis Module; Voltage Rating: 250V; Current Rating: 16A; Leakage Current Rating: 0.5 mA 250 V, 60 HZ, SINGLE PHASE EMI FILTER
|
Schurter Inc. SCHURTER AG
|