PART |
Description |
Maker |
ZGP323HEP2032C ZGP323HSP4032C ZGP323HEH4832C ZGP32 |
IC Z8 GP MCU 32K OTP 20DIP 8-BIT, OTPROM, 8 MHz, MICROCONTROLLER, PDIP20 IC Z8 GP MCU 32K OTP 40DIP 8-BIT, OTPROM, 8 MHz, MICROCONTROLLER, PDIP40 IC Z8 GP MCU 32K OTP 48SSOP 8-BIT, OTPROM, 8 MHz, MICROCONTROLLER, PDSO48 IC Z8 GP MCU 32K OTP 28SOIC 8-BIT, OTPROM, 8 MHz, MICROCONTROLLER, PDSO28 IC Z8 GP MCU 32K OTP 28SSOP 8-BIT, OTPROM, 8 MHz, MICROCONTROLLER, PDSO28
|
ZiLOG, Inc.
|
ST6252B ST6262BM3 ST6262BM1 ST6262BB3 ST6262BB6 |
8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, AUTO-RELOAD TIMER AND EEPROM 8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, AUTO-RELOAD TIMER AND EEPROM 8位检察官办公存储器与阿微控制 D转换器,自动重加载定时器和EEPROM (ST6252B / ST6262B) 8-BIT OTP/EPROM MCUs
|
STMicroelectronics N.V. ST Microelectronics
|
SC83C451CGA68 SC80C451CGA68 87C451 SC87C451CCA68 S |
DUAL LOW-LEAKAGE PICO AMP DIODE TO72 80C51位单片机系列4K/128检察官办公光盘/无ROM,扩展的I / O 80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless/ expanded I/O 80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless, expanded I/O
|
NXP Semiconductors N.V. Philips Semiconductors
|
M27V256 M27V256-100B1TR M27V256-100B6TR M27V256-10 |
NND - 256 KBIT (32KB X8) LOW VOLTAGE UV EPROM AND OTP EPROM 2 Mbit 256Kb x 8 Low Voltage UV EPROM and OTP EPROM 256 Kbit 32Kb x 8 Low Voltage UV EPROM and OTP EPROM 256 Kbit (32Kb x 8) Low Voltage UV EPROM and OTP EPROM From old datasheet system 2.5-V/3.3-V 16-Bit Edge-Triggered D-Type Flip-Flops With 3-State Outputs 48-SSOP -40 to 85 2.5-V/3.3-V 16-Bit Edge-Triggered D-Type Flip-Flops With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 2.5-V/3.3-V 16-Bit Transparent D-Type Latches With 3-State Outputs 56-BGA MICROSTAR JUNIOR -40 to 85 2.5-V/3.3-V 18-Bit Universal Bus Transceiver With 3-State Outputs 56-SSOP -40 to 85 2.5-V/3.3-V 16-Bit Edge-Triggered D-Type Flip-Flops With 3-State Outputs 48-TSSOP -40 to 85 256千位2KB × 8低压紫外线可擦写可编程只读存储器和OTP存储
|
SGS Thomson Microelectronics ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导 STMicroelectronics N.V.
|
ST6280BQ6/GEN ST62T80BQ6 |
ST62T80B/ST62E80B/ST6280B - 8-BIT OTP/EPROM/ROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER 8-BIT MICROCONTROLLER (MCU) WITH 8K OTP, ROM, EPROM, FASTROM WITH LCD DRIVER, EEPROM AND A/D CONVERTER, 100 PINS
|
ST Microelectronics
|
HN27C256H HN27C256HFP-10T HN27C256HFP-85T HN27C256 |
256K (32K x 8-bit) UV and OTP EPROM, 70ns 256K (32K x 8-bit) UV and OTP EPROM, 85ns 256K (32K X 8-BIT) UV AND OPT EPROM
|
Hitachi Semiconductor
|
ST62E30B ST6230BB1 |
8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, 16-BIT AUTO-RELOAD TIMER, EEPROM, SPI AND UART
|
http:// 意法半导
|
87C552 S87C552-5A68 S87C552-4A68 S87C552-4BA |
80C51 8-bit microcontroller 8K/256 OTP, 8 channel 10 bit A/D, I2C, PWM, capture/compare, high I/O
|
PHILIPS[Philips Semiconductors]
|
87C748 P87C748EBAA P87C748EBDDB P87C748EBPN P83C74 |
80C51 8-bit microcontroller family 2K/64 OTP/ROM, low pin count 8-BIT, MROM, 16 MHz, MICROCONTROLLER, PDSO24 80C51 8-bit microcontroller family 2K/64 OTP/ROM/ low pin count
|
NXP Semiconductors N.V. Philips Semiconductors
|
ST62T32B 4990 ST62E32B ST6232B ST6232BB1 ST6232BB3 |
From old datasheet system 8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, 16-BIT AUTO-RELOAD TIMER, EEPROM, SPI AND UART
|
STMICROELECTRONICS[STMicroelectronics]
|