PART |
Description |
Maker |
SDC-361 SDC362 SDC361 |
(SDC-361 / SDC-362) 16-Bit 2 Speed Synchro to Digital and Resolver to Digital Converter (SDC361 / SDC362) 16-Bit 2 Speed Synchro to Digital and Resolver to Digital Converter
|
DDC
|
0022286252 22-28-6252 |
2.54mm (.100") Pitch KK庐 Header, Breakaway, Right Angle, 25 Circuits, 0.38渭m (15渭") Gold (Au) Selective Plating, Mating Pin Length 9.17mm (.361") 2.54mm (.100) Pitch KK? Header, Breakaway, Right Angle, 25 Circuits, 0.38μm (15μ) Gold (Au) Selective Plating, Mating Pin Length 9.17mm (.361)
|
Molex Electronics Ltd.
|
NTNS3164NZ NTNS3164NZ13 NTNS3164NZT5G |
Small Signal MOSFET 20 V, 361 mA, Single N.Channel, SOT.883 (XDFN3) 1.0 x 0.6 x 0.4 mm Package
|
ON Semiconductor
|
0022286250 22-28-6250 |
2.54mm (.100") Pitch KK庐 Header, Breakaway, Right Angle, 25 Circuits, Tin (Sn) Plating, Mating Pin Length 9.17mm (.361") 2.54mm (.100) Pitch KK? Header, Breakaway, Right Angle, 25 Circuits, Tin (Sn) Plating, Mating Pin Length 9.17mm (.361)
|
Molex Electronics Ltd.
|
42376-0014 22-28-6140 |
2.54mm (.100) Pitch KK? Header, Breakaway, Right Angle, 14 Circuits, Tin (Sn) Plating, Mating Pin Length 9.17mm (.361) 2.54mm (.100") Pitch KK垄莽 Header, Breakaway, Right Angle, 14 Circuits, Tin (Sn) Plating, Mating Pin Length 9.17mm (.361")
|
Molex Electronics Ltd.
|
42376-0006 22-28-6060 0022286060 |
2.54mm (.100) Pitch KK? Header, Breakaway, Right Angle, 6 Circuits, Tin (Sn) Plating, Mating Pin Length 9.17mm (.361) 2.54mm (.100") Pitch KK垄莽 Header, Breakaway, Right Angle, 6 Circuits, Tin (Sn) Plating, Mating Pin Length 9.17mm (.361")
|
Molex Electronics Ltd.
|
22-28-6220 0022286220 |
2.54mm (.100) Pitch KK? Header, Breakaway, Right Angle, 22 Circuits, Tin (Sn) Plating, Mating Pin Length 9.17mm (.361)
|
Molex Electronics Ltd. http://
|
22-28-6062 |
2.54mm (.100) Pitch KK? Header, Breakaway, Right Angle, 6 Circuits, 0.38μm (15μ) Gold (Au) Selective Plating, Mating Pin Length 9.17mm (.361)
|
Molex Electronics Ltd.
|
22-28-6042 0022286042 |
2.54mm (.100) Pitch KK? Header, Breakaway, Right Angle, 4 Circuits, 0.38μm (15μ) Gold (Au) Selective Plating, Mating Pin Length 9.17mm (.361)
|
Molex Electronics Ltd.
|
42376-0039 |
2.54mm (.100") Pitch KK垄莽 Header, Breakaway, Right Angle, 4 Circuits, 0.38楼矛m (15楼矛") Gold (Au) Selective Plating, Mating Pin Length 9.17mm (.361")
|
Molex Electronics Ltd.
|
0022287050 22-28-7050 42376-0215 |
2.54mm (.100) Pitch KK? Header, Breakaway, Right Angle, 5 Circuits, Tin (Sn) Plating, Mating Pin Length 9.17mm (.361), with Kinked PC Tails MOLEX Connector
|
Molex Electronics Ltd.
|
|