PART |
Description |
Maker |
MUN2111 MUN2112 MUN2113 |
(MUN2111 Series) Bias Resistor Transistor PNP Silicon
|
Weitron Technology
|
MUN5111DW |
(MUN5111DW Series) Dual Bias Resistor Transistor PNP Silicon
|
Weitron Technology
|
BC490A BC490-D BC490AZL1 |
TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 1A I(C) | TO-92 From old datasheet system High Current Transistors PNP Silicon PNP Silicon Plastic Transistor
|
ON Semiconductor
|
2SB1624 |
Silicon PNP Epitaxial Planar Transistor(Audio/ Series Regulator and General Purpose) Silicon PNP Epitaxial Planar Transistor(Audio Series Regulator and General Purpose) Silicon PNP Epitaxial Planar Transistor(Audio, Series Regulator and General Purpose)
|
SANKEN[Sanken electric]
|
DS1013 DS1013-10 DS1013-100 DS1013-12 DS1013-15 DS |
Circular Connector; MIL SPEC:MIL-C-26482, Series I; Body Material:Aluminum Alloy; Series:MS3124; No. of Contacts:10; Connector Shell Size:12; Connecting Termination:Crimp; Circular Shell Style:Jam Nut Receptacle RoHS Compliant: No TRANS PREBIASED PNP 200MW SOT323 RECTIFIER SCHOTTKY SINGLE 5A 20V 175A-Ifsm 0.55Vf 0.5A-IR SMC 3K/REEL Circular Connector; MIL SPEC:MIL-C-26482, Series I, Crimp; Body Material:Metal; Series:MS C-26482 Series I; No. of Contacts:10; Connector Shell Size:12; Connecting Termination:Crimp; Circular Shell Style:Jam Nut Receptacle RoHS Compliant: No 3-in-1 Silicon Delay Line 3硅延迟线 3-in-1 Silicon Delay Line 31硅延迟线 3-in-1 Silicon Delay Line SILICON DELAY LINE, TRUE OUTPUT, PDIP8 SILICON DELAY LINE, TRUE OUTPUT, PDSO16
|
MAXIM - Dallas Semiconductor Dallas Semiconducotr DALLAS[Dallas Semiconductor] EPCOS AG TE Connectivity, Ltd. Maxim Integrated Products, Inc.
|
2N29071ADS-1 2N29071AXC-1 2N29071ADC-1 2N29071ABC- |
600 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP Transistor Schottky Rectifier; Current Rating:30A; Leaded Process Compatible:Yes RoHS Compliant: Yes Circular Connector; No. of Contacts:13; Series:LJT06R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:11; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:11-35 ER 4C 4#16S PIN PLUG SWITCHING TRANSISTOR PNP SILICON 开关晶体管的新进步党硅
|
MICROSEMI CORP-LOWELL http:// Microsemi Corporation Microsemi, Corp.
|
MPS4126 MPS4126RLRA MPS4126-D |
Amplifier Transistor PNP Silicon Small Signal General Purpose PNP AMPLIFIER TRANSISTOR(PNP SILICON)
|
ON Semiconductor
|
UN6123 UNR6123 UN6124 UNR6124 UN6122 UNR6122 UN612 |
TRANSISTOR | 50V V(BR)CEO | 500MA I(C) | SC-71VAR UNR612X Series (UN612X Series) - PNP Transistors with built-in Resistor
|
Matsshita / Panasonic
|
BC807-40LT1 BC807-40LT3G BC807-16LT1 BC807-16LT3 B |
General Purpose Transistors(PNP Silicon) 500 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-236AB Silicon Transistor Plastic
|
ONSEMI[ON Semiconductor]
|
MSB92T1G |
PNP Silicon General Purpose High Voltage Transistor SS SC59 HV XSTR PNP 300V 150 mA, 300 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Rectron Semiconductor
|
2SB1392 |
Silicon PNP Transistor Silicon PNP Triple Diffused
|
Hitachi Semiconductor
|
2SB859 |
Silicon PNP Transistor Silicon PNP Triple Diffused
|
HITACHI[Hitachi Semiconductor]
|