PART |
Description |
Maker |
HM62W8511HCLJP-12 HM62W8511HC HM62W8511HCJP-10 HM6 |
Memory>Fast SRAM>Asynchronous SRAM 4M High Speed SRAM (512-kword x 8-bit) BOX 5.0X1.85X1.0 W/CLP BLK
|
RENESAS[Renesas Electronics Corporation] Renesas Electronics Corporation.
|
GM76U256C GM76U256CE GM76U256CL GM76U256CLE GM76U2 |
x8 SRAM 32K X 8 STANDARD SRAM, 120 ns, PDSO28 x8 SRAM 32K X 8 STANDARD SRAM, 100 ns, PDSO28 32K x8 bit 3.0V Low Power CMOS slow SRAM
|
Hynix Semiconductor, Inc. Hynix Semiconductor Inc.
|
UPD444008 UPD444008LE-12 UPD444008LE-10 UPD444008L |
512K X 8 STANDARD SRAM, 12 ns, PDSO36 0.400 INCH, PLASTIC, SOJ-36 4M-BIT CMOS FAST SRAM 512K-WORD BY 8-BIT
|
NEC Corp.
|
BS62LV8001 BS62LV8001EI BS62LV8001EIP55 BS62LV8001 |
Very Low Power/Voltage CMOS SRAM 1M X 8 bit Very Low Power/Voltage CMOS SRAM 1M X 8 bit 1M X 8 STANDARD SRAM, 70 ns, PBGA48 Very Low Power/Voltage CMOS SRAM 1M X 8 bit 1M X 8 STANDARD SRAM, 55 ns, PBGA48 Aluminum Electrolytic Capacitor; Capacitor Type:High Temperature; Voltage Rating:25VDC; Capacitor Dielectric Material:Aluminum Electrolytic; Operating Temperature Range:-40 C to C; Capacitance:47uF RoHS Compliant: Yes From old datasheet system Asynchronous 8M(1Mx8) bits Static RAM
|
Brilliance Semiconducto... BRILLIANCE SEMICONDUCTOR, INC. BSI[Brilliance Semiconductor]
|
R1RP0408DGE-2PR R1RP0408D R1RP0408DGE-2LR |
4M High Speed SRAM (512-kword 8-bit) 4M High Speed SRAM (512-kword ?8-bit) 4M High Speed SRAM (512-kword ?8-bit) Memory>Fast SRAM>Asynchronous SRAM
|
Renesas Electronics Corporation. RENESAS[Renesas Electronics Corporation]
|
HY62LF16804A-I HY62LF16804A-C HY62LF16804A HY62LF1 |
512K X 16 STANDARD SRAM, 85 ns, PBGA48 High speed, super low power and 8M bit full CMOS SRAM organized as 524,288 words by 16bits 512Kx16bit full CMOS SRAM
|
HYNIX SEMICONDUCTOR INC Nel Frequency Controls,inc
|
UT62L25616MC-55LI UT62L25616BS-55LI UT62L25616BS-5 |
256K X 16 BIT LOW POWER CMOS SRAM 256 × 16位低功耗CMOS SRAM
|
Electronic Theatre Controls, Inc. ETC List of Unclassifed Manufacturers
|
HM628512B HM628512BLP-5SL HM628512BLP-7UL |
4 M SRAM (512-kword ×8-bit)(4 M 静态RAM(512k字) STANDARD SRAM, PDIP32
|
Hitachi,Ltd.
|
UT6164BJC-10 UT6164BJC-8 UT6164BJC-12 UT6164BJC-15 |
32K X 8 BIT HIGH SPEED CMOS SRAM 32K的8位高速CMOS SRAM
|
UTRON Technology Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
BS616UV1010EIP10 BS616UV1010DIG10 BS616UV1010AI10 |
Ultra Low Power CMOS SRAM 64K X 16 bit 超低功耗CMOS SRAM 64K的16
|
BRILLIANCE SEMICONDUCTOR, INC.
|
AS7C31026 AS7C31026-10 AS7C31026-10BC AS7C31026-10 |
5V/3.3V 64K16 CMOS SRAM 8-Bit Parallel-Load Shift Registers 16-SOIC -40 to 85 CONN SOCKET IC 16-PIN SMD 8-Bit Parallel-Load Shift Registers 16-TSSOP -40 to 85 CONN SOCKET IC 18-PIN SMD 8-Bit Parallel-Load Shift Registers 16-SO -40 to 85 64K X 16 STANDARD SRAM, 20 ns, PBGA48 5V/3.3V 64Kx6 CMOS SRAM 5V/3.3V 64Kx6 CMOS SRAM 5V/3.3V 64Kx6 CMOS SRAM 64K X 16 STANDARD SRAM, 12 ns, PDSO44 5V/3.3V 64Kx6 CMOS SRAM 64K X 16 STANDARD SRAM, 15 ns, PDSO44 5V/3.3V 64Kx6 CMOS SRAM 64K X 16 STANDARD SRAM, 20 ns, PDSO44 5V/3.3V 64Kx6 CMOS SRAM 64K X 16 STANDARD SRAM, 20 ns, PBGA48 5V/3.3V 64Kx6 CMOS SRAM 64K X 16 STANDARD SRAM, 10 ns, PDSO44
|
Alliance Semiconductor ... ALSC[Alliance Semiconductor Corporation] ETC[ETC] Alliance Semiconductor, Corp.
|
HT6116 HT6116-70 |
CMOS 2K8-Bit SRAM CMOS 2K??8-Bit SRAM CMOS 2Kx8-Bit SRAM
|
HOLTEK[Holtek Semiconductor Inc]
|