PART |
Description |
Maker |
R5021013 R5030413 R5031413 R5031213 R5031013 R5020 |
Fast Recovery Rectifier (125 Amperes Average 1400 Volts) Fast Recovery Rectifier (125 Amperes Average 1400 Volts) 125 A, 600 V, SILICON, RECTIFIER DIODE, DO-8 Fast Recovery Rectifier (125 Amperes Average 1400 Volts) 快速恢复整流器(一百二十五安培平均1400伏特 Fast Recovery Rectifier (125 Amperes Average 1400 Volts) 125 A, 1400 V, SILICON, RECTIFIER DIODE, DO-8 Fast Recovery Rectifier (125 Amperes Average 1400 Volts) 125 A, 200 V, SILICON, RECTIFIER DIODE, DO-8 1600V, 125A fast recovery single diode
|
Powerex Power Semicondu... POWEREX[Powerex Power Semiconductors] Powerex, Inc.
|
MAX5037EMH MAX5037ETH |
4.75 to 5.5 V or 8 to 28 V, VRM 9.0, dual-phase, parallelable, average current-mode controller VRM 9.0, Dual-Phase, Parallelable, Average Current-Mode Controller 4 A SWITCHING CONTROLLER, 525 kHz SWITCHING FREQ-MAX, PQFP44
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc.
|
PK546 |
Average Weight: 3.7865g
|
Xilinx, Inc
|
PK554 |
Average Weight: 20.7610 g
|
Xilinx, Inc
|
RB521C30 |
100mA Average rectified forward current
|
TY Semiconductor Co., L...
|
ADN2830ACP32-REEL7 ADN2830 ADN2830ACP32 ADN2830ACP |
Continuous Wave Laser Average Power Controller
|
AD[Analog Devices]
|
MAX5060ATI |
0.6V to 5.5V Output, Parallelable, Average-Current-Mode DC-DC Controllers
|
Maxim Integrated Products, Inc.
|
LTC3606BEDD LTC3606BEDDPBF LTC3606BEDDTRPBF LTC360 |
800mA Synchronous Step-Down DC/DC with Average Input Current Limit
|
Linear Technology
|
HV9861ANG-G HV9861ALG-G |
LED Driver with Average-Mode, Constant Current Control
|
Supertex, Inc
|
5962-9850901NUA 5962-9850901QZC 5962-9850901NTB 59 |
Dual-Phase, Parallelable, Average Current-Mode Controllers Dual-Phase, Parallelable, Average-Current-Mode Controllers
|
|
V23990-P824-F-P2-19 |
Typical average static loss as a function of output current
|
Vincotech
|