PART |
Description |
Maker |
M76DW52004TA M76DW52004TA70Z M76DW52004TA70ZT |
32Mbit (4Mb x8/ 2Mb x16, Dual Bank, Boot Block) Flash Memory and 4Mbit (256Kb x16) SRAM, Multiple Memory Product
|
ST Microelectronics
|
ES29DL160F-70WCI ES29DL400F-70WCI ES29DL320F-70WCI |
32Mbit(4M x 8/2M x 16) CMOS 3.0 Volt-only, Boot Sector Flash Memory 32兆(4米8/2M × 16),3.0伏的CMOS只,引导扇区闪存
|
优先(苏州)半导体有限公
|
M28W320EB-ZB M28W320EB-ZBT M28W320EBB M28W320EBB10 |
32MBIT (2MB X 16, BOOT BLOCK) 3V SUPPLY FLASH MEMORY 32 Mbit (2Mb x16, Boot Block) 3V Supply Flash Memory From old datasheet system
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
CAT28F010 CAT28F010TI-70T CAT28F010PI-70T CAT28F01 |
120ns 2M-bit CMOS flash memory 90ns 2M-bit CMOS flash memory 70ns 2M-bit CMOS flash memory 1 Megabit CMOS Flash Memory High Speed CMOS Logic 8-Stage Shift-and-Store Bus Register with 3-Stage Outputs 16-PDIP -55 to 125
|
http:// CATALYST[Catalyst Semiconductor]
|
W39V040FA W39V040FAT W39V040FAP W39V040FAQ |
3.3-Volt Flash NVM > Flash> FWH/LPC Flash Memory 512K X 8 CMOS FLASH MEMORY WITH FWH INERFACE
|
Winbond Electronics WINBOND[Winbond]
|
AT49LV1614AT AT49BV1614AT-90TI AT49BV1614A-90TI AT |
AT49BV1604A(T)/AT49BV/LV1614A(T) [Updated 3/02. 26 Pages] 16M bit . 2.7-Volt(BV)/ 3.0 - Volt (LV). Sectored Flash. Dual Plane. Top or Bottom Boot 16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory 1M X 16 FLASH 3V PROM, 70 ns, PDSO48 16-megabit 1M x 16/2M x 8 3-volt Only Flash Memory 16兆位100万x 16/2M × 8 3伏,只有闪存
|
Atmel Corp. Atmel, Corp.
|
TE28F640J3 TE28F256J3 TE28F320J3C-110 TE28F128J3A- |
8M X 16 FLASH 2.7V PROM, 120 ns, PDSO56 Intel StrataFlash Memory (J3) Strata Flash Memory 256M 256M Strata Flash Memory
|
NUMONYX Intel Corporation
|
MB84VA2100 MB84VA2101-10 MB84VA2101 MB84VA2100-10 |
MCP (Multi-Chip Package) FLASH MEMORY & SRAM 16M (x 8) FLASH MEMORY & 2M (x 8) STATIC RAM (MB84VA2100 / MB84VA2101) 16M (x 8) FLASH MEMORY & 2M (x 8) STATIC RAM
|
Fujitsu Microelectronics FUJITSU[Fujitsu Media Devices Limited]
|
UM6264 UM6264M-10 UM6264M-10L UM6264-12 UM6264-10 |
Flash - NOR IC; Memory Type:FLASH; Access Time, Tacc:90ns; Page/Burst Read Access:25ns; Sector Type:Uniform; Package/Case:64-BGA; Memory Configuration:64K x 8; Memory Size:32MB; NOR Flash Type:Page Mode Access 8K x 8 CMOS SRAM
|
United Microelectronics Corporation ETC UMC[UMC Corporation]
|
S29JL032H60TFI310 S29JL032H90TFI310 S29JL032H70TAI |
JT 3C 3#16 SKT PLUG 2M X 16 FLASH 3V PROM, 90 ns, PDSO48 JT 37C 37#22D PIN WALL RECP 2M X 16 FLASH 3V PROM, 70 ns, PDSO48 32M BIT CMOS 3.0V FLASH MEMORY 32兆位CMOS 3.0V闪存 32M BIT CMOS 3.0V FLASH MEMORY 2M X 16 FLASH 3V PROM, 60 ns, PDSO48 32M BIT CMOS 3.0V FLASH MEMORY 2M X 16 FLASH 3V PROM, 70 ns, PDSO48
|
Spansion Inc. Advanced Micro Devices, Inc. Spansion, Inc. http://
|
AM29LV160 AM29LV160BB70RSEB AM29LV160BB70REEB AM29 |
16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 6800uF 100WV 20% *NO Pb* 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 16Mb(2M×81Mx16, 3V, CMOS引导扇区闪存 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 2M X 8 FLASH 3V PROM, 70 ns, PBGA48 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 2M X 8 FLASH 3V PROM, 70 ns, PDSO48 VARISTOR METAL-OXIDE 150V RAD.3 10MM-DIA BULK 2M X 8 FLASH 3V PROM, 70 ns, PDSO44 16 Megabit (2 M x 8-Bit/1 M x 16-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 2M X 8 FLASH 3V PROM, 90 ns, PDSO44
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC http://
|