PART |
Description |
Maker |
FSPYC260D1 FSPYC260F FSPYC260F4 FN4850 FSPYC260R4 |
From old datasheet system Radiation Hardened/ SEGR Resistant N-Channel Power MOSFETs Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs(抗辐N沟道MOS场效应管) 抗辐射,抗SEGR N沟道功率MOSFET(抗辐射沟道马鞍山场效应管) Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs 58 A, 200 V, 0.031 ohm, N-CHANNEL, Si, POWER, MOSFET
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
HCTS365MS HCTS365D HCTS365DMSR HCTS365HMSR HCTS365 |
Radiation Hardened Octal D-Type Flip-Flop/ Three-State/ Positive Edge Triggered Radiation Hardened Hex Buffer/Line Driver Non-Inverting 辐射硬化六角缓冲线路驱动器非反相
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
5962F9467602VPA 5962F9467602VPC HS7B-1100RH-Q HS7- |
Radiation Hardened/ Ultra High Speed Current Feedback Amplifier with Offset Adjust Radiation Hardened, Ultra High Speed
Current Feedback Amplifier(抗辐射超高速电流反馈放大器) Hook-Up Wire; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Color:Gray; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes Radiation Hardened, Ultra High Speed Current Feedback Amplifier VIDEO AMPLIFIER, CDIP8 Radiation Hardened, Ultra High Speed Current Feedback Amplifier 1 CHANNEL, VIDEO AMPLIFIER, CDIP8 Radiation Hardened, Ultra High Speed Current Feedback Amplifier
|
Intersil Corporation Intersil, Corp.
|
JANSR2N7408 FN4637 |
Quadruple 2-Input Positive-NAND Gates 14-VQFN -40 to 85 Formerly Available As FSF450R4, Radiation Hardened, SEGR Resistant, N-Channel Power MOSFETs From old datasheet system Formerly Available As FSF450R4, Radiation Hardened, SEGR Resistant,N-Channel Power MOSFETs
|
INTERSIL[Intersil Corporation]
|
HS-1840ARH-T HS1-1840ARH-T HS9-1840ARH HS9-1840ARH |
Radiation Hardened 16 Channel CMOS Analog Multiplexer with High-Z Analog Input Protection 16-CHANNEL, SGL ENDED MULTIPLEXER, CDFP28 Radiation Hardened 16 Channel CMOS Analog Multiplexer with High-Z Analog Input Protection 辐射硬化的高16通道CMOS模拟多路复用器,模拟输入保护 Radiation Hardened 16 Channel CMOS Analog Multiplexer with High-Z Analog Input Protection 16-CHANNEL, SGL ENDED MULTIPLEXER, UUC26 Radiation Hardened 16 Channel CMOS Analog Multiplexer with High-Z Analog Input Protection 16-CHANNEL, SGL ENDED MULTIPLEXER, CDIP28
|
Intersil, Corp. Intersil Corporation
|
5962F9853501VEC 5962F9853501VXC ACTS138D ACTS138DM |
Radiation Hardened TTL Input, 3-to-8 Line Decoder/Demultiplexer ACT SERIES, OTHER DECODER/DRIVER, INVERTED OUTPUT, UUC16 Radiation Hardened
TTL Input, 3-to-8 Line Decoder/Demultiplexer(抗辐射TTL输入-8线译码器/多路信号分离 CAP 4-ARRAY 68000PF 16V X7R 1206 Radiation Hardened TTL Input/ 3-to-8 Line Decoder/Demultiplexer
|
Intersil, Corp. Intersil Corporation
|
IRHY57230CMSE |
200V 100kRad Hi-Rel Single N-Channel SEE Hardened MOSFET in a TO-257AA package RADIATION HARDENED POWER MOSFET
|
International Rectifier
|
IRHN57250SE |
200V 100kRad Hi-Rel Single N-Channel SEE Hardened MOSFET in a SMD-1 package 20000kRad高可靠性单N通道看到一贴片MOSFET的硬 1封装 RADIATION HARDENED POWER MOSFET
|
International Rectifier, Corp.
|
FSYC264R4 FSYC264D FSYC264D1 FSYC264D3 FSYC264R FS |
Radiation Hardened/ SEGR Resistant N-Channel Power MOSFETs Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs 34 A, 250 V, 0.08 ohm, N-CHANNEL, Si, POWER, MOSFET
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
ACT8500-T ACT8500-S ACT8500-I ACT8500-C ACT8500 AC |
ACT8500 Radiation Hardened & ESD Protected 64-Channel Analog Multiplexer Module ACT8500 Radiation Hardened & ESD Protected 64-Channel Analog Multiplexer Module ECONOLINE: RBM - New Micro Size SIP 6 Package- Industry Standard Pinout- 3kVDC Isolation- UL94V-0 Package Material- Efficiency to 85%
|
AEROFLEX[Aeroflex Circuit Technology] Aeroflex Inc.
|
IRH7250SE IRH7250SE-15 |
Simple Drive Requirements RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-204AA/AE) 200V 100kRad Hi-Rel Single N-Channel SEE Hardened MOSFET in a TO-204AE package
|
IRF[International Rectifier]
|