PART |
Description |
Maker |
APL5835-18D APL5835-EC-TU APL5835 APL5835-18DC-TR |
2.7 V, 450 mA low dropout linear regulator of adjustable and fixed voltage 450mA Low Dropout Linear Regulator of Adjustable and Fixed Voltages 3A Fixed Low Dropout Linear Regulator (LDO) 2.6 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 1.8 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PBCY3 3A Fixed Low Dropout Linear Regulator (LDO) 3.3 V FIXED POSITIVE LDO REGULATOR, 1.45 V DROPOUT, PSSO3 3A Fixed Low Dropout Linear Regulator (LDO) 3A固定低压差线性稳压器(LDO Multi Turn Trimmer; Series:70; Track Resistance:500ohm; Resistance Tolerance: 10%; Power Rating:1W; Operating Temperature Range:-55 C to C; Resistor Element Material:Cermet; Temperature Coefficient:100 ppm RoHS Compliant: Yes 四百五十○毫安低压差线性稳压器,可调式和固定电
|
ANPEC Electronics Corporation ANPEC[Anpec Electronics Coropration] Anpec Electronics, Corp.
|
MAX6473UT15AD3 MAX6469UT285BD3 MAX6471UT30AD3 |
300mA LDO Linear Regulators with Internal Microprocessor Reset Circuit FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, PDSO6
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
IRU1205-18CL IRU1205-XX IRU1205 IRU1205CL IRU1205- |
CAP, ELYTC 1000MF 10V 20% 300mA ULTRA LOW DROPOUT POSITIVE ADJUSTABLE AND FIXED REGULATORS 300mA的超低差型阳性可调和固定调节 0.3A Fixed LDO Linear Regulator in a SOT-23 5-Leads package 0.3A Adj LDO Linear Regulator in a SOT-23 5-Leads package
|
International Rectifier, Corp. IRF[International Rectifier]
|
MP6401 |
300mA LDO Linear Regulator
|
MPS
|
AP130-XXRG-7 AP130-XXRL-7 AP13010 AP130-XXYR-13 AP |
300mA LOW DROPOUT (LDO) LINEAR REGULATOR 3.3 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO3 300mA LOW DROPOUT (LDO) LINEAR REGULATOR 2.5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO3 300mA LOW DROPOUT (LDO) LINEAR REGULATOR 1.5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO3 300mA LOW DROPOUT (LDO) LINEAR REGULATOR 3 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO3 300mA LOW DROPOUT (LDO) LINEAR REGULATOR 2 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PSSO3
|
Diodes Incorporated Diodes, Inc.
|
AAT3242ITP-WN-T1 AAT3242ITP-WI-T1 AAT3242 AAT3242I |
300mA/150mA Dual CMOS LDO Linear Regulator
|
AAT[Advanced Analog Technology, Inc.]
|
AAT3242ITP-QQ-T1 AAT324208 AAT3242ITP-IN-T1 AAT324 |
300mA/150mA Dual CMOS LDO Linear Regulator
|
http:// Advanced Analogic Technologies Advanced Analogic Techn...
|
MP6401DJ-25BD3 MP6401DGT-18AD3 MP6401DJ-18AD3 MP64 |
300mA LDO Linear Regulator with Integrated Reset Circuit
|
Monolithic Power Systems Monolithic Power System... MPS Industries, Inc.
|
AAT3238IJS-3.0-T1 AAT3238IJS-3.3-T1 AAT3238IJS-3.5 |
300mA MicroPowerTM High Performance LDO Linear Regulator
|
Advanced Analogic Technologies
|
IRUB1117-33CP IRU1117-33CD IRU1117-33CP IRU1117-33 |
0.8A Fixed LDO Linear Regulator in a SOT-223 3-Leads package 0.8A Fixed LDO Linear Regulator in a SOIC 8-Lead package 0.8A Fixed LDO Linear Regulator in a ULTRA THIN-PAK 2-Leads package 0.8A Fixed LDO Linear Regulator in a TO-252 (D-PAK) 2-Leads package 800mA LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
|
IRF[International Rectifier]
|
AAT3223IGU-2.7-T1 AAT3223IGU-1.8-T1 AAT3223IGU-2.8 |
3A Fixed Low Dropout Linear Regulator (LDO) 3A固定低压差线性稳压器(LDO 250mA NanoPower LDO Linear Regulator with Power -OK
|
Advanced Analogic Technologies, Inc. ANALOGICTECH[Advanced Analogic Technologies]
|
AP7335 AP7335-08SNG-7 AP7335-08WG-7 AP7335-10SNG-7 |
1.2 V FIXED POSITIVE LDO REGULATOR, 0.3 V DROPOUT, PDSO6 300mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
|
http:// Diodes Incorporated
|