PART |
Description |
Maker |
AK4640 AK4640VG AK4640VN |
16BIT CODEC WITH MIC /HP/SPK-AMPl
|
AKM[Asahi Kasei Microsystems]
|
LT1122D LT1122C LT1122B LT1122A LT1122 LT1122CCN8P |
High Speed and Precision Performance, JFET Input Operational Amplifier(?锋?楂????簿瀵???界?缁???烘?搴??杈??杩???惧ぇ?ī Fast Settling, JFET Input Operational Amplifier; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C OP-AMP, 2000 uV OFFSET-MAX, 13 MHz BAND WIDTH, PDIP8 High Speed and Precision Performance, JFET Input Operational Amplifier(具有高速和精密性能的结型场效应管输入运算放大器) From old datasheet system Fast Setting, JFET input Operational Amplifier
|
Linear Technology, Corp. Linear Technology Corporation
|
LM224N LM324N LM324 LM324ADR2 LM324ADTB LM324ADTBR |
Programmable Low-Power Operational Amplifier 8-SOIC 0 to 70 QUAD OP-AMP, 7000 uV OFFSET-MAX, 1 MHz BAND WIDTH, PDIP14 Single Supply Quad Operational Amplifiers QUAD OP-AMP, 7000 uV OFFSET-MAX, 1 MHz BAND WIDTH, PDSO14 QUAD DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
|
ONSEMI[ON Semiconductor] http://
|
EDI7C32128C90EC EDI7C32128C60EQ |
15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output; Temperature Range: -55°C to 125°C; Package: 8-SOIC T&R X32号,闪存EEPROM模块 15MHz, BiMOS Operational Amplifier with MOSFET Input/CMOS Output; Temperature Range: -55°C to 125°C; Package: 8-PDIP
|
EPCOS AG
|
MCP606-I/P MCP606-I/SN MCP606-I/ST MCP609-I/P MCP6 |
The MCP606 operational amplifier (op amp) has a gain bandwidth product of 155 kHz with a low typical operating current of 18.7 and ... The MCP609 quad operational amplifier (op amp) has a gain bandwidth product of 155 kHz with a low typical operating current of 18.7 ... The MCP608 operational amplifier (op amp) has a gain bandwidth product of 155 kHz with a low typical operating current of 18.7 and ... The MCP607 dual operational amplifier (op amp) has a gain bandwidth product of 155 kHz with a low typical operating current of 18.7 ... 2.5V TO 5.5V MICROPOWER CMOS OP AMPS
|
Microchip Technology Inc.
|
5962-88502012A |
Dual and Quad, 8MHz and 60MHz, Low Noise Operational Amplifiers; Temperature Range: -55°C to 125°C; Package: 20-CLCC QUAD OP-AMP, 2500 uV OFFSET-MAX, 8 MHz BAND WIDTH, CQCC20
|
Intersil, Corp.
|
OP42 OP-42GS OP-42 OP-42AJ OP-42ARC_883 OP-42AZ OP |
High Speed, Fast Setting Precision Operational Amplifier High Speed, Fast Settling Precision Operational Amplitier High Speed, Fast Settling Precision Operational Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: TBD OP-AMP, 6000 uV OFFSET-MAX, 10 MHz BAND WIDTH, PDSO8 High Speed, Fast Settling Precision Operational Amplifier; Package: LCC; No of Pins: 20; Temperature Range: Industrial OP-AMP, 2000 uV OFFSET-MAX, 10 MHz BAND WIDTH, CQCC20 High Speed, Fast Settling Precision Operational Amplifier; Package: CerDIP; No of Pins: 8; Temperature Range: Industrial OP-AMP, 2000 uV OFFSET-MAX, 10 MHz BAND WIDTH, CDIP8 High Speed, Fast Settling Precision Operational Amplifier; Package: Header; No of Pins: 8; Temperature Range: Industrial OP-AMP, 2000 uV OFFSET-MAX, 10 MHz BAND WIDTH, MBCY8 HIGH SPEED / FAST SETTLING PRECISION OPERATIONAL AMPLIFIER ER 8C 8#12 PIN RECP WALL OP-AMP, 2000 uV OFFSET-MAX, 10 MHz BAND WIDTH, CQCC20 High Speed Fast Settling Precision Operational Amplifier(596.41 k) 高速精密快速沉降运算放大器96.41十一
|
Analog Devices, Inc. AD[Analog Devices]
|
LTC2050HS5TRM LTC2050HS6 LTC2050CS6TRPBF |
Zero-Drift Operational Amplifiers in SOT-23; Package: SOT; No of Pins: 5; Temperature Range: -40° to 125°C OP-AMP, 3 uV OFFSET-MAX, 3 MHz BAND WIDTH, PDSO5 Zero-Drift Operational Amplifiers in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40° to 125°C OP-AMP, 3 uV OFFSET-MAX, 3 MHz BAND WIDTH, PDSO6 Zero-Drift Operational Amplifiers in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: 0°C to 70°C
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
OP97FZ OP97EP OP97EJ OP97FP OP97EZ OP97FJ OP97AJ O |
LOW POWER, HIGH PRECISION OPERATIONAL AMPLIFIER OP-AMP, 200 uV OFFSET-MAX, 0.9 MHz BAND WIDTH, MBCY8 Low Power, High Precision Operational Amplifier; Package: CERDIP GLASS SEAL; No of Pins: 8; Temperature Range: Industrial OP-AMP, 60 uV OFFSET-MAX, 0.9 MHz BAND WIDTH, CDIP8 LOW POWER / HIGH PRECISION OPERATIONAL AMPLIFIER LOW POWER HIGH PRECISION OPERATIONAL AMPLIFIER
|
Analog Devices, Inc. AD[Analog Devices]
|
TC911 TC911A TC911BCOA TC911BCPA TC911ACOA TC911AC |
Monolithic Auto-Zeroed Operational Amplifers Monolithic Auto-Zeroed Operational Amplifers 单片自动清零操作Amplifers 50 AMP LATCHING POWER RELAY The TC911 CMOS auto-zeroed operational amplifier is the first complete monolithic chopper-stabilized ampli-fier. Chopper operational amplifiers like the ICL7650/7652 and LTC1052 require user-supplied, external offset compensation storage c
|
http:// TelCom Semiconductor, Inc. Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
LF412A LF412ACH LF412ACJ8 LF412ACN8 LF412AMJ8 LF41 |
Dual Precision JFET Input Operational Amplifiers DUAL OP-AMP, 2000 uV OFFSET-MAX, 5.7 MHz BAND WIDTH, MBCY8 Dual Precision JFET Input Operational Amplifiers DUAL OP-AMP, 1650 uV OFFSET-MAX, 5.7 MHz BAND WIDTH, PDIP8 Dual Precision JFET Input Operational Amplifiers DUAL OP-AMP, 5000 uV OFFSET-MAX, 5.5 MHz BAND WIDTH, MBCY8 RES 887 OHM 1/4W 1% 1206 SMD DUAL OP-AMP, 3900 uV OFFSET-MAX, 5.5 MHz BAND WIDTH, MBCY8 RES 665K OHM 1/4W 1% 1206 SMD DUAL OP-AMP, 2000 uV OFFSET-MAX, 5.7 MHz BAND WIDTH, MBCY8 Dual Precision JFET Input Operational Amplifiers DUAL OP-AMP, 3900 uV OFFSET-MAX, 5.5 MHz BAND WIDTH, CDIP8 Dual Precision JFET Input Operational Amplifiers DUAL OP-AMP, 5000 uV OFFSET-MAX, 5.5 MHz BAND WIDTH, CDIP8 Dual Precision JFET Input Operational Amplifiers DUAL OP-AMP, 2000 uV OFFSET-MAX, 5.7 MHz BAND WIDTH, CDIP8 Dual Precision JFET Input Operational Amplifiers DUAL OP-AMP, 1650 uV OFFSET-MAX, 5.7 MHz BAND WIDTH, CDIP8 From old datasheet system
|
Linear Technology, Corp. Linear Integrated Systems
|
|