PART |
Description |
Maker |
ICL7104 ICL7104-14CPL ICL8052 ICL8068 LCL8052CDD L |
14-Bit/16-Bit/ Microprocessor- Compatible/ 2-Chip/ A/D Converter 14-Bit/16-Bit Microprocessor 14-Bit/16-Bit / Microprocessor- Compatible / 2-Chip / A/D Converter 14-BitMicroprocessor-Compatible,
2-Chip, A/D Converter(14位、微处理器兼容的2片A/D转换 16-Bit, Microprocessor-Compatible, 2-Chip, A/D Converter(16位、微处理器兼容的2片ADC) 16位微处理器兼容,2芯片,A / D转换16位,微处理器兼容片ADC)的 16-Bit, Microprocessor-Compatible, 2-Chip, A/D Converter(16浣??寰??????煎?????DC)
|
Intersil Corporation Intersil, Corp.
|
79RC32364 79RC32V364100DA 79RC32V364100DAI 79RC32V |
RISController Embedded 32-bit Microprocessor, based on RISCore32300 RISControllerTM Embedded 32-bit Microprocessor RC32364 Advanced 32-Bit RISC Embedded Microprocessor
|
http:// IDT[Integrated Device Technology]
|
MR80C88-2B 5962-8601601QA |
CMOS 8/16-Bit Microprocessor 16位产品的CMOS微处理器 CMOS 8/16-Bit Microprocessor 16-BIT, 5 MHz, MICROPROCESSOR, CDIP40
|
Intersil, Corp.
|
MC68EC030FE40C MC68EC030FE25C MC68EC030FE25CB1 MC6 |
32-BIT, 40 MHz, MICROPROCESSOR, CQCC132 CERQUAD-132 32-BIT, 25 MHz, MICROPROCESSOR, CQCC132 CERQUAD-132 32-BIT, 25 MHz, MICROPROCESSOR, CQFP132 CERAMIC, QFP-132 32-BIT, 25 MHz, MICROPROCESSOR, CPGA128
|
Motorola Mobility Holdings, Inc. MOTOROLA INC
|
80C88/883 80C88 |
Microprocessor, 8/16 Bit, CMOS, 883 Compliant, Process Speed 8MHz Microprocessor, 8/16 Bit, CMOS, Process Speed 5 and 8MHz Microprocessor 3.08V Reset Monitor, -40C to 125C, 3-SC-70, T/R 16位产品的CMOS微处理器
|
Intersil
|
5962R9572201QXC 5962R9572201VXC 5962R9572201VQC 59 |
Microprocessor, CMOS, 16-Bit, 8MHz, 500A, 12mA/MHz, Rad-Hard Radiation Hardened 16-Bit CMOS Microprocessor
|
Intersil Corporation
|
PD705100GJ-100-8EU UPD705100GJ-100-8EU |
32 Bit Single Chip Microprocessor(32 位单片微处理 32-BIT, 100 MHz, RISC PROCESSOR, PQFP144 32 Bit Single Chip Microprocessor(32 浣????井澶????
|
NEC Corp.
|
ADC0803 ADC0803LCN ADC0804LCN ADC0802 ADC0804 |
8-Bit/ Microprocessor- Compatible/ A/D Converters 8-Bit, Microprocessor-Compatible, A/D Converters 8-Bit Microprocessor-Compatible A/D Converters A/D Converter, 8-Bit, Error ?.5LSB Vref/2 Not Adjusted, Microprocessor-Compatible A/D Converter, 8-Bit, Error ?.5LSB V REF /2 Adjusted, Microprocessor-Compatible A/D Converter, 8-Bit, Error ?LSB V REF /2 Not Adjusted, Microprocessor-Compatible
|
INTERSIL[Intersil Corporation]
|
IS80C286-20 |
High Performance Microprocessor with Memory Management and Protection 16-BIT, 20 MHz, MICROPROCESSOR, PQCC68
|
Intersil, Corp.
|
UPD70208HLP-10 UPD70208HGF-16-3B9 UPD70208HLP-12 U |
V40HLTM, V50HLTM 16/8, 16-BIT MICROPROCESSOR V40HLTM/ V50HLTM 16/8/ 16-BIT MICROPROCESSOR V40HLTM, V50HLTM 16/8, 16-BIT MICROPROCESSOR V40HLTM,V50HLTM 16 / 86位微处理 V40HLTM, V50HLTM 16/8, 16-BIT MICROPROCESSOR V40HLTM,V50HLTM 16 / 816位微处理 CONNECTOR ACCESSORY
|
NEC, Corp. NEC Corp.
|
PC755 PC755CMGSU300LE PC755CMGSU350LE PC755CMGSU36 |
PowerPC 755/745 RISC Microprocessor E Core PowerPC 755/745 RISC Microprocessor 32-BIT, 300 MHz, RISC PROCESSOR, CBGA360 PowerPC 755/745 RISC Microprocessor RISC微处理器PowerPC45分之755 PowerPC 755/745 RISC Microprocessor 32-BIT, 300 MHz, RISC PROCESSOR, PBGA360 32-bit Power PC RISC Microprocessor, 300-366 MHz
|
ATMEL Corporation Atmel Corp. Atmel, Corp.
|
HI1-574AJD-5 HI3-574AKN-5 HI3-574AKN-5Z HI3-574AJN |
Complete, 12-Bit A/D Converters with Converters with Microprocessor Interface Complete, 12-Bit A/D Converters with Microprocessor Interface; Temperature Range: See Datasheet; Package: 28-PDIP SUCCESSIVE APPROXIMATION ADC, PDIP28
|
Intersil Corporation Intersil, Corp.
|
|