PART |
Description |
Maker |
MS3106A MS3106A-XX MS3106E-XXX MS3106F-XXX MS3106R |
Circular 97 Series Threaded Connectors
|
Amphend
|
MS3106F-16-10S |
(MS31xxx) Circular 97 Series Threaded Connectors
|
Amphenol
|
2MBI200N-060 |
IGBT MODULE ( N series ) Circular Connector; Body Material:Aluminum Alloy; Series:MS3116; Number of Contacts:11; Connector Shell Size:18; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin
|
http:// FUJI ELECTRIC HOLDINGS CO., LTD.
|
2MBI100N-060 |
Circular Connector; Body Material:Aluminum Alloy; Series:MS3116; Number of Contacts:16; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin IGBT MODULE ( N series )
|
http:// FUJI ELECTRIC HOLDINGS CO., LTD.
|
ZXM62N02E6 ZXM62N02E6TA ZXM62N02E6TC |
N-channel MOSFET-Not recommended for new designs 20V N-CHANNEL ENHANCEMENT MODE MOSFET Circular Connector; No. of Contacts:23; Series:; Body Material:Aluminum; Connector Shell Size:16; Circular Contact Gender:Socket; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:16-99; MIL SPEC:MIL-C-26482 Series I RoHS Compliant: No
|
ZETEX[Zetex Semiconductors]
|
FAN431 FAN431A FAN431AZXA FAN431L FAN431LZXA FAN43 |
Adjustable/2.5V, 2% Tolerance Shunt Regulator Circular Connector; No. of Contacts:41; Series:; Body Material:Aluminum; Connector Shell Size:22; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:22-41; MIL SPEC:MIL-C-26482 Series I RoHS Compliant: No Programmable Shunt Regulator 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 2.495 V, PBCY3
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
ADSP-BF532SBBC400 ADSP-BF531 ADSP-BF531SBBC400 ADS |
Blackfin Embedded Processor Metal Connector Backshell Circular Connector Series:97 28-2 (14 Contacts) Pin Insert; For Use With:Amphenol MIL-C-5015 97 Series Circular Connectors; No. of Contacts:14; Gender:Male; Operating Voltage:1250V
|
Analog Devices, Inc.
|
CLV0730A |
Circular Connector; No. of Contacts:19; Series:; Body Material:Aluminum; Connector Shell Size:14; Circular Contact Gender:Pin; Circular Shell Style:Right Angle Plug; Insert Arrangement:14-19 VOLTAGE CONTROLLED OSCILLATOR
|
Z-Communications, Inc.
|
CY62128DV30 CY62128DV30L-55SI CY62128DV30L-55ZAI C |
Circular Connector; No. of Contacts:6; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:10; Circular Contact Gender:Pin; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:10-98 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT02; No. of Contacts:6; Connector Shell Size:10; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle 20 POS PEEL-A-WAY® DIP SOCKET 1 Mb (128K x 8) Static RAM
|
Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
TC514400J TC514400J-10 TC514400J-80 TC514400Z-10 T |
1,048,576 x 4 BIT DYNAMIC RAM 1,048,576 × 4位动态随机存储器 Circular Connector; MIL SPEC:MIL-C-26482, Series I; Body Material:Aluminum Alloy; Series:MS3121; No. of Contacts:61; Connector Shell Size:24; Connecting Termination:Crimp; Circular Shell Style:Cable Receptacle RoHS Compliant: No Circular Connector; Body Material:Aluminum Alloy; Series:MS3116; No. of Contacts:11; Connector Shell Size:18; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Socket RoHS Compliant: No
|
Toshiba, Corp. Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
033200 036500 |
Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
|
Lumberg
|