PART |
Description |
Maker |
2SK2219 1026 2SK2219-21 2SK2219-23 |
1 mA, N-CHANNEL, Si, SMALL SIGNAL, JFET N-Channel Junction FET for Capacitor Microphone Applications(应用于电容器话筒的N沟道结型场效应管) N沟道场效应晶体管的结电容麦克风应用(应用于电容器话筒沟道结型场效应管 From old datasheet system N-Channel Junction Silicon FET
|
Sanyo Electric Co., Ltd.
|
2N5754 2N5755 2N5756 2N5757 |
2.5-A silicon triac. Voltage(typ) 600 V. 2.5-A silicon triac. Voltage(typ) 400 V. 2.5-A silicon triac. Voltage(typ) 200 V. 2.5-A silicon triac. Voltage(typ) 100 V. 2.5-A Silicon Triacs
|
General Electric Solid State Solid State Optronic N.A.
|
SKDH116-L75 SKDH116_12-L75 SKDH116_16-L75 SKDH116/ |
三相整流桥IGBT的制动斩波器 MOSFET; ID (A): 0.03; VDS (V): 6; Pch : 0.15; |yfs| (S) typ: 0.029; PG (dB) typ: 22; Ciss (pF) typ: 2.1; NF (dB) typ: 1.75; IDSS (mA): -; Package: MPAK-4 3-Phase Bridge Rectifier IGBT braking chopper
|
Semikron International
|
S3902 S3903 S3903-1024Q S3903-512Q |
MOSFET, Switching; VDSS (V): 400; ID (A): 17; Pch : -; RDS (ON) typ. (ohm) @10V: 0.25; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V MOSFET, Switching; VDSS (V): 450; ID (A): 14; Pch : -; RDS (ON) typ. (ohm) @10V: 0.43; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V NMOS linear image sensor Current output, high UV sensitivity, excellent linearity, low power consumption MOSFET, Switching; VDSS (V): 450; ID (A): 22; Pch : -; RDS (ON) typ. (ohm) @10V: 0.25; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 1800; toff (µs) typ: -; Package: TO-3P
|
Hamamatsu Photonics
|
STL40C30H3LL |
N-channel 30 V, 0.019 Ohm typ., 10 A, P-channel 30 V, 0.024 Ohm typ., 8 A STripFET(TM) V Power MOSFET in a PowerFLAT(TM) 5x6 d. i. package
|
ST Microelectronics
|
UPSD3433E-40T6 UPSD3453E-40U6T UPSD3453E-40T6T UPS |
MOSFET, Switching; VDSS (V): 40; ID (A): 40; Pch : 25; RDS (ON) typ. (ohm) @10V: 0.0038; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 2280; toff (µs) typ: 0.041; Package: LFPAK MOSFET, Switching; VDSS (V): 30; ID (A): 60; Pch : 30; RDS (ON) typ. (ohm) @10V: 0.0025; RDS (ON) typ. (ohm) @4V[4.5V]: [0.003]; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 7600; toff (µs) typ: 0.065; Package: LFPAK MOSFET, Switching; VDSS (V): 20; ID (A): 60; Pch : 30; RDS (ON) typ. (ohm) @10V: 0.0021; RDS (ON) typ. (ohm) @4V[4.5V]: [0.0028]; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 7750; toff (µs) typ: 0.065; Package: LFPAK MOSFET, Switching; VDSS (V): 450; ID (A): 0.7; Pch : -; RDS (ON) typ. (ohm) @10V: 5.5; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 140; toff (µs) typ: -; Package: SOP-8 MOSFET, Switching; VDSS (V): 12; ID (A): 3.5; Pch : 0.9; RDS (ON) typ. (ohm) @10V: -; RDS (ON) typ. (ohm) @4V[4.5V]: [0.026]; RDS (ON) typ. (ohm) @2.5V: 0.034; Ciss (pF) typ: 770; toff (µs) typ: 0.036; Package: CMFPAK-6 MOSFET, Switching; VDSS (V): 80; ID (A): 30; Pch : 25; RDS (ON) typ. (ohm) @10V: 0.01; RDS (ON) typ. (ohm) @4V[4.5V]: [0.0115]; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 3520; toff (µs) typ: -; Package: WPAK Turbo Plus系列高速涡032 USB和可编程逻辑控制 Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic Turbo Plus系列高速涡032 USB和可编程逻辑控制 MOSFET, Switching; VDSS (V): 100; ID (A): 25; Pch : 30; RDS (ON) typ. (ohm) @10V: 0.012; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 4350; toff (µs) typ: 0.037; Package: LFPAK Turbo Plus系列高速涡032 USB和可编程逻辑控制
|
意法半导 STMicroelectronics N.V.
|
S3921 S3921-512Q S3921-128Q |
NMOS linear image sensor Voltage output type with current-integration readout circuit and impedance conversion circuit MOSFET, Switching; VDSS (V): 500; ID (A): 12; Pch : 30; RDS (ON) typ. (ohm) @10V: 0.515; RDS (ON) typ. (ohm) @4V[4.5V]: -; RDS (ON) typ. (ohm) @2.5V: -; Ciss (pF) typ: 1100; toff (µs) typ: 0.077; Package: TO-220FN
|
Hamamatsu Photonics
|
FCH22N60N |
N-Channel SupreMOSMOSFET 600V, 22A, 165m Ultra Low Gate Charge (Typ. Qg = 45 nC), Low Effective Output Capacitance (Typ. Coss.eff = 196.4 pF)
|
Fairchild Semiconductor
|
2SC3583 |
NF 1.2 dB TYP. f = 1.0 GHz Ga 13 dB TYP. f = 1.0 GHz NPN Silicon Epitaxial Transistor
|
TY Semiconductor Co., L... TY Semicondutor
|
2SK1578 |
N-Channel Junction FET Capacitor Microphone Applications N-Channel Silicon MOSFET
|
Sanyo
|
2SK303 |
Low-Frequency General-Purpose Amplifier Applications N-Channel Junction Silicon FET(用于低频通用放大器N沟道结型硅场效应 低频通用放大器应用N沟道结硅场效应管(用于低频通用放大沟道结型硅场效应管) N-Channel Junction Silicon FET Low-Frequency General-Purpose Amplifier Applications
|
Sanyo Electric Co., Ltd.
|