PART |
Description |
Maker |
495025 495040 495050 495060 495020 495030 |
3300UF/350V RoHS Compliant: YesL CAPACITOR, CASE W 22UF 16V CAPACITOR, CASE W 22UF 16V; CAPACITANCE:22UF; VOLTAGE RATING, DC:16V; CAPACITOR DIELECTRIC TYPE:TANTALUM ELECTROLYTIC; TOLERANCE, :10%; TOLERANCE, -:10%; TEMP, OP. MIN:-55(DEGREE C); TEMP, OP. RoHS Compliant: Yes JCASE墨盒保险 JCASE Cartridge Fuse JCASE墨盒保险
|
Littelfuse, Inc.
|
2MBI100NE-120 |
CAPACITOR, CASE A, 22UF, 2.5V; Application:Solid; Capacitance:22uF; Tolerance, capacitance:20%; Series:NOS; Voltage, rating:2.5V; Capacitor dielectric type:Niobium Oxide; Case style:A; Depth, external:1.6mm; Length / Height, RoHS Compliant: Yes IGBT MODULE ( N series )
|
FUJI ELECTRIC HOLDINGS CO., LTD.
|
GS5AC-40 4592 |
ISDN AC-DC CONVERTER FOR NT From old datasheet system Aluminum Electrolytic Radial Leaded Bi-Polar Capacitor; Capacitance: 22uF; Voltage: 10V; Case Size: 5x11 mm; Packaging: Bulk
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
SG-636PTF SG-636PCE SG-636PCW SG-636PH SG-636PHW S |
Tantalum Molded Capacitor; Capacitance: 100uF; Voltage: 4V; Case Size: 3.5x2.8 mm; Packaging: Tape & Reel 高频晶体振荡 Tantalum Molded Capacitor; Capacitance: 10uF; Voltage: 4V; Case Size: 4x3.2 mm; Packaging: Tape & Ammo 高频晶体振荡 HIGH-FREQUENCY CRYSTAL OSCILLATOR 高频晶体振荡 Tantalum Molded Capacitor; Capacitance: 22uF; Voltage: 4V; Case Size: 2x1.3 mm; Packaging: Tape & Reel Tantalum Molded Capacitor; Capacitance: 10uF; Voltage: 4V; Case Size: 4x3.2 mm; Packaging: Tape & Ammo Tantalum Molded Capacitor; Capacitance: 2.2uF; Voltage: 4V; Case Size: 2x1.3 mm; Packaging: Tape & Reel Tantalum Molded Capacitor; Capacitance: 3.3uF; Voltage: 4V; Case Size: 2x1.25 mm; Packaging: Tape & Ammo Tantalum Molded Capacitor; Capacitance: 100uF; Voltage: 4V; Case Size: 3.5x2.8 mm; Packaging: Tape & Reel Tantalum Molded Capacitor; Capacitance: 3.3uF; Voltage: 4V; Case Size: 4x3.2 mm; Packaging: Tape & Ammo
|
Electronic Theatre Controls, Inc. Epson ToYoCom ETC[ETC] List of Unclassifed Manufacturers
|
GBJ1010 GBJ10005 GBJ1001 GBJ1002 GBJ1004 GBJ1006 G |
Aluminum Polymer SMT Capacitor; Capacitance: 47uF; Voltage: 25V; Case Size: 10x10 mm; Packaging: Tape & Reel 10 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE Aluminum Polymer SMT Capacitor; Capacitance: 68uF; Voltage: 20V; Case Size: 10x8 mm; Packaging: Tape & Reel 10 A, 100 V, SILICON, BRIDGE RECTIFIER DIODE Aluminum Polymer SMT Capacitor; Capacitance: 22uF; Voltage: 20V; Case Size: 6.3x6 mm; Packaging: Tape & Reel 10 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE 10A GLASS PASSIVATED BRIDGE RECTIFIER
|
Diodes, Inc. DIODES[Diodes Incorporated]
|
GL35-00 GL35-01 GL35-02 GL35-04 GL35-06 GL35-08 GL |
Aluminum Electrolytic Radial Lead Low Impedance High Reliability Capacitor; Capacitance: 120uF; Voltage: 6.3V; Case Size: 6.3x7 mm; Packaging: Bulk 在行高硅桥式整流器电流(电压- 5000伏特电流- 155安培 IN-LINE HIGH CURRENT SILICON BRIDGE RECTIFIERS(VOLTAGE - 50 to 800 Volts CURRENT - 15 to 35 Amperes) 在行高硅桥式整流器电流(电压- 5000伏特电流- 1535安培 IN-LINE HIGH CURRENT SILICON BRIDGE RECTIFIERS(VOLTAGE - 50 to 800 Volts CURRENT - 15 to 35 Amperes) 在行高硅桥式整流器电流(电压- 5000伏特电流- 155安培 Aluminum Electrolytic Radial Lead Low Impedance High Reliability Capacitor; Capacitance: 22uF; Voltage: 6.3V; Case Size: 5x11 mm; Packaging: Bulk Aluminum Electrolytic Radial Lead Low Impedance High Reliability Capacitor; Capacitance: 68uF; Voltage: 6.3V; Case Size: 4x11 mm; Packaging: Bulk Aluminum Electrolytic Radial Lead Low Impedance High Reliability Capacitor; Capacitance: 56uF; Voltage: 6.3V; Case Size: 5x7 mm; Packaging: Bulk XTAL CER SMT 6X3.5 2PAD Aluminum Electrolytic Radial Lead Low Impedance High Reliability Capacitor; Capacitance: 1200uF; Voltage: 6.3V; Case Size: 8x20 mm; Packaging: Bulk LED Panel Indicator; LED Color:Yellow; Luminous Intensity:40foot lambert; Forward Current:8.5mA; Forward Voltage:125V; Operating Temperature Range:-25 C to 85 C; Color:Yellow; Leaded Process Compatible:No RoHS Compliant: No
|
Transys Electronics, Ltd. Transys Electronics Ltd. TRSYS
|
NJM9204B NJU9203B NJU9203BM |
3_1/2-digit A/D Converter with Display Hold for LED Display Aluminum Electrolytic Radial Leaded Bi-Polar Capacitor; Capacitance: 22uF; Voltage: 25V; Case Size: 6.3x7 mm; Packaging: Bulk 3.1/2 DIGIT SINGLE CHIP A/D CONVERTER WITH DISPLAY HOLD
|
New Japan Radio Co., Ltd.
|
ADG601 ADG602 ADG602BRM ADG602BRT ADG601BRM ADG601 |
2 ohm CMOS -5 V/5 V/ SPST SWITCHES Tantalum Molded Capacitor; Capacitance: .22uF; Voltage: 35V; Case Size: 3.2x1.6 mm; Packaging: Tape & Reel 2 ohm CMOS -5 V/5 V, SPST SWITCHES 2.2 ohms CMOS ?5 V/5V, SPST Switches 2.2 ohms CMOS ?V/5 V, SPST Switches
|
Analog Devices, Inc. AD[Analog Devices]
|
SA57031-XX SA57031-25 SA57031-26 SA57031-31 SA5703 |
Micropower 150 mA, low-noise, low dropout linear regulator with on/off 微功耗为150 mA,低噪声,低压差线性稳压器的开/ RECTIFIER BRIDGE 25A 800V 300A-ifsm 1.1V-vf 5uA-ir GBPCW 100/TRAY CAP CERAMIC MONO .1UF 50V 10% Ceramic Multilayer Capacitor; Capacitance:22pF; Capacitance Tolerance: /- 5 %; Working Voltage, DC:50V; Dielectric Characteristic:C0G/NP0; Package/Case:0603; Series:VJ; Leaded Process Compatible:Yes; Mounting Type:Surface Mount Ceramic Multilayer Capacitor; Capacitor Type:General Purpose; Capacitance:1.2pF; Capacitance Tolerance: 0.5pF; Voltage Rating:50VDC; Capacitor Dielectric Material:Multilayer Ceramic; Package/Case:0603; Termination:SMD RoHS Compliant: Yes Ceramic Multilayer Capacitor; Capacitance:1.5pF; Capacitance Tolerance: /- 0.5 pF; Working Voltage, DC:50V; Dielectric Characteristic:C0G/NP0; Package/Case:0603; Series:VJ; Features:Multilayer Ceramic Chip Capacitor Ceramic Multilayer Capacitor; Capacitance:1pF; Capacitance Tolerance: /- 0.5 pF; Working Voltage, DC:50V; Dielectric Characteristic:C0G/NP0; Package/Case:0603; Series:VJ; Features:Multilayer Ceramic Chip Capacitor
|
TE Connectivity, Ltd. NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
UPJ2C100MPD UPJ2D100MPD UPJ1E181MPD UPJ1J181MPD UP |
Aluminum Electrolytic Radial Lead Low Impedance Capacitor; Capacitance: 10uF; Voltage: 160V; Case Size: 10x15 mm; Packaging: Bulk CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 160 V, 10 uF, THROUGH HOLE MOUNT CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 200 V, 10 uF, THROUGH HOLE MOUNT RADIAL LEADED, ROHS COMPLIANT Aluminum Electrolytic Radial Lead Low Impedance Capacitor; Capacitance: 180uF; Voltage: 25V; Case Size: 8x15 mm; Packaging: Bulk CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 25 V, 180 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Radial Lead Low Impedance Capacitor; Capacitance: 180uF; Voltage: 63V; Case Size: 10x31.5 mm; Packaging: Bulk CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 180 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Radial Lead Low Impedance Capacitor; Capacitance: 100uF; Voltage: 63V; Case Size: 10x20 mm; Packaging: Bulk CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 100 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Radial Lead Low Impedance Capacitor; Capacitance: 120uF; Voltage: 63V; Case Size: 10x20 mm; Packaging: Tape & Ammo CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 63 V, 120 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Radial Lead Low Impedance Capacitor; Capacitance: 100uF; Voltage: 35V; Case Size: 8x11.5 mm; Packaging: Tape & Ammo CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 35 V, 100 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Radial Lead Low Impedance Capacitor; Capacitance: 1000uF; Voltage: 35V; Case Size: 16x20 mm; Packaging: Bulk CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 35 V, 1000 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Radial Lead Low Impedance Capacitor; Capacitance: 120uF; Voltage: 35V; Case Size: 8x15 mm; Packaging: Bulk CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 35 V, 120 uF, THROUGH HOLE MOUNT Aluminum Electrolytic Radial Lead Low Impedance Capacitor; Capacitance: 120uF; Voltage: 35V; Case Size: 10x12.5 mm; Packaging: Bulk CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 35 V, 120 uF, THROUGH HOLE MOUNT
|
Nichicon, Corp.
|
IMX7 110IMX7-03-9 110IMX7-05-05-9 110IMX7-05-9 110 |
7 Watt DC-DC Converters GT 3C 3#16S PIN PLUG Paper Capacitor; Voltage Rating:3000VDC; Capacitor Dielectric Material:Paper; Capacitance:1uF; Capacitance Tolerance: /- 10%; Lead Pitch:34.93mm; Leaded Process Compatible:No; Package/Case:C; Peak Reflow Compatible (260 C):No RoHS Compliant: No Paper Capacitor; Voltage Rating:3000VDC; Capacitor Dielectric Material:Paper; Capacitance:0.5uF; Capacitance Tolerance: /- 10%; Lead Pitch:20.64mm; Leaded Process Compatible:Yes; Package/Case:A; Series:T; Termination:Screw RoHS Compliant: Yes Paper Capacitor; Voltage Rating:3000VDC; Capacitor Dielectric Material:Paper; Capacitance:0.5uF; Capacitance Tolerance: /- 10%; Lead Pitch:20.64mm; Leaded Process Compatible:No; Package/Case:A; Peak Reflow Compatible (260 C):No RoHS Compliant: No CAPACITOR, TANTALUM, 10/20V 10%, 6032, SMD Paper Capacitor; Voltage Rating:5000VDC; Capacitor Dielectric Material:Paper; Capacitance:0.5uF; Capacitance Tolerance: /- 10%; Lead Pitch:34.93mm; Leaded Process Compatible:No; Package/Case:C; Peak Reflow Compatible (260 C):No RoHS Compliant: No AC/DC CAPACITANCE=0.25 VOLT=2000 RoHS Compliant: Yes Paper Capacitor; Voltage Rating:2000VDC; Capacitor Dielectric Material:Paper; Capacitance:5uF; Capacitance Tolerance: /- 10%; Lead Pitch:34.93mm; Leaded Process Compatible:Yes; Package/Case:D; Series:T; Termination:Screw RoHS Compliant: Yes CAPACITORS
|
http:// POWER-ONE[Power-One]
|
G690L438T21 G691L293T92 G690L400T71 G690H463T96 G6 |
Tantalum Molded Capacitor; Capacitance: 33uF; Voltage: 16V; Case Size: 5.8x3.1 mm; Packaging: Tape & Reel 122 x 32 pixel format, LED or EL Backlight available 微处理器复位IC Tantalum Molded Capacitor; Capacitance: 4.7uF; Voltage: 16V; Case Size: 3.4x1.9 mm; Packaging: Tape & Reel 微处理器复位IC Microprocessor Reset IC 微处理器复位IC CAB 6C 3#16 3#0 SKT PLUG Tantalum Molded Capacitor; Capacitance: 33uF; Voltage: 16V; Case Size: 5.8x3.1 mm; Packaging: Tape & Reel
|
Global Mixed-mode Technology, Inc. ETC Global Mixed-mode Technology Inc.
|
|