PART |
Description |
Maker |
MAX710 MAX710ESE MAX711 MAX711ESE 1742 MAX711C_D M |
3.3V/5V or Adjustable, Step-Up/Down DC-DC Converters 3.3V/5V或可调、升/降压型DC-DC转换 3.3V/5V or Adjustable, Step-Up/Down DC-DC Converters 0.7 A SWITCHING REGULATOR, UUC16 3.3V/5V or Adjustable / Step-Up/Down DC-DC Converters From old datasheet system
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products]
|
HI1-574AJD-5 HI3-574AKN-5 HI3-574AKN-5Z HI3-574AJN |
Complete, 12-Bit A/D Converters with Converters with Microprocessor Interface Complete, 12-Bit A/D Converters with Microprocessor Interface; Temperature Range: See Datasheet; Package: 28-PDIP SUCCESSIVE APPROXIMATION ADC, PDIP28
|
Intersil Corporation Intersil, Corp.
|
MAX1722 MAX1722EZK MAX1722EZK-T MAX1723 MAX1723EZK |
1.5uA IQ / Step-Up DC-DC Converters in Thin SOT23-5 " 1.5?A IQ, Step-Up DC-DC Converters in Thin SOT23-5" 1.5uA IQ Step-Up DC-DC Converters in Thin SOT23-5 1.5µA IQ, Step-Up DC-DC Converters in Thin SOT23-5 1 A SWITCHING REGULATOR, PDSO5 Replaced by TMS320VC5506 : Digital Signal Processors 132-BQFP 0 to 0 1.5uA智商,升压型DC - DC转换器,在薄型SOT23 - 5 1.5uA IQ, Step-Up DC-DC Converters in Thin SOT23-5 1.5uA智商,升压型DC - DC转换器,在薄型SOT23 - 5
|
http:// MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
TC9402 TC9400 TC9402CPD TC9400COD TC9400CPD TC9400 |
The TC9400/TC9401/TC9402 are low-cost voltage-to-frequency (V/F)converters utilizing low power CMOS technology. The converters accept a variable analog input signal and generate an output pulse train whose frequency is linearly proportiona Voltage-to-Frequency/Frequency-to-Voltage Converters
|
Microchip Technology
|
CA3304 CA3304A CA3304AD CA3304AE CA3304AM CA3304D |
4-Bit, 25 MSPS, Flash A/D Converters 1-CH 4-BIT FLASH METHOD ADC, PARALLEL ACCESS, PDSO16 4-Bit, 25 MSPS,
Flash A/D Converters(4位、采样速率25MSPS、闪速A/D转换 4-Bit / 25 MSPS / Flash A/D Converters From old datasheet system
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
ICL71060512 ICL7107SCPLZ ICL7106 ICL7106CM44 ICL71 |
LED Display, A/D Converters(3 1/2 位LED 显示器驱A/D转换 LED显示,A / D转换3 1 / 2位发光显示器驱动的A / D转换器) 3? Digit, LCD/LED Display, A/D Converters 3? Digit, LCD/LED Display, A/D Converters
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
V7AH-05B330 S7AH-05B S7AH-05B120 S7AH-05B150 S7AH- |
Non-Isolated DC/DC Converters 非隔离式DC / DC转换 NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 5A
|
Bel Fuse, Inc. BEL[Bel Fuse Inc.]
|
MAX756 MAX756C_D MAX756CPA MAX756CSA MAX756EPA MAX |
10-Line To 4-Line And 8-Line To 3-Line Priority Encoders 20-LCCC -55 to 125 1 A SWITCHING REGULATOR, 500 kHz SWITCHING FREQ-MAX, PDIP8 3.3V/5V/Adjustable-Output / Step-Up DC-DC Converters From old datasheet system 3.3V/5V/Adjustable-Output Step-Up DC-DC Converters 3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MN5120 MN5121 MN5122 MN5123 MN512X MN5130 MN5131 M |
8 bit A/D converter (MN512x - MN514x) 8-bit A/D Converters 8-bit A/D Converters 8位A / D转换
|
Integrated Circuit Systems Electronic Theatre Controls, Inc. Panasonic, Corp.
|
MAX860 MAX860ESA MAX860ISA MAX860IUA MAX860-MAX861 |
40 AMP MINI-ISO AUTOMOTIVE RELAY Quadruple 2-Input Positive-NOR Gates 14-CFP -55 to 125 50mA / Frequency-Selectable / Switched-Capacitor Voltage Converters 50mA Frequency-Selectable Switched-Capacitor Voltage Converters 50mA, Frequency-Selectable, Switched-Capacitor Voltage Converters
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
MAX640C/D MAX653C/D MAX653EPA MAX653ESA MAX653 MAX |
5V/3.3V/3V Adjustable, High-Efficiency, Low-IQ, Step-Down DC-DC Converters 700-mW Mono, Differential Input, Class-AB Audio Amplifier with Active Low Shutdown 8-SOIC -40 to 85 5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters 5V/3.3V/3V/可调、高效率、低IQ、降压型DC-DC转换 8-Bit Shift Register 24-SOIC -40 to 125 1 A SWITCHING REGULATOR, PDIP8 5V/3.3V/3V/Adjustable, High-Efficiency, Low IQ, Step-Down DC-DC Converters 1 A SWITCHING REGULATOR, PDSO8
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
LTC3424 LTC3423 LTC3424EMS LTC3423EMS |
Low Output Voltage, 3MHz Micropower Synchronous Boost Converters; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 125°C 2.8 A SWITCHING REGULATOR, 3000 kHz SWITCHING FREQ-MAX, PDSO10 3MHz, 2A Low Output Voltage Micropower Synchronous Boost Converters 3MHz, 1A Low Output Voltage Micropower Synchronous Boost Converters LOW OUTPUT VOLTAGE 3MHZ MICROPOWER SYNCHRONOUS BOOST CONVERTERS
|
Linear Technology, Corp. LINEAR[Linear Integrated Systems]
|