PART |
Description |
Maker |
14A-200 |
8 Pin Leading & Trailing TTL Active Deleay Line
|
Yuan Dean Scientific
|
AMPAL16R6AL/B2A PAL16L-4DC PAL16L-72DC PAL16L-42DC |
20-PIN TTL PROGRAMMABLE ARRAY LOGIC 20针的TTL可编程阵列逻辑 Fuse-Programmable PLD 保险丝,可编程的PLD 3/8 Pin 100mA Fixed 5V Positive Voltage Regulator 3-TO-92 0 to 125 5.0 AMP POSITIVE VOLTAGE REGULATOR 20-PIN TTL PROGRAMMABLE ARRAY LOGIC
|
http:// Rubycon, Corp. Advanced Micro Devices, Inc.
|
HC54R8 HC54R8-FREQ-OUT29 |
CRYSTAL OSCILLATOR, CLOCK, 1 MHz - 70 MHz, HCMOS/TTL OUTPUT 14 PIN DIP HCMOS/TTL COMPATIBLE
|
CONNOR WINFIELD CORP Connor-Winfield Corporation
|
EP9733-350 EP9733-40 EP9733-400 EP9733-60 EP9677 E |
8 Pin SIL 5 Tap TTL Compatible Active Delay Lines Tapped Delay Line Single Digitally-Controlled (XDCP) Potentiometer; Temperature Range: 0°C to 70°C; Package: 14-TSSOP 8 Pin SIL 5 Tap TTL Compatible Active Delay Lines
|
PCA ELECTRONICS INC. http://
|
TOAT-R512 |
50Ω TTL Control, Pin Diode 10 to 1000 MHz 50ヘ TTL Control, Pin Diode 10 to 1000 MHz
|
Mini-Circuits
|
PAL20L8-10PC PAL20L8-10DC PAL20L8-10JC PAL20L8-102 |
CAP 0.1UF 100V 10% X7R RAD.20 .30X.30 BULK M-MIL-PRF-39014 STANDOFF Current Mode PWM Controller 16-SOIC -40 to 85 Current Mode PWM Controller 16-CDIP -40 to 85 Current Mode PWM Controller 20-PLCC -40 to 85 24-Pin TTL Programmable Array Logic 24引脚的TTL可编程阵列逻辑 24-Pin TTL Programmable Array Logic OT PLD, 10 ns, PQCC28
|
Advanced Micro Devices, Inc.
|
MZO.5GE75V AED12K48N-S SMAJ22C AZ762-1C-24AEF EP98 |
ZENER DIODE Single Output 16th Brick: 60Watts 400W Peak Power Surface Mount TVS 16 A SPDT MINIATURE POWER RELAY 14 Pin DIL 5 Tap TTL Compatible Active Delay Lines Chip LED(0.8mm Herght) 3.3V / 1.25 Gbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH PIGTAIL
|
MIC GROUP RECTIFIERS Astec America, Inc SeCoS Halbleitertechnologie GmbH American Zettler, Inc. PCA ELECTRONICS INC. Everlight Electronics Co., Ltd http://
|
NF1TL NF1TLR NF3RL |
14-PIN DIP TTL OSCILLATORS
|
Wolfgang Knap
|
K1524A07 K1524AAM-R K1524A K1524AA K1524AAM K1524A |
14 pin DIP, 5.0 Volt, CMOS/TTL, VCXO
|
MTRONPTI[MTRONPTI]
|
N3290-44.736 NE3290-44.736 N3292-44.736 NE3292-44. |
Clock Oscillator 14 Pin Dip, 5V, HCMOS/TTL
|
Crystek Corporation
|
0461-0080-01 0461-0016-01 0461-0020-01 0461-0024-0 |
ECL 100K 8 Tap Leading Edge Control |DELAY LINES 8 TAP LEADING EDGE CONTROL 100K ECL DELAY MODULES
|
BEL[Bel Fuse Inc.]
|