PART |
Description |
Maker |
PM9311-UC PM9312-UC PM9315-HC PM9313 PM9313-HC |
ENHANCED TT1SWITCH FABRIC SPECIALTY TELECOM CIRCUIT, CBGA624 ENHANCED TT1 SWITCH FABRIC
|
PMC-Sierra, Inc.
|
EP7312-CV EP731205 EP7312-CB-90 EP7312-IV-90 EP731 |
High-performance, Low-power, System-on-chip with SDRAM & Enhanced with SDRAM & Enhanced IC ARM720T MCU 74MHZ 208-LQFP 32-BIT, FLASH, 74 MHz, RISC MICROCONTROLLER, PQFP208
|
Cirrus Logic, Inc.
|
EL5205IY-T13 EL5205 EL5104 EL5304 EL5205IS EL5205I |
700MHz Slew Enhanced VFA 700MHz Slew Enhanced VFA 1 CHANNEL, VIDEO AMPLIFIER, PDSO10 700MHz Slew Enhanced VFA 1 CHANNEL, VIDEO AMPLIFIER, PDSO8 700MHz Slew Enhanced VFA 1 CHANNEL, VIDEO AMPLIFIER, PDSO16 Circular Connector; Body Material:Aluminum; Series:PT06; No. of Contacts:55; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Socket; Insert Arrangement:22-55
|
Intersil, Corp. 音频/视频放 INTERSIL[Intersil Corporation] http://
|
74LCX16244MTD 74LCX16244MTDX 74LCX16244 74LCX16244 |
74LCX574 Low Voltage Octal D-Type Flip-Flop with 5V Tolerant Inputs and Outputs LOW VOLTAGE 16-BIT BUFFER/LINE DRIVER WITH 5V TOLERANT INPUTS AND OUTPUTS
|
FAIRCHILD[Fairchild Semiconductor]
|
PIC18F4580 PIC18F2580 PIC18F2480 18F258 PIC18F2580 |
28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology 28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology 10-Bit A/D and nanoWatt Technology (PIC18F2480 / 2580 / 4480 / 4580) Enhanced Flash Microcontrollers Microcontroller - Datasheet Reference
|
MICROCHIP[Microchip Technology] Microchip Technology Inc
|
PIC16LF818-IP PIC16F818-ISO PIC16F819-E PIC16F819- |
Enhanced Flash Microcontrollers 18/20-Pin Enhanced Flash Microcontrollers with nanoWatt Technology
|
Microchip Technology
|
MC33990 MC33990DR2 MC33990D |
J1850 Serial transceiver with enhanced Ground Enhanced Class B Serial Transceiver
|
Freescale (Motorola) FREESCALE[Freescale Semiconductor, Inc]
|
74VCXR162601 74VCXR162601MTD |
Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26-Ohm Series Resistors in the Outputs Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26ヘ Series Resistors in the Outputs Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26 Series Resistors in the Outputs Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Series Resistors in the Outputs 低电8位通用总线收发器,.6V耐压输入和输出和26ヘ系列的输出电阻 Low Voltage 18-Bit Universal Bus Transceivers with 3.6V Tolerant Inputs and Outputs and 26Series Resistors in the Outputs ALVC/VCX/A SERIES, 18-BIT REGISTERED TRANSCEIVER, TRUE OUTPUT, PDSO56
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
IDT74LVCH32245A 74LVCH32245A_DS_31737 IDT74LVCH322 |
Adjustable Precision Shunt Regulator 6-SC70 -40 to 85 3.3V CMOS 32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5 VOLT TOLERANT I/O, BUS-HOLD From old datasheet system 3.3V CMOS 32-BIT BUS TRANSCEIVER WITH 3-STATE OUTPUTS, 5V TOLERANT I/O, AND BUS-HOLD 3.3V CMOS 32-Bit Bus Transceiver with 3-State Outputs, 5.0V Tolerant I/O, and Bus-Hold
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
SP1481EEP SP1481EEN SP1481EMN SP1481E SP1481ECN SP |
5kV Enhanced Low Power Half-Duplex RS-485 Transceivers 5kV的增强低功耗半双工RS - 485收发 ±15kV Enhanced Low Power Half-Duplex RS-485 Transceivers 【15kV Enhanced Low Power Half-Duplex RS-485 Transceivers Enhanced Low Power Half-Duplex RS485 Transceivers
|
Exar, Corp. SIPEX[Sipex Corporation]
|
74LVC244ASO IDT74LVC244APG |
IC LOGIC 244 CMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS TOLERANT I/O 3.3V -40 85C SOIC-20 37/TUBE LVC/LCX/Z SERIES, DUAL 4-BIT DRIVER, TRUE OUTPUT, PDSO20 3.3V CMOS OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS,5 VOLT TOLERANT I/O
|
Integrated Device Technology, Inc. Integrated Device Techn...
|
74LVC162245A 74LVCH162245A 74LVC162245ADGG 74LVC16 |
16-bit bus transceiver with direction pin;with 30Ω series termination resistors, 5V input/output tolerant (3-State)(0Ω串联终端电阻器具有定向引脚的5V输入/输出容限6位总线收发器(三态)) 16-bit bus transceiver with direction pin; 30ohm series termination resistors; 5V Input/Outputs tolerant 3-State 30 Ohm series termination resistors, 5 V input/outputs tolerant (3-State)
|
Philips Semiconductors
|