PART |
Description |
Maker |
BC328-16/E6 BC328/E6 BC328-40/E6 BC327/E6 BC327-40 |
IC MAX 7000 CPLD 64 100-TQFP MAX II CPLD 570 LE 256-FBGA MAX II CPLD 570 LE 100-TQFP MAX 7000 CPLD 192 MC 160-PQFP MAX 7000 CPLD 32 MC 44-TQFP MAX 3000A CPLD 32 MC 44-TQFP MAX 7000 CPLD 256 MC 100-FBGA 晶体管|晶体管|进步党| 45V的五(巴西)总裁| 800mA的一(c)|26AA 800 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-226AA
|
Mitsubishi Electric, Corp. VISHAY SEMICONDUCTORS
|
ST4842XCQQ ST2642XCVV ST2642XCNV ST2731XCVV ST4742 |
IC MAX 9000 CPLD 560 208-RQFP FPGA, FLEX 10KV, 50K GATES, RQFP240; Logic IC family:FPGA; Logic IC Base Number:10; Logic IC function:EPF10K50V; Voltage, supply:3.3V; Case style FPGA, FLEX 10KA, 10K GATES, PQFP208; Logic IC family:FPGA; Logic IC Base Number:10; Logic IC function:EPF10K10A; Voltage, supply:3.3V; Case style ACEX 1K FPGA, 30K, 1K30, PQFP208; Logic IC family:Programmable; Logic IC Base Number:30; Logic IC function:Programmable; Case style:PQFP; Base number CPLD. MAX 7000, 256 MACROCELLS, PQFP208; Logic IC family:CPLD (EPLD); Logic IC Base Number:7256; Logic IC function:EPM7256AE; Voltage, supply:3.3V FPGA, ACEX 1K, 10K GATES, TQFP100; Logic IC family:Programmable; Logic IC Base Number:10; Logic IC function:EP1K10; Voltage, supply:2.50V; Case style:TQFP; Base number:1; Gates, No. of:10000; I/O lines, No. of:66; IC Generic RoHS Compliant: Yes MAX 3000A CPLD 128 MC 144-TQFP MAX 3000A CPLD 32 MC 44-PLCC MAX II CPLD 1270 LE 256-FBGA CPLD. MAX 7000, 192 MACROCELLS, PQFP160; Logic IC family:CPLD (EPLD); Logic IC Base Number:7192; Logic IC function:EPM7192S; Voltage, supply:5V; Case style:PQFP; Gates, No. of:3750; I/O lines, No. of:124; Macrocells, No. of:192; RoHS Compliant: Yes MAX II CPLD 240 LE 100-TQFP MAX 7000 CPLD 32 MC 44-PLCC CPLD 256CELLS 161/O 10NS [256/FBGA] CPLD. MAX 7000, 160 MACROCELLS, PQFP160; Logic IC family:CPLD (EPLD); Logic IC Base Number:7160; Logic IC function:EPM7160S; Voltage, supply:5V; Case style:PQFP; Gates, No. of:3200; I/O lines, No. of:104; Macrocells, No. of:160; RoHS Compliant: Yes IC ACEX 1K FPGA 50K 256-FBGA 通信集成电路 IC ACEX 1K FPGA 30K 208-PQFP 通信集成电路
|
Carlo Gavazzi
|
ST303C04CFL0 ST303C04CFN0 ST303C08CFL0 ST303C08CFN |
Silicon Controlled Rectifier, 1180 A, 1000 V, SCR, TO-200AB, METAL CASE WITH CERAMIC INSULATOR, EPUK-3 MAX II CPLD 1270 LE 256-FBGA 400V 1180A逆变晶闸管采用TO - 200AB(电子北辰)封装 Cyclone II FPGA 35K FBGA-672 800V180A逆变晶闸管采用TO - 200AB(电子北辰)封装 400V 1180A Inverter Thyristor in a TO-200AB (E-Puk) package 800V 1180A Inverter Thyristor in a TO-200AB (E-Puk) package 1000V 1180A Inverter Thyristor in a TO-200AB (E-Puk) package
|
Vishay Semiconductors TE Connectivity, Ltd. International Rectifier
|
YVZ152B-F |
IC MAX 7000 CPLD 256 208-PQFP
|
|
YQM0505-FEC YCMPB0507-FEC YCMPB0406-FEC |
Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:102; Package/Case:144-TQFP; Leaded Process Compatible:No; Number of Circuits:576; Peak Reflow Compatible (260 C):No; Mounting Type:surface mount RoHS Compliant: No MAX 3000A CPLD 256 MC 144-TQFP Stratix II FPGA 180K FBGA-1020 连接5MM/PG29
|
TE Connectivity, Ltd.
|
YG832C04R |
SCHOTTKY BARRIER DIODE MAX 7000 CPLD 256 MC 208-RQFP 肖特基二极管
|
Fuji Electric Electronic Theatre Controls, Inc.
|
XC2C256-7TQG144I XC2C256-7CP132I XC2C256-6FTG256C |
256 MACROCELL 1.8V ZERO POWER ISP CPLD FLASH PLD, 7.5 ns, PQFP144 256 MACROCELL 1.8V ZERO POWER ISP CPLD FLASH PLD, 7.5 ns, PBGA132
|
Xilinx, Inc. XILINX INC
|
XCR3256XL |
XCR3256XL: 256 Macrocell CPLD
|
Xilinx
|
XCR3256XL XCR3256XL-10TQ144C DS013 XCR3256XL-10TQ1 |
Preliminary Product Specification 256 Macrocell CPLD From old datasheet system
|
XILINX[Xilinx, Inc]
|
ST52F514Y0M6 ST52F514G3B6 |
IC MAX 7000 CPLD 64 44-TQFP 微控制器
|
STMicroelectronics N.V.
|
ST24LC21BB1 ST24LW21B1 ST24FC21M1 ST24FW21B1 ST24L |
1 Kbit (x8) Dual Mode Serial EEPROM for VESA PLUG & PLAY IC CONFIG DEVICE 8MBIT 100-PQFP I2C串行EEPROM IC ACEX 1K FPGA 100K 484-FBGA FPGA, FLEX 10K, 10K GATES, TQFP144; Logic IC family:FPGA; Logic IC Base Number:10; Logic IC function:EPF10K10; Voltage, supply:5.0V; Case style:TQFP; Gates, No. of:10000; I/O lines, No. of:102; Pins, No. of:144; Temp, op. RoHS Compliant: Yes IC CONFIG DEVICE 1.6MBIT 32-TQFP MAX 3000A CPLD 32 MC 44-PLCC
|
SGS Thomson Microelectronics Honeywell International, Inc.
|
YGV617QFP144 YGV617QFP160 |
IC MAX 7000 CPLD 64 44-PLCC IC CONFIG DEVICE 4MBIT 100-PQFP 非VGA视频控制
|
Bourns, Inc.
|
|