PART |
Description |
Maker |
ST20450-X40S |
Stratix II FPGA 130K FBGA-780 32位微处理
|
Integrated Silicon Solution, Inc.
|
YMZ705F |
Stratix II GX FPGA 30K FPGA-780 工业控制IC
|
Electronic Theatre Controls, Inc.
|
BC204VI BC214K BC213K BC173C BC153 BC209C BC209B B |
IC FLEX 6000 FPGA 10K 144-TQFP Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:102; Package/Case:144-TQFP; Leaded Process Compatible:No; Number of Circuits:1728 Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:66; Package/Case:100-TQFP; Leaded Process Compatible:No; Number of Circuits:576 FPGA Logic IC; Logic Type:Programmable; No. of Macrocells:147; Package/Case:208-PQFP; Leaded Process Compatible:No; Number of Circuits:4992; Peak Stratix II FPGA 180K FBGA-1020 Cyclone FPGA 6K FBGA-256 IC APEX 20KE FPGA 400K Cyclone FPGA 3K TQFP-144 晶体管|晶体管|叩| 20V的五(巴西)总裁| 100mA的一(c)|06
|
Electronic Theatre Controls, Inc.
|
BC213A BC214B BC214A BC213C BC158B BC158A BC147B B |
Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:102; Package/Case:144-TQFP; Number of Circuits:1728; Mounting Type:surface mount Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:147; Package/Case:208-PQFP; Leaded Process Compatible:No; Number of Circuits:1728 Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:176; Package/Case:256-FBGA; Leaded Process Compatible:No; Number of Circuits:1728 Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:102; Package/Case:144-TQFP; Leaded Process Compatible:No; Number of Circuits:576 ; Temperature, operating range:-40(degree C) to (degree C); Base number:16; IC Generic RoHS Compliant: Yes ; Temperature, operating range:-40(degree C) to (degree C); Base number:1; IC Generic RoHS Compliant: Yes FPGA, FLEX 10K, 10K GATES, PQFP208; Logic IC family:FPGA; Logic IC Base Number:10; Logic IC function:EPF10K10; Voltage, supply:5.0V; Case style:PQFP MAX 3000A CPLD 128 MC 100-TQFP MAX 7000 CPLD 128 MC 100-PQFP Stratix II GX FPGA 60K FPGA-780 晶体管|晶体管|进步党| 20V的五(巴西)总裁| 100mA的我(丙 Stratix II FPGA 60K FBGA-672 晶体管|晶体管|叩| 45V的五(巴西)总裁| 100mA的我(丙 SERIAL CONFIG MEMORY, 16M, SOIC16; Memory type:FLASH; Memory size:16MB; Temp, op. min:-40(degree C); Temp, op. max:85(degree C); Case style:SOIC; Temperature, operating range:-40(degree C) to (degree C); Base number:16; IC Generic RoHS Compliant: Yes
|
Golledge Electronics, Ltd. STMicroelectronics N.V.
|
TSC251G2DXXX-24IA TSC251G2DXXX-24IB TSC251G2DXXX-L |
IC CYCLONE III FPGA 80K 484 FBGA IC CYCLONE III FPGA 80K 780FBGA IC CYCLONE III FPGA 5K 144 EQFP IC CYCLONE III FPGA 5K 256 UBGA IC CYCLONE III FPGA 5K 256-UBGA IC CYCLONE III FPGA 5K 256 FBGA IC CYCLONE III FPGA 55K 484 UBGA 8/16-bit Microcontroller with Serial Communication Interfaces 16位产品微控制器的串行通信接口
|
Atmel, Corp.
|
ST3237 ST3237BD ST3237BDR ST3237BPR ST3237BTR ST32 |
3 TO 5.5V, 250KBPS, RS-232 TRANSCEIVER WITH STAND-BY 3 TO 5.5V, 250KBPS, RS-232 TRANSCEIVER WITH STAND-BY Stratix FPGA 10K FBGA-672
|
STMicroelectronics ST Microelectronics
|
ST24W01 ST24W01B1TR ST24W01B3TR ST24W01B5TR ST24W0 |
128 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 Cyclone FPGA 6K PQFP-240 I2C串行EEPROM MOSFET, N POWERPAKMOSFET, N POWERPAK; Transistor type:MOSFET; Transistor polarity:N; Voltage, Vds max:30V; Case style:PowerPak SO-8; Current, Id cont:6.5A; Current, Idm pulse:40A; Power, Pd:1.5W; Resistance, Rds on:0.015R; SMD:1; 1000串行EEPROM128 × 8 MOSFET, N SO-8MOSFET, N SO-8; Transistor type:MOSFET; Transistor polarity:N; Voltage, Vds max:30V; Case style:PowerPak SO-8; Current, Id cont:11A; Current, Idm pulse:40A; Power, Pd:1.9W; Resistance, Rds on:15R; SMD:1; Charge, gate 000串行EEPROM28 × 8 IC FLEX 10K AKA FPGA I2C串行EEPROM SERIAL 1K 128 x 8 EEPROM 000串行EEPROM28 × 8 Stratix GX FPGA 10K 4-FBGA IC FLEX 10KA FPGA IC FLEX 6000 FPGA 24K 208-PQFP IC APEX 20KE FPGA 200K IC FLEX 10KB FPGA 100K IC APEX 20KE FPGA 400K (ST2xxx) SERIAL 1K 128 x 8 EEPROM From old datasheet system SERIAL 1K (128 x 8) EEPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics ST Microelectronics
|
YQM0505-FEC YCMPB0507-FEC YCMPB0406-FEC |
Programmable Logic IC; Logic Type:Programmable; No. of Macrocells:102; Package/Case:144-TQFP; Leaded Process Compatible:No; Number of Circuits:576; Peak Reflow Compatible (260 C):No; Mounting Type:surface mount RoHS Compliant: No MAX 3000A CPLD 256 MC 144-TQFP Stratix II FPGA 180K FBGA-1020 连接5MM/PG29
|
TE Connectivity, Ltd.
|
BUS-63104-470 BUS-63135-190 BUS-63135-190K BUS-631 |
MIL-STD-1553 Components |Single and Dual Transceivers 符合MIL - STD - 1553模块|单和双收发器 IC CYCLONE III FPGA 40K 484 UBGA IC CYCLONE III FPGA 10K 256 UBGA No. of Macrocells:440; No. of Pins:100; Operating Temp. Max:85°C; Operating Temp. Min:0°C; Propagation Delay:9ns RoHS Compliant: Yes; DATACOM, MIL-STD-1553 DATA BUS TRANSCEIVER, DIP36 DATACOM, MIL-STD-1553 DATA BUS TRANSCEIVER, DFP36 IC,FPGA,79040-CELL,CMOS,BGA,1508PIN,PLASTIC IC,FPGA,41250-CELL,CMOS,BGA,780PIN,PLASTIC IC,FPGA,79040-CELL,CMOS,BGA,1020PIN,PLASTIC IC,FPGA,57120-CELL,CMOS,BGA,1508PIN,PLASTIC IC FLEX 10KA FPGA 100K 356-BGA DATACOM, MIL-STD-1553 DATA BUS TRANSCEIVER, DFP24 IC APEX 20KE FPGA 600K 356-BGA 总线收发 IC ARRIA GX FPGA 35K 780FBGA 总线收发 Emitter switched bipolar transistor ESBT® 1700 V - 4 A - 0.17 Ohm 收发 IC CYCLONE III FPGA 40K 324FBGA 总线收发 IC FLEX 6000 FPGA 16K 208-PQFP 总线收发 IC APEX 20KE FPGA 100K 240-PQFP 总线收发 Bus Transceiver 总线收发 Transceiver 收发 High voltage fast-switching NPN power transistors RF power transistor, LDMOST plastic family N-channel enhancement-mode, lateral MOSFETs Emitter switched bipolar transistor ESBT 1700V - 6A - 0.15 Ohm RF power transistor the LdmoST plastic family Hybrid emitter switched bipolar transistor ESBT 2200 V - 3 A - 0.33 Ohm Hybrid emitter switched bipolar transistor ESBT 1700V - 3A - 0.33 IC FLEX 8000A FPGA 8K 160-PQFP RF and microwave transistors HF SSB applications RF power bipolar transistors HF SSB applications HF SSB applications RF & microwave transistors FPGA, CYCLONE III, 55K LE, 484FBGA Programmable Logic Type:FPGA; Logic IC function:FPGA; Logic IC family:Cyclone III; Logic IC Base Number:3; I/O lines, No. of:327; FPGA, CYCLONE III, 40K LE, 780FBGA Programmable Logic Type:FPGA; Logic IC function:FPGA; Logic IC family:Cyclone III; Logic IC Base Number:3; I/O lines, No. of:535; FPGA, CYCLONE III, 25K LE, 240PQFP Programmable Logic Type:FPGA; Logic IC function:FPGA; Logic IC family:Cyclone III; Logic IC Base Number:3; I/O lines, No. of:148; FPGA, CYCLONE III, 16K LE, 484UBGA Programmable Logic Type:FPGA; Logic IC function:FPGA; Logic IC family:Cyclone III; Logic IC Base Number:3; I/O lines, No. of:346; FPGA, CYCLONE III, 16K LE, 164MBGA Programmable Logic Type:FPGA; Logic IC function:FPGA; Logic IC family:Cyclone III; Logic IC Base Number:3; I/O lines, No. of:92; FPGA, CYCLONE III, 16K LE, 144EQFP Programmable Logic Type:FPGA; Logic IC function:FPGA; Logic IC family:Cyclone III; Logic IC Base Number:3; I/O lines, No. of:84; FPGA, CYCLONE III, 119K LE, 780FBGA Programmable Logic Type:FPGA; Logic IC function:FPGA; Logic IC family:Cyclone III; Logic IC Base Number:3; I/O lines, No. of:531; FPGA, CYCLONE III, 119K LE, 484FBGA Programmable Logic Type:FPGA; Logic IC function:FPGA; Logic IC family:Cyclone III; Logic IC Base Number:3; I/O lines, No. of:283; FPGA, CYCLONE II, 50K LE, 484UBGA Programmable Logic Type:FPGA; Logic IC function:FPGA; Logic IC family:Cyclone II; Logic IC Base Number:2; I/O lines, No. of:294; IC FLEX 10K FPGA 30K 208-RQFP IC FLEX 8000A FPGA 2.5K 100-TQFP RF power transistor - LdmoST family IC FLEX 10K FPGA 10K 84-PLCC IC CYCLONE III FPGA 55K 484FBGA IC,FPGA,72-CELL,CMOS,QFP,208PIN,PLASTIC 208-pin PQFP IC ACEX 1K FPGA 30K 256-FBGA IC ACEX 1K FPGA 10K 144-TQFP IC ACEX 1K FPGA 10K 100-TQFP IC,FPGA,72-CELL,CMOS,TQFP,100PIN,PLASTIC IC STRATIX III FPGA 150K 780FBGA APEX DEVICES FPGA, CYCLONE III, 10K LE, 164MBGA Programmable Logic Type:FPGA; Logic IC function:FPGA; Logic IC family:Cyclone III; Logic IC Base Number:3; I/O lines, No. of:106; IC CYCLONE III FPGA 119K 780FBGA FPGA Logic IC Logic Type:FPGA; No. of Macrocells:257; Package/Case:484-BGA; Leaded Process Compatible:No; Number of Circuits:18; IC,FPGA,10570-CELL,CMOS,BGA,484PIN,PLASTIC IC,FPGA,14400-CELL,CMOS,BGA,780PIN,PLASTIC 484-pin FineLine BGA IC,FPGA,4800-CELL,CMOS,BGA,484PIN,PLASTIC IC CYCLONE III FPGA 10K 256-UBGA IC CYCLONE III FPGA 5K 256 UBGA FPGA, STRATIX III, 150K LE, 1152FBGA RoHS Compliant: Yes IC STRATX III FPGA 150K 1152FBGA IC STRATIX II GX 90K 1152-FBGA IC,FPGA,10570-CELL,CMOS,BGA,672PIN,PLASTIC IC CYCLONE III FPGA 16K 256FBGA NPN transistor power module RF POWER TRANSISTORS HF/VHF/UHF N-CHANNEL MOSFETS LOW NOISE GENERAL PURPOSE AUDIO AMPLIFIERS COMPLEMENTARY SILICON POWER TRANSISTORS NPN medium power transistors High power NPN epitaxial planar bipolar transistor Silicon PNP transistors Epitaxial planar NPN High gain low voltage PNP power transistor Medium current, high performance, low voltage PNP transistor PNP medium power transistor Complementary power transistors High power NPN transistor Low voltage fast-switching NPN power bipolar transistors High voltage fast switching NPN power transistor Low voltage fast-switching PNP power transistor Low voltage fast-switching NPN power transistor IC FLEX 10KV FPGA 50K 240-PQFP IC FLEX 8000A FPGA 4K 160-PQFP Medium voltage fast-switching NPN power transistor
|
DATA DEVICE CORP Cypress Semiconductor, Corp. PRECI-DIP SA Advanced Interconnections, Corp. Advanced Monolithic Systems, Inc. BI Technologies, Corp. STMicroelectronics N.V. Vishay Semiconductors Astrodyne, Inc. Winbond Electronics, Corp. SIEMENS AG Cypress Semiconductor Corp. TOKO, Inc. Jameco Electronics Marktech Optoelectronics API Delevan Air Cost Control Analog Devices, Inc. Lattice Semiconductor, Corp. ITW Switches 3M Company Bourns, Inc. Yageo, Corp. Advanced Analogic Technologies, Inc. Infineon Technologies AG Electronic Theatre Controls, Inc. PHOENIX CONTACT Deutschland GmbH Abracon, Corp. Atmel, Corp. Amphenol, Corp. Anpec Electronics, Corp. NXP Semiconductors N.V. TE Connectivity, Ltd. Molex, Inc. Sensata Technologies Holding N.V. Capital Advanced Technologies, Inc. Glenair, Inc.
|
EP2C35F672C8ES |
FPGA, 2100 CLBS, PBGA672 FBGA-672
|
Altera International Limited
|
ST24C04RB5 |
Cyclone II FPGA 20K FBGA-484 I2C串行EEPROM
|
Cree, Inc.
|
XC2V10000-4FF1152I XC2V10000-4FFG1517C XC2V10000-4 |
FPGA, 15360 CLBS, 10000000 GATES, 765 MHz, PBGA1152 1 MM PITCH, FLIP CHIP, FBGA-1152 FPGA, 15360 CLBS, 10000000 GATES, 765 MHz, PBGA1517 1 MM PITCH, FLIP CHIP, FBGA-1517 FPGA, 15360 CLBS, 10000000 GATES, 765 MHz, PBGA957 1.27 MM PITCH, FLIP-CHIP, BGA-957 FPGA, 15360 CLBS, 10000000 GATES, 880 MHz, PBGA957 1.27 MM PITCH, FLIP-CHIP, BGA-957 FPGA, 15360 CLBS, 10000000 GATES, 880 MHz, PBGA1152 1 MM PITCH, FLIP CHIP, FBGA-1152 FPGA, 15360 CLBS, 10000000 GATES, 880 MHz, PBGA1517 1 MM PITCH, FLIP CHIP, FBGA-1517 FPGA, 15360 CLBS, 10000000 GATES, PBGA957 FPGA, 15360 CLBS, 10000000 GATES, PBGA1152 FPGA, 15360 CLBS, 10000000 GATES, PBGA1517
|
Xilinx, Inc. XILINX INC
|
|