PART |
Description |
Maker |
YSS901 |
Stereo Dipole System(SD)( 立体声偶极系 立体声偶极子系统(特别职务)(立体声偶极系统 Hook-Up Wire; Conductor Size AWG:16; No. Strands x Strand Size:26 x 30; Jacket Color:White; Approval Bodies:UL, CSA; Approval Categories:UL AWM Styles 1007, 1565; CSA Types TR-64, TRSR-64; JQA-F; Passes VW-1 Flame Test RoHS Compliant: Yes SD Stereo dipole
|
Yamaha, Corp. Electronic Theatre Controls, Inc. ETC List of Unclassifed Manufacturers
|
MRF5007R1 MRF5007 |
Circular Connector; MIL SPEC:MIL-C-5015 E/F/R; Body Material:Metal; Series:SM3102; No. of Contacts:19; Connector Shell Size:24; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle; Body Style:Straight N-CHANNEL BROADBAND RF POWER FET
|
Motorola, Inc. MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|
ST3485EB ST3485EC |
3.3V POWERED, 15KV ESD PROTECTED, TRANSMIT ANT UP TO 12MBPS TRUE RS-485/RS-422 TRANSCEIVER
|
ST Microelectronics
|
AND-C-106 |
Dipole Antenna for PCN
|
http://
|
RF-1940 RF-1941 |
HF MANPACK, PORTABLE DIPOLE ANTENNA
|
Harris Corporation
|
MAALSS0012 MAALSS0012-3000 MAALSS0012SMB MAALSS001 |
Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:2; Connector Shell Size:32; Connecting Termination:Solder; Circular Shell Style:Square Flange Receptacle; Body Style:Straight Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:4; Connector Shell Size:32; Connecting Termination:Solder; Circular Shell Style:Square Flange Receptacle; Body Style:Straight Miniature Broadband Gain Stage 200 - 3000 MHz
|
MACOM[Tyco Electronics]
|
GW11A153 |
2.4GHz 2.3dBi Screw mount Dipole Antenna
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|
GW11A153W |
2.4GHz 2.3dBi Screw mount Dipole Antenna
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|
BCY78-VIII BCY78 BCY78-IX BCY78-VII BCY78-X BCY79- |
Safety Sign; Legend:No Smoking; External Height:10"; External Width:14"; Body Material:Aluminum; Color:Red/White RoHS Compliant: NA 100 mA, 32 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-18 PNP SILICON TRANSISTOR 100 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-18 Safety Sign; Legend:Caution Hearing Protection Must Be Worn In This Area; External Height:10"; External Width:14"; Body Material:Aluminum; Color:Yellow/Black RoHS Compliant: NA 100 mA, 32 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-18 Safety Sign; Legend:Caution Wear Safety Shoes in This Area; External Height:10"; External Width:14"; Body Material:Aluminum; Color:Yellow/Black RoHS Compliant: NA 100 mA, 32 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-18 PROTECTIVE WEAR SIGN Leaded Small Signal Transistor General Purpose
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
ST1480A ST1480ABD ST1480ABDR ST1480ABN ST1480ACD S |
3.3V POWERED, 15KV ESD PROTECTED, TRASMIT AT UP TO 12MBPS TRUE RS-485/RS-422 TRANSCEIVER 3.3V供电5KV静电保护,TRASMIT高达12Mbps的真RS-485/RS-422收发 3.3V POWERED. 15KV ESD PROTECTED. TRANSMIT ANT UP TO 12MBPS TRUE RS-485/RS-422 TRANSCEIVER 3.3V供电15KV静电保护。发送蚂蚁可2Mbps真RS-485/RS-422收发 3.3V POWERED, 15KV ESD PROTECTED, TRANSMIT ANT UP TO 12MBPS TRUE RS-485/RS-422 TRANSCEIVER
|
STMicroelectronics N.V.
|
2795AA 2795F 2795AA00 |
Miniature Broadband Surface Mount Transformers Broadband Transformers 622Mbps, Low-Power, 3.3V Clock-Recovery and Data-Retiming IC with Limiting Amplifier
|
Bel Fuse Inc.
|
PC240.09.0300K PC240090300K |
Low profile-only 3mm in thickness Embedded T-Bar 433MHz Adhesive/Screw Mounted Helical Dipole with 0.3M RG316 MMCX(M)RA
|
Taoglas antenna solutio...
|