PART |
Description |
Maker |
P8SG-247R2ZH30 P8SG-0505ZH30 P8SG-053R6ZH30 P8SG-1 |
Input voltage:24V, output voltage /-7.2V ( /-100mA), 3KV isolated 1.5W regulated dual output Input voltage:24V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated dual output Input voltage:24V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-3.6V ( /-200mA), 3KV isolated 1.5W regulated dual output 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 3千伏隔震1.5糯稳压双输出DIP24
|
PEAK[PEAK electronics GmbH]
|
PXD10-12S3P3 PXD10-24S3P3 PXD10-24WD12 PXD10-24WS0 |
Single and Dual Output 10 to 20W DC-DC Converters
|
TDK Electronics
|
WDD20-15S1U WDD20-03S1U WDD20-12S4U WDD20-15D2U WD |
DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
|
Chinfa Electronics Ind. Co., Ltd.
|
WDD20-03S4U |
DC - DC CONVERTER 20W SINGLE & DUAL OUTPUT
|
Chinfa Electronics Ind....
|
PZ8GG-1515ZH30 PZ8GG-0505ZH30 PZ8GG-0512ZH30 PZ8GG |
Input voltage:12V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated dual output Input voltage:15V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated dual output Input voltage:5V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output PZ8GGxxxxZH30 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT SIP12 Input voltage:12V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated dual output Input voltage:12V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated dual output
|
PEAK[PEAK electronics GmbH]
|
B2001RU B2012RU B2014RU B2015RU B2017RU B2011RU B2 |
4:1 Input Range, 20W Single & Dual Output DC/DC Con vert ers B2000RU SERIES
|
MicroPower Direct, LLC
|
P8SG-XXXXZH30M P8SG-0505ZH30M P8SG-053R6ZH30M P8SG |
Input voltage:24V, output voltage /-7.2V ( /-100mA), 3KV isolated 1.5W regulated single output Input voltage:24V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated single output Input voltage:24V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage /-3.6V ( /-200mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 3千伏隔震1.5糯稳压双输出DIP24
|
PEAK[PEAK electronics GmbH]
|
HPR1XX HPR100 HPR101 HPR102 HPR103 HPR104 HPR105 H |
DC/DC converter, input 15V, output 12V DC/DC converter, input 24V, output /-12V MINIATURE SIP, DIP AND SMD PACKAGES DC/DC converter, input 24V, output /-15V DC/DC converter, input 12V, output /-5V
|
CANDD[C&D Technologies]
|
MAX743 MAX743CPE MAX743CWE MAX743EPE MAX743EWE MAX |
Dual-Output, Switch-Mode Regulator( 5V to -15V or -12V) 2 A DUAL SWITCHING CONTROLLER, 200 kHz SWITCHING FREQ-MAX, UUC19
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
SBESD0801S-12 |
20W, 12V Ultra Low Capacitance Transient Voltage Suppressors
|
SeCoS Halbleitertechnol...
|
TDA7490L05 TDA7490L |
20W 20W STEREO CLASS-D AMPLIFIER 40W MONO IN BTL
|
STMicroelectronics
|
S7DB-07A180 S7DB-07A150 S7DB-07A500 S7DB-07A250 S7 |
NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A 7 A SWITCHING REGULATOR, 240 kHz SWITCHING FREQ-MAX, PDSO12 NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A 7 A SWITCHING REGULATOR, 425 kHz SWITCHING FREQ-MAX, PDSO12 NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A 7 A SWITCHING REGULATOR, 322 kHz SWITCHING FREQ-MAX, PDSO12 NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A 7 A SWITCHING REGULATOR, 380 kHz SWITCHING FREQ-MAX, PDSO12 NON-ISOLATED DC/DC CONVERTERS 12V Input / 1.2V - 5.0V Output / 7A 非隔离式DC / DC转换2V输入/ 1.2V电压- 5.0V输出/ 7A
|
Bel Fuse, Inc.
|