PART |
Description |
Maker |
AP78L08YG-13 AP78L05YG-13 AP78L12YG-13 AP78LXXVL-A |
AP78LXX SERIES 3-TERMINAL POSITIVE 3-terminal positive regulators 5 V FIXED POSITIVE REGULATOR, PSSO3 8 V FIXED POSITIVE REGULATOR, PDSO8
|
Diodes Inc. Diodes Incorporated Diodes, Inc.
|
7815C |
3-Terminal Positive Fixed Voltage Regulator THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 三端固定电压调节
|
List of Unclassifed Man... Unknow ETC[ETC] American Microsemiconductor Electronic Theatre Controls, Inc.
|
IP140MA IP78M00A IP140M IP78M00 IP78M12H-883B IP14 |
THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 0.5 AMP Positive Voltage Regulator(0.5 A ,12V稳压 0.5 AMP Positive Voltage Regulator(0.5 A ,5V稳压 CGrid VT SMT Rcpt w/peg 30 SAu 42Ckt Voltage Regulator 5 V FIXED POSITIVE REGULATOR, MBCY3 Voltage Regulator 电压调节 0.5 AMP Positive Voltage Regulator(0.5 A ,15V稳压 0.5安培正电压稳压器.5甲,15V的稳压器 Voltage Regulator 12 V FIXED POSITIVE REGULATOR, MBCY3
|
SEME-LAB[Seme LAB] Semelab(Magnatec) TT electronics Semelab Limited TT electronics Semelab, Ltd. HI-SINCERITY MICROELECTRONICS, CORP. SEMELAB LTD
|
OM7640SM OM7641SM OM7639SM |
Hi-Rel Fixed Voltage 3-Terminal Positive Regulator SURFACE MOUNT POSITIVE VOLTAGE REGULATOR, 3-TERMINAL, FIXED VOLTAGE
|
International Rectifier ETC
|
MC78L05ABD MC78L05ABDG MC78L05ABPG MC78L05AC MC78L |
100mA, 5V, Positive Voltage Regulator 100mA, 15V, Positive Voltage Regulator 100mA, 12V, Positive Voltage Regulator 100mA, 8V, Positive Voltage Regulator 100mA, 24V, Positive Voltage Regulator 100mA, 9V, Positive Voltage Regulator 4.5V to 18V Input, Low Pin Count Synchronous Buck Controller with Power Good 10-SON -40 to 85 15 V FIXED POSITIVE REGULATOR, PBCY3 5.0 AMP POSITIVE VOLTAGE REGULATOR 5 V FIXED POSITIVE REGULATOR, PBCY3 5.0 AMP POSITIVE VOLTAGE REGULATOR 5.0放大器正电压稳压 5.0 AMP POSITIVE VOLTAGE REGULATOR 9 V FIXED POSITIVE REGULATOR, PDSO8 DIODE RECT 200V 200MA S-MINI 2P FIXED POSITIVE REGULATOR, PBCY3 1.6A, 1.25-MHz Buck Converter in a 3 mm SON Package 6-VSON -40 to 125 FIXED POSITIVE REGULATOR, PBCY3 1.6A, 1.25-MHz Buck Converter in a 3 mm SON Package 6-VSON -40 to 125 18 V FIXED POSITIVE REGULATOR, PBCY3 High Efficiency, Mid-Range Input, Synchronous Buck Controller with Voltage Feed Forward 16-HTSSOP -40 to 85 Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GTS; No. of Contacts:6; Connector Shell Size:36; Connecting Termination:Solder; Body Style:Right Angle; Circular Contact Gender:Socket; Gender:Male Three-Terminal Low Current Positive Voltage Regulators
|
ONSEMI[ON Semiconductor] http://
|
LM7824-ISO LM7824-220M |
Positive Fixed Voltage Regulator THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
|
|
LT1117IST-2.85 LT1117IST-5 LT1117IST-3.3 LT1117-5 |
800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V,3.3V, 5V; Package: SOT; No of Pins: 3; Temperature Range: -40°C to 85°C 2.85 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PDSO4 800mA Low Dropout Positive Regulators Adjustable and Fixed 2.85V,3.3V, 5V; Package: DD PAK; No of Pins: 3; Temperature Range: 0°C to 70°C 5 V FIXED POSITIVE LDO REGULATOR, 1.2 V DROPOUT, PSSO3 800mA Low Dropout Positive Regulators Adjustable and Fixed 5V(800mA,低压差固定5V)正输出稳压 THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS
|
Linear Technology, Corp. Linear Technology Corporation
|
R1170H301B R1170H301B-T1 R1170H301B-T2 R1170H301B- |
800mA LDO REGULATOR 800mA LDO REGULATOR 1.6 V FIXED POSITIVE LDO REGULATOR, 0.35 V DROPOUT, PDSO6 800mA LDO REGULATOR 1.8 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO6 800mA LDO REGULATOR 2.1 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO6 CAPS, COAX CONNECTOR; SC MALE CAP (WITH CHAIN); SC MALE CAP (WITH CHAIN) 4 V FIXED POSITIVE LDO REGULATOR, 0.18 V DROPOUT, PDSO6 800mA LDO REGULATOR 3 V FIXED POSITIVE LDO REGULATOR, 0.18 V DROPOUT, DSO6 800mA LDO REGULATOR 800mA的LDO稳压 800mA LDO REGULATOR 2.2 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO6 800mA LDO REGULATOR 1.9 V FIXED POSITIVE LDO REGULATOR, 0.25 V DROPOUT, PDSO6 800mA LDO REGULATOR 4 V FIXED POSITIVE LDO REGULATOR, 0.18 V DROPOUT, PDSO6 800mA LDO REGULATOR 2.3 V FIXED POSITIVE LDO REGULATOR, 0.2 V DROPOUT, PDSO6 800mA LDO REGULATOR 2.9 V FIXED POSITIVE LDO REGULATOR, 0.18 V DROPOUT, PDSO6 800mA LDO REGULATOR 3 V FIXED POSITIVE LDO REGULATOR, 0.18 V DROPOUT, PDSO6 800mA LDO REGULATOR 2.8 V FIXED POSITIVE LDO REGULATOR, 0.18 V DROPOUT, PDSO6 VOLT REG POS 4V 100MA SMD TO-243 CABLE 10COND 24AWG UNSHLD UL2464
|
RICOH electronics devic... RICOH COMPANY LTD Ricoh Co., Ltd. RICOH[RICOH electronics devices division]
|
OM186-12 OM186-12NM OM186-15 OM186-15NM OM186-5 OM |
SURFACE MOUNT LOW DROPOUT POSITIVE FIXED VOLTAGE REGULATORS Hi-Rel Fixed Voltage Low Dropout 3-Terminal Positive Regulator
|
http:// IRF[International Rectifier]
|
OM7815AIH OM7812AIH OM7812H OM7805AIH OM7800IH OM7 |
ISOLATED HERMETIC TO-257AA FIXED VOLTAGE REGULATORS Hi-Rel Fixed Voltage 3-Terminal Positive Regulator
|
Electronic Theatre Controls, Inc. IRF[International Rectifier] ETC[ETC]
|
OM1815STM OM1805NTM OM1805STM OM1812NTM OM1812STM |
ISOLATED HERMETIC TO-257AA FIXED VOLTAGE REGULATORS APPROVED TO DESC DRAWINGS Hi-Rel Fixed Voltage 3-Terminal Positive Regulator
|
List of Unclassifed Man... List of Unclassifed Manufacturers ETC[ETC] International Rectifier
|