PART |
Description |
Maker |
12734/3/1 |
Multipole, Connector, Termination Pin, Number Of Conductors 3
|
Bulgin Components PLC
|
43645-0700 43645-1200 43645-0900 43645-1000 |
Multipole Connector; Gender:Female; Number of Contacts:7; Series:Micro-Fit 3.0; Body Material:Polyester; Number of Rows:1 7 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Multipole Connector; Gender:Female; No. of Contacts:12; Series:Micro-Fit 3.0; Body Material:Polyester; No. of Rows:1 RoHS Compliant: Yes 12 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Multipole Connector; Gender:Female; No. of Contacts:9; Series:Micro-Fit 3.0; Body Material:Polyester; No. of Rows:1 9 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Multipole Connector; Gender:Female; No. of Contacts:10; Series:Micro-Fit 3.0; Body Material:Polyester; No. of Rows:1 RoHS Compliant: Yes 10 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
39-29-0163 |
Multipole Connector; Number of Contacts:16; Pitch Spacing:4.20mm; Gender:Header; Number of Rows:2; Series:5566; Body Material:PA Polyamide (Nylon) 6/6; Connecting Termination:Thru-Hole; Contact Finish:Gold 16 CONTACT(S), MALE, POWER CONNECTOR, SOLDER
|
Molex, Inc.
|
39-01-4037 39-01-4032 |
Multipole Connector; Gender:Male; No. of Contacts:3; Series:Mini-Fit Jr.; Body Material:Nylon 6/6; No. of Rows:1; Pitch Spacing:0.165" RoHS Compliant: Yes 3 CONTACT(S), MALE, POWER CONNECTOR, PLUG Header Connector,Cable Mnt,PLUG,3 Contacts,SKT,0.165 Pitch,POLARIZED LCK 3 CONTACT(S), MALE, POWER CONNECTOR, PLUG
|
Molex, Inc.
|
55917-3810 55917-1010 55917-1610 |
2.0 WtB Dual Conn Dip Plg Hsg Assy 38Ckt 38 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, PLUG Multipole Connector; No. of Contacts:10; Pitch Spacing:2mm; No. of Rows:2; Gender:Header; Series:55917; Body Material:PBT Polyester, Glass-filled; Color:White; Connecting Termination:Thru-Hole; Contact Termination:Through Hole RoHS Compliant: Yes Multipole Connector; No. of Contacts:16; Pitch Spacing:2mm; No. of Rows:2; Gender:Header; Series:55917; Body Material:PBT Polyester, Glass-filled; Color:White; Connecting Termination:Thru-Hole; Contact Termination:Through Hole RoHS Compliant: Yes
|
Molex, Inc. MOLEX INC
|
10-01-1064 10-01-1014 10-01-1114 10-01-1044 91813- |
PCB, Connector, Current Rating 7 Ampere, Contact Resistance 20 Milliohms, Number Of Ways Of Terminal Block 6 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Multipole Connector; Gender:Female; Number of Contacts:1; Series:KK; Body Material:Nylon; Number of Rows:1 1 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 5.08mm KK Crp Term Hsg 11Ckt 11 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP PCB, Connector, Current Rating 7 Ampere, Contact Resistance 20 Milliohms, Number Of Ways Of Terminal Block 4 4 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 5 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Molex, Inc. MOLEX INC
|
50-37-5073 50-37-5123 50-37-5023 MOLEXINC-50-37-50 |
Multipole Connector; Gender:Female; Number of Contacts:7; Series:SPOX; Body Material:Nylon 6/6; Number of Rows:1; Pitch Spacing:0.098" 7 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Connector Housing; Gender:Female; Number of Contacts:12; Series:5264-N SPOX(TM); Body Material:PA Polyamide (Nylon) 6/6; Connecting Termination:Crimp; Connector Shroud:Yes 12 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE HEADER CONNECTOR,CABLE MNT,PLUG,2 CONTACTS,0.098 PITCH 2 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
26-32-9020 09-06-3167 09-06-5168 09-06-5167 09-06- |
156 KK IDT DlCnt W/LR FTo Tin 2ckt 2 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 156 KK IDT DlCnt W/LR FTh Tin 16ckt 16 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 156 KK IDT DlCnt W/LR FTo Tin 16ckt 16 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC Multipole Connector; Gender:Female; No. of Contacts:20; Series:KK; Body Material:Nylon; No. of Rows:1 RoHS Compliant: Yes 20 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC Multipole Connector; Gender:Female; No. of Contacts:8; Series:KK; Body Material:Nylon; No. of Rows:1 8 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 156 KK IDT DlCnt W/LR FTh Gold 2ckt 2 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 156 KK IDT DlCnt W/LR FTo Gold 3ckt 3 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 156 KK IDT DlCnt W/LR FTo Gold 9ckt 9 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 156 KK IDT DlCnt WO/LR FTh Tin 16ckt 16 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 156 KK IDT DlCnt WO/LR FTh Tin 12ckt 12 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 156 KK IDT DlCnt WO/LR FTh Tin 4ckt 4 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 156 KK IDT DlCnt W/LR FTh Tin 4ckt 4 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 156 KK IDT DlCnt WO/LR FTo Tin 16ckt 16 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 156 KK IDT DlCnt WO/LR FTh Tin 15ckt 15 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 156 KK IDT DlCnt WO/LR FTo Tin 14ckt 14 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 156 KK IDT DlCnt WO/LR FTh Tin 6ckt 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 156 KK IDT DlCnt WO/LR FTh Tin 3ckt 3 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 156 KK IDT DlCnt W/LR Fto Tin 10ckt 10 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 156 KK IDT DlCnt W/LR FTo Tin 4ckt 4 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 156 KK IDT DlCnt W/LR Fth Tin 3ckt 3 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 156 KK IDT DlCnt W/LR Fto Tin 7ckt 7 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 156 KK IDT DlCnt W/LR Fto Tin 8ckt 8 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 156 KK IDT DlCnt WO/LR FTh Tin 2ckt 11 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 17 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, IDC 156 KK IDT DlCnt W/LR FTh Tin 9ckt 156 KK IDT DlCnt W/LR FTo Tin 14ckt 156 KK IDT DlCnt W/LR FTo Tin 6ckt 156 KK IDT DlCnt WO/LR FTo Tin 6ckt
|
Molex, Inc. MOLEX INC
|
15-24-7247 15-24-7103 15-24-7161 15-24-7183 15-24- |
MiniFit BMI Rec Hdr AssyV-0 24Ckt PhB Au 24 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE Header; No. of Contacts:10; Pitch Spacing:4.2mm; No. of Rows:2; Series:BMI; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Straight Pin 10 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE MiniFit BMI Vt Rcpt Hdr Tin V-0 16Ckt 16 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE Header Connector,PCB Mnt,PLUG,18 Contacts,SKT,0.165 Pitch,PC TAIL Terminal RoHS Compliant: Yes 18 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE A-42385-18D2 V-0 18Ckt 18 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE MiniFit BMI Vt Rcpt Hdr Au V-0 16Ckt 16 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE Header Connector,PCB Mnt,PLUG,14 Contacts,SKT,0.165 Pitch,PC TAIL Terminal RoHS Compliant: Yes 14 CONTACT(S), FEMALE, POWER CONNECTOR, SOLDER, RECEPTACLE Mini-Fit BMI Rec Hdr Assy V-0 24Ckt 15247242 Multipole Connector; Number of Contacts:6; Pitch Spacing:4.2mm; Number of Rows:2; Gender:Header; Series:42385; Body Material:PA Polyamide (Nylon) 6/6; Color:Natural, White; Connecting Termination:Thru-Hole; Contact Material:Brass
|
Molex, Inc. MOLEX INC
|
|