PART |
Description |
Maker |
03-06-1043 03-06-1091 |
Multipole Connector; Gender:Female; Body Material:PA Polyamide (Nylon) 6/6; Leaded Process Compatible:No; Operating Voltage:250V; Peak Reflow Compatible (260 C):No Multipole Connector; Gender:Female; No. of Contacts:9; Body Material:PA Polyamide (Nylon) 6/38; Connecting Termination:Crimp; No. of Rows:3; Operating Voltage:250V; Pitch Spacing:0.062"
|
MOLEX INC
|
19-09-2032 |
Multipole Connector; Gender:Female; No. of Contacts:3; Series:Standard .093"; Body Material:Nylon 6/6; No. of Rows:1 3 CONTACT(S), MALE, POWER CONNECTOR, PLUG
|
Molex, Inc.
|
51110-0460 51110-1260 51110-0660 1110-1060 |
Multipole Connector; Gender:Male; Number of Contacts:4; Series:Milli-Grid; Body Material:Glass-filled Polyester; Number of Rows:2; Pitch Spacing:0.079" 4 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Header Connector,Cable Mnt,PLUG,12 Contacts,0.079 Pitch 12 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Multipole Connector; Gender:Male; Number of Contacts:6; Series:Milli-Grid; Body Material:Glass-filled Polyester; Number of Rows:2; Pitch Spacing:0.079" 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Multipole Connector; Gender:Male; No. of Contacts:10
|
Molex, Inc. MOLEX INC
|
72.300.2453.0 |
Industrial Multipole; Gender:Female; No. of Rows:1 RECTANGULAR CONNECTOR
|
Wieland Electric, Inc.
|
43640-0201 43640-0301 43640-0200 43640-0300 43640- |
MICRO-FIT (3.0) IN-LINE 2 THRU 12 CIRCUIT PLUG W/ OPTIONAL PANEL MOUNTS Multipole Connector; Gender:Male; No. of Contacts:7; Series:Micro-Fit 3.0; Body Material:Polyester; No. of Rows:1; Pitch Spacing:0.118" 7 CONTACT(S), MALE, POWER CONNECTOR, PLUG Multipole Connector; Gender:Male; Number of Contacts:7; Series:Micro-Fit 3.0; Body Material:Polyester; Number of Rows:1; Pitch Spacing:0.118"
|
Molex Electronics Ltd. Molex, Inc. MOLEX INC
|
43020-1600 43020-1601 43020-2400 |
Multipole Connector; Gender:Male; Number of Contacts:16; Series:Micro-Fit 3.0; Body Material:Polyester; Number of Rows:2; Pitch Spacing:0.118" 16 CONTACT(S), MALE, POWER CONNECTOR, CRIMP, PLUG Multipole Connector; Gender:Male; No. of Contacts:24; Series:Micro-Fit 3.0; Body Material:Polyester; No. of Rows:2; Pitch Spacing:0.118" 24 CONTACT(S), MALE, POWER CONNECTOR, CRIMP, PLUG
|
Molex, Inc.
|
51065-1300 51065-1000 |
2MM 13CKT RECEPTACLE HOUS 13 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Multipole Connector; Gender:Female; No. of Contacts:10; Series:50165; Body Material:PBT Polyester; No. of Rows:1; Pitch Spacing:0.079" RoHS Compliant: Yes 10 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
09-91-0900 09-91-1200 09-91-2000 09-92-0900 09-92- |
3.96mm KK WtB Crp Trm Hsg W/LRmp 9Ckt 9 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Crimp terminal housing, female, 12 contact, straight, white, pcb mount 12 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Multipole Connector; Gender:Female; Number of Contacts:20; Series:KK; Body Material:Nylon; Number of Rows:1 20 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 3.96mm KK WtB Crp Trm Hsg W/OLRmp 9Ckt 9 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Multipole Connector; Gender:Female; Number of Contacts:7; Series:KK; Body Material:Nylon; Number of Rows:1 7 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 3.96mm KK WtB Crp Trm Hsg W/LRmp 18Ckt 18 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 3.96mm KK WtB Crp Trm Hsg W/LRmp 5Ckt 5 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 3.96mm KK WtB Crp Trm Hsg W/OLRmp 13Ckt 13 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 3.96mm KK WtB Crp Trm Hsg W/OLRmp 6Ckt 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 3.96mm KK WtB Crp Trm Hsg W/LRmp 16Ckt 16 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Molex, Inc.
|
03-12-2036 03-12-1036 |
Connector Housing; No. of Contacts:3; Series:HCS-125; Connector Body Material:Nylon; Mounting Type:PC Board; No. of Rows:1; Pitch Spacing:8.38mm; Contact Termination:Crimp; Terminal Type:Straight Pin 3 CONTACT(S), MALE, POWER CONNECTOR, PLUG Multipole Connector; Gender:Female; Number of Contacts:3; Series:4217R; Body Material:PA Polyamide (Nylon) 6/6; Connecting Termination:Crimp; Number of Rows:1; Operating Voltage:600V; Pitch Spacing:3.18mm
|
Molex, Inc. MOLEX INC
|
15-28-6247 15-28-6106 15-24-6241 15-24-6106 |
HEADER,STRAIGHT,2X12POS,.165"X217"C 24 CONTACT(S), MALE, POWER CONNECTOR, SOLDER A-42440-1032 V-2 10Ckt Header Connector,PCB Mnt,RECEPT,24 Contacts,PIN,0.165 Pitch,PC TAIL Terminal,POLARIZED LCK Multipole Connector; No. of Contacts:10; Pitch Spacing:4.2mm; No. of Rows:2; Gender:Header; Series:42440; Body Material:PA Polyamide (Nylon) 6/6; Color:Natural, White; Connecting Termination:Thru-Hole; Contact Material:Brass RoHS Compliant: Yes
|
Molex, Inc. MOLEX INC
|
10-01-1064 10-01-1014 10-01-1114 10-01-1044 91813- |
PCB, Connector, Current Rating 7 Ampere, Contact Resistance 20 Milliohms, Number Of Ways Of Terminal Block 6 6 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP Multipole Connector; Gender:Female; Number of Contacts:1; Series:KK; Body Material:Nylon; Number of Rows:1 1 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 5.08mm KK Crp Term Hsg 11Ckt 11 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP PCB, Connector, Current Rating 7 Ampere, Contact Resistance 20 Milliohms, Number Of Ways Of Terminal Block 4 4 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP 5 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP
|
Molex, Inc. MOLEX INC
|
ASM1815R-5 ASM1815R-20 ASM1815R-10 ASM1815R-5F_T A |
1-CHANNEL POWER SUPPLY SUPPORT CKT, PBCY3 Low Power, 3.3V/3.0V uP Reset Active LOW, Push-Pull Output 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 Multipole Connector; No. of Contacts:50; Pitch Spacing:2mm; No. of Rows:2; Gender:Receptacle; Series:Milli-Grid; Connector Body Material:Thermoplastic; Mounting Type:PC Board; Terminal Type:Straight Pin Low Power CPU Supervisors
|
Alliance Semiconductor, Corp. ALSC[Alliance Semiconductor Corporation] Alliance Semiconductor ...
|
|