PART |
Description |
Maker |
1-1814642-0 |
DIP Sockets; DIP IC Skt 10 OF Sn/Sn RoHS 0.3 Pitch ( Tyco Electronics )
|
Tyco Electronics
|
1-1825006-1 |
DIP, Rotary DIP, SIP Switches and DIP Shunts - Standard; GDS06S04=DIP SW,SLIDE,SMT ( Tyco Electronics )
|
Tyco Electronics
|
ICE-083-S-TG ICE-143-S-TG |
Dip Sockets
|
3M
|
ICO-314-NGT |
LOW PROFILE OPEN BODY DIP SOCKETS
|
Samtec, Inc
|
14-511-11 |
Series 511 Standard DIP Sockets with Solder Tail Bifurcated Contacts
|
Aries Electronics, Inc.
|
15-41-3283 |
Connector: DIP Socket: SKT: 28: 2.54: THRU
|
Molex
|
DT12J22B2AQA DT12J22B2AQF DT22J22B2AQA DT22J22B2AQ |
DIP Sockets; 864-AG10D-ES=SOCKET ASSY. ( AMP ) Miniature Double Pole Rocker Switches 微型双杆跷板开
|
ITT Corporation ITT, Corp.
|
TP30-180RL TP30-130RL TP30-100RL TP30-120RL TP30-1 |
DIP Switch; No. of Switch Positions:9; Circuitry:SPST; Contact Current Max:100mA; Switch Terminals:SMT Gull Wing; Pitch Spacing:2.54mm; Series:BPA; Actuator Style:Side RoHS Compliant: Yes DIP / Rotary DIP 的TRISIL
|
ST Microelectronics STMicroelectronics
|
AD7810 AD7810YN AD7810YR AD7810YRM |
2.7 V to 5.5 V, 2 us, 10-Bit ADC in 8-Lead microSOIC/DIP 2.7 V to 5.5 V 2 us 10-Bit ADC in 8-Lead microSOIC/DIP ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection- Internal SMD design- 100% Burned In- Efficiency to 75% 2.7 V to 5.5 V/ 2 us/ 10-Bit ADC in 8-Lead microSOIC/DIP
|
AD[Analog Devices] Analog Devices, Inc.
|
162-10-642-00-180000 |
DIP Header Solder Tail Shrink DIP (.070 Spacing) Open Frame Through Hole
|
Mill-Max Mfg. Corp.
|
162-10-652-00-180000 |
DIP Header Solder Tail Shrink DIP (.070 Spacing) Open Frame Through Hole
|
Mill-Max Mfg. Corp.
|