PART |
Description |
Maker |
5962R9661201VXC |
5-Pin, Multiple-Input, Programmable Reset ICs 利率乘数
|
PHOENIX CONTACT Deutschland GmbH
|
2955577 |
5-Pin, Multiple-Input, Programmable Reset ICs 电路模块
|
PHOENIX CONTACT Deutschland GmbH
|
DF-18 2-FF-45-TT DF-45-TT 2-FF-73-TT DF-73-TT DF-3 |
5-Pin, Multiple-Input, Programmable Reset ICs 模拟杂项 Analog Miscellaneous 模拟杂项
|
TOKO, Inc. Citizen Finetech Miyota
|
6TR60 15TD30 15TR13 15TR35 12TD30 12TR40 28TR23 28 |
Low-Noise, 4 1/2 Digit, Single-Chip ADC with Multiplexed LCD Drivers Analog IC 模拟IC 5-Pin, Multiple-Input, Programmable Reset ICs 模拟IC
|
3M Company Microchip Technology, Inc.
|
06ZWSERIES 06ZHSERIES 12ZWSERIES 12ZHSERIES 05ZHSE |
4 1/2 Digit, LCD, High-Speed Counter Decoder Driver 模拟IC 5-Pin, Multiple-Input, Programmable Reset ICs 模拟IC Analog IC 模拟IC
|
SIEMENS AG
|
2MBI100-060 2MBI150-060 2MBI200-060 6MBI15-060 6MB |
5-Pin, Multiple-Input, Programmable Reset ICs TRANSISTOR | IGBT POWER MODULE | 3-PH BRIDGE | 600V V(BR)CES | 15A I(C) Low-Cost, Power-On Reset and Watchdog Controllers 晶体管| IGBT功率模块| 3 - PH值大桥| 600V的五(巴西)国际消费电子展| 50A条一(c
|
Fuji Electric Holdings Co., Ltd.
|
2N1122 2N1405 2N1407 2N1101 2N1140 2N1535 2N1472 2 |
TRANSISTOR | BJT | PNP | 11V V(BR)CEO | 50MA I(C) | TO-24 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 50MA I(C) | TO-12 TRANSISTOR | BJT | NPN | 15V V(BR)CEO | 100MA I(C) | TO-22 TRANSISTOR | BJT | PNP | 45V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | NPN | 25V V(BR)CEO | 100MA I(C) | TO-9 TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 3.5A I(C) | IST-3RT-1/2 TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 50MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 50A I(C) | TO-36 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | NPN | 150V V(BR)CEO | 7.5A I(C) | TO-82 TRANSISTOR | BJT | NPN | 250V V(BR)CEO | 7.5A I(C) | TO-82 TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 12A I(C) | TO-3 TRANSISTOR | BJT | PNP | 110V V(BR)CEO | TO-5 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 50MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 35V V(BR)CEO | 100MA I(C) | TO-5 TRANSISTOR | BJT | NPN | 25MA I(C) | TO-22VAR TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 25A I(C) | TO-36 TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | PNP | 90V V(BR)CEO | 5A I(C) | TO-3 TRANSISTOR | BJT | PNP | 50V V(BR)CEO | 7A I(C) | TO-3 晶体管|晶体管|进步党| 50V五(巴西)总裁| 7A条一(c)| 5-Pin, Multiple-Input, Programmable Reset ICs 晶体管|晶体管|进步党| 12V的五(巴西)总裁| 100mA的一(c)| 5-Pin, Multiple-Input, Programmable Reset ICs 晶体管|晶体管|进步党| 65V的五(巴西)总裁|5A一(c)|6 TRANSISTOR | BJT | PNP | 15A I(C) | TO-36 TRANSISTOR | BJT | PNP | 38V V(BR)CEO | 15A I(C) | TO-41
|
NXP Semiconductors N.V. Microsemi, Corp.
|
PIC16C54C PIC16F54 |
This powerful (100 nanosecond instruction execution) yet easy-to-program (only 33 single word instructions) CMOS OTP-based 8-bit microcontroller packs Microchips powerful PIC architecture into an 18-pin package. Easily adapted for au This powerful (100 nanosecond instruction execution) yet easy-to-program (only 33 single-word instructions) FLASH-based 8-bit microcontroller packs Microchip’s powerful PICmicroarchitecture into an 18-pin package. Easily adapted fo
|
Microchip
|
PIC16F630-E/P PIC16F630-E/SL PIC16F630-E/ST PIC16F |
This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS Flash-based 8-bit ... This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS Flash-based 8-bit microcontroller packs Microchip’s powerful PIC® MCU architecture into a 14-pin package and featur This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS Flash-based 8-bit microcontroller packs Microchip’s powerful PICMCU architecture into a 14-pin package and features 1
|
Microchip
|
2N2670 2N1758 2N1756 2N2283 2N1218 2N1334 2N2067 2 |
TRANSISTOR | BJT | PNP | 90V V(BR)CEO | 3A I(C) | TO-210VAR10 Open-Drain SOT µP Reset Circuit 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 5-Pin, Multiple-Input, Programmable Reset ICs TRANSISTOR | BJT | PNP | 25V V(BR)CEO | 3A I(C) | MS-7 TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 3A I(C) | TO-3 TRANSISTOR | BJT | PNP | 100V V(BR)CEO | 3A I(C) | TO-13
|
|
PIC16F818 PIC16F819 |
This powerful (200 nanosecond instruction execution) yet easy-to-program (only 35 single word instructions) CMOS Flash-based 8-bit microcontroller packs Microchip’s powerful PIC architecture into an 18-pin package and is upwards comp This powerful (200 nanosecond instruction execution) yet easy–to-program (only 35 single word instructions) CMOS Flash-based 8-bit microcontroller packs Microchip’s powerful PIC architecture into an 18-pin package and is upward
|
Microchip
|