PART |
Description |
Maker |
5223000-2 |
2mm Centerline Futurebus Connectors ( Z-PACK 2mm FB ); FB-5R,ASY,060,SIG,HDR,SL,4.25 ( AMP )
|
Tyco Electronics
|
FQP7N80C FQPF7N80C |
CONN 26POS 2MM SOCKET R/A PC MT 800V N-Channel Advance Q-FET C-Series 800V N-Channel MOSFET CONN 26POS 2MM SOCKET STR PC SMD 6.6 A, 800 V, 1.9 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
FAIRCHILD SEMICONDUCTOR CORP FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
87832-5020 87832-6922 87832-0420 |
CONN HEADER 50POS 2MM VERT SMD 50 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT MGrid Hdr Shrd SMT/Cap T&R .38AuLF 40Ckt 40 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT CONN HEADER 4POS 2MM VERT SMD
|
Molex, Inc. MOLEX INC
|
RU4DS RH4F RG2A2 RS4FS RH2D RC3B2 RU4D FMP-G5HS FM |
Damper Diodes . Shield Bonded between Polyester Outer & Polyethylene Inner Layers RoHS Compliant: NA CONN 24POS 2MM SOCKET R/A PC MT SDR Cable Assembly; Connector Type A:micro D Ribbon Plug; Connector Type B:micro D Ribbon Plug; Cable Length:5m; No. of Contacts:26; Pitch Spacing:0.8mm RoHS Compliant: Yes 3M 150220-6002TB SDR Cable Assembly; Connector Type A:micro D Ribbon Plug; Connector Type B:micro D Ribbon Plug; Cable Length:2m; No. of Contacts:26; Pitch Spacing:0.8mm RoHS Compliant: Yes CONN 24POS 2MM SOCKET STR PC SMD CONN 20POS 2MM SOCKET VERT PC MT Wire-To-Board Connector; No. of Contacts:20; Pitch Spacing:0.079"; No. of Rows:2; Gender:Female; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes 阻尼二极 Hard Hat; Color:Red; Pack Quantity:1 RoHS Compliant: NA 阻尼二极 Fast-Recovery Rectifier Diodes (1300V and over)
|
List of Unclassifed Man... Unknow http:// List of Unclassifed Manufacturers ETC[ETC] Electronic Theatre Controls, Inc. Sanken
|
SQT-105-01-L-S-RA SQT-150-01-L-S-RA |
5 CONTACT(S), FEMALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER, SOCKET CONN RCPT 2MM 50POS SGL R/A PCB
|
SAMTEC INC
|
GS8644Z18B-150 GS8644Z72C-200 GS8644Z72C-166 GS864 |
CONN 2MM SKT 24POS THRU-BRD SMD 72Mb流水线和流量,通过同步唑的SRAM 72Mb Pipelined and Flow Through Synchronous NBT SRAM 72Mb流水线和流量,通过同步唑的SRAM
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC
|
CD3207 CD3207BB FB2041BB FB2041 |
7-bit Futurebus transceiver
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
35363-1160 35363-0960 353631264 353630861 |
CONN HEADER 11POS 2MM R/A TIN 11 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER CONN HEADER 9POS 2MM R/A TIN 9 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 12 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER 8 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc. MOLEX INC
|
N74F8963A N74F8963Y N74F8962A N74F8962Y 74F8963 74 |
9-Bit latched bidirectional Futurebus transceivers open-collector
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
A-HDS44-HOOD-WP-R |
D-SUB CONN. ASSY SCREW HD44P M CONN M PIN
|
Assmann Electronics Inc.
|