PART |
Description |
Maker |
MDR200A50 MDR200A40 MDR200A30 MDF200A50 MDF200A40 |
BNC (M) TO F (F) ADAPTER BNC (F) TO TNC (M) ADAPTER RF/Coaxial Connector; RF Coax Type:QMA; Contact Termination:Press-Fit; Impedance:50ohm; Body Style:Straight Jack; Body Material:Brass; Body Plating:White Bronze Over Nickel; Connector Mounting:PC Board RoHS Compliant: Yes DIODE MODULE From old datasheet system DIODE(NON-ISOLATED TYPE) Diode with flat mounting base which is designed for use in various rectifier applications, 200A, 500V
|
SANREX[SanRex Corporation]
|
0805YC103JAT7A 0805YC103JAT4A 08051C103JAT9A 08051 |
TV 16C 16#16 SKT PLUG RECP TIMER MINI-MULTI TIME RoHS Compliant: Yes Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:54; Connector Shell Size:32; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle; Body Style:Straight Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:14; Connector Shell Size:32; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle; Body Style:Straight Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; Number of Contacts:25; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:3; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle; Body Style:Straight Circular Connector; No. of Contacts:26; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:20; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:20-26 Circular Connector; No. of Contacts:26; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:20; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:20-26 GT 12C 12#12 PIN RECP BOX Fixed bridge, 10-pos. - FB 10- RTK GT 4C 4#4 PIN RECP BOX Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:30; Connector Shell Size:32; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle; Body Style:Straight Separating plate, width: 0.8 mm, color: gray - TS-GSK CONN RECEPT HM R/A 2MM 110POS CONN, RA FEMALE, SHIELDED TV 16C 16#16 PIN PLUG Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:35; Connector Shell Size:32; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle; Body Style:Straight SB 2-RTK CAPACITOR, CERAMIC, MULTILAYER, 25 V, X7R, 0.01 uF, SURFACE MOUNT, 0805 General Specifications 一般规 Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:4; Connector Shell Size:24; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle; Body Style:Straight General Specifications
|
AVX Corporation AVX, Corp.
|
PIC16F508E_SLG PIC16F505TI/MSG PIC16F505TI/PG PIC1 |
Sealed Modular Connector; Body Material:Composite; Connector Shell Back Termination:IDC Cat6; Modular Connector Shell Style:Jam Nut Receptacle 8/14-Pin位闪存微控制 8/14-Pin, 8-Bit Flash Microcontrollers 8/14-Pin位闪存微控制 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT06; No. of Contacts:36; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight 8/14-Pin位闪存微控制 Circular Connector; Body Material:Aluminum; Series:PT06; No. of Contacts:41; Connector Shell Size:22; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:22-41 TV 46C 40#20 4#16 2#8(COAX) SK Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:EZ5015B; No. of Contacts:4; Connector Shell Size:20; Connecting Termination:Spring Cage; Circular Shell Style:Straight Plug; Cable Gland Material:Plastic RoHS Compliant: Yes 3.3V TTL/CMOS to Differential PECL Translator; Package: TSSOP 8 3.0x3.0x0.95 mm; No of Pins: 8; Container: Tape and Reel; Qty per Container: 2500 Sealed Modular Connector; Body Material:Composite; Connector Shell Back Termination:IDC Cat6; Features:Shielded; Modular Connector Shell Style:Jam Nut Receptacle Connector Dust Cap; Body Material:Metal; Body Plating:Anodized; Cap Attachment:Spring; Leaded Process Compatible:Yes; Series:FWF; Circular Shell Style:Square Flange Receptacle; Connector Shell Back Termination:IEEE1394 Receptacle RoHS Compliant: Yes TV 56C 48#20 8#16 PIN RECP
|
Microchip Technology, Inc. Microchip Technology Inc.
|
LD2980CU25TR LD2980CU50TR LD2980 LD2980ABM25TR LD2 |
Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Aluminum; Series:GT; No. of Contacts:3; Connector Shell Size:20; Connecting Termination:Solder; Circular Shell Style:Straight Plug; Body Style:Straight 极低降稳压器低ESR输出电容器兼容与抑制研究 VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT LOW ESR OUTPUT CAPACITORS COMPATIBLE 极低降稳压器低ESR输出电容器兼容与抑制研究 GT 4C 4#8 SKT PLUG 极低降稳压器低ESR输出电容器兼容与抑制研究 GT 31C 1#4 2#8 14#12 14#16 PI GT 5C 2#4,3#12 PIN PLUG Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GTS; Connector Shell Size:10SL; Connecting Termination:Solder; Body Style:Right Angle; Circular Contact Gender:Socket; Gender:Male; Insert Arrangement:10SL-59
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
6203 6252 |
Connector; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes INTERCONNECTION DEVICE Test Lead Coupler Set; Approval Categories:IEC1010-2-031 Compliant; Body Length:2.1"; Connector Body Material:Brass; Features:1 Black/1 Red; Polypropylene Insulated RoHS Compliant: Yes
|
Pomona Electronics
|
ITC135P |
Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:38; Connector Shell Size:40; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight Integrated Telecom Circuits
|
Clare Inc. CLARE[Clare Inc.] Clare, Inc.
|
DWF100A40 DWF100A30 DWR100A40 DWR100A30 |
Right Angle Jumper; Connector Type A:AMC Plug; Connector Type B:AMC Plug; Cable Length:150mm; Body Plating:Silver; Color:Black; Insulator Material:PBT; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes 二极管模 RF Coaxial Connector Adapter; Convert From:QMA Jack; Convert To:SMA Jack; Body Material:Brass; Body Plating:White Bronze; Contact Material:Beryllium Copper; Contact Plating:Gold; Frequency:6GHz; Impedance:50ohm RoHS Compliant: Yes NON MAGNETIC MCX R/A(M) RG-178 DIODE MODULE
|
Sanrex, Corp. SANREX[SanRex Corporation]
|
FJAF4210 FJAF4210O FJAF4210R FJAF4210Y |
Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; Connector Shell Size:10SL; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle; Body Style:Straight; Circular Contact Gender:Socket BJT AUDIO POWER AMPLIFIER
|
Fairchild Semiconductor Corporation
|
DG308AAK_883 DG308ADQ DG309AK_883 DG309CJ DG309DQ |
Overvoltage-Protection Controllers with Status Flag Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:35; Connector Shell Size:28; Connecting Termination:Solder; Circular Shell Style:Square Flange Receptacle; Body Style:Straight Quad Monolithic SPST CMOS Analog Switches
|
Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
MAALSS0012 MAALSS0012-3000 MAALSS0012SMB MAALSS001 |
Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:2; Connector Shell Size:32; Connecting Termination:Solder; Circular Shell Style:Square Flange Receptacle; Body Style:Straight Circular Connector; MIL SPEC:MIL-C-5015; Body Material:Metal; Series:GT; No. of Contacts:4; Connector Shell Size:32; Connecting Termination:Solder; Circular Shell Style:Square Flange Receptacle; Body Style:Straight Miniature Broadband Gain Stage 200 - 3000 MHz
|
MACOM[Tyco Electronics]
|