PART |
Description |
Maker |
SCANPSC100F |
Embedded Boundary Scan Controller (IEEE 1149.1 Support)
|
Fairchild Semiconductor Corporation
|
XQ18V04 XQR18V04 XQ18V04VQ44N DS082 |
IEEE Std 1149.1 boundary-scan (JTAG) support QPro XQ18V04 (XQR18V04) QML In-System Programmable Configuration PROMs QPro XQ18V04 (XQR18V04) QML In-System Programmable Configuration PROMs
|
Xilinx, Inc.
|
TA1360ANG TA1360ANG05 |
YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV
|
Toshiba Semiconductor http://
|
BUS-61570-830K BUS-61571-830K BUS-61571-XXXX BUS-6 |
MIL-STD-1553 Bc-rt-mt Integrated Terminal Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection Small Signal Bias Resistor Transistor, PNP, 50 V 5 V ECL 2 Divider 9-Bit ECL to TTL Translator 2.5 V / 3.3 V ECL 2-Input Differential AND/NAND MIL-STD-1553B NOTICE 2 ADVANCED INTEGRATED MUX HYBRIDS WITH ENHANCED RT FEATURES (AIM-HYer) 符合MIL - STD - 1553B总线公告2先进综合复用的杂交强化逆转录特征(枚AIM - HYer 5V ECL JK Flip-Flop 符合MIL - STD - 1553B总线公告2先进综合复用的杂交强化逆转录特征(枚AIM - HYer 5V ECL 2:1 Multiplexer 符合MIL - STD - 1553B总线公告2先进综合复用的杂交强化逆转录特征(枚AIM - HYer
|
List of Unclassifed Man... Data Device ETC[ETC] List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. http://
|
CT2542 CT2542-FP-701 CT2542-701 CT2542-FP |
CT 2542 Dual Redundant Remote Terminal FOR MIL-STD-1553B 2542双冗余的CT远程终端的MIL - STD - 1553B总线
|
Aeroflex Circuit Techno... AEROFLEX[Aeroflex Circuit Technology] Aeroflex Inc. Aeroflex, Inc.
|
SD1100C..LSERIES 2613 SD1100C04L SD1100C08L SD1100 |
3200V 910A Std. Recovery Diode in a DO-200AB (B-Puk)package 3000V 910A Std. Recovery Diode in a DO-200AB (B-Puk)package 2500V 910A Std. Recovery Diode in a DO-200AB (B-Puk)package 2000V 1170A Std. Recovery Diode in a DO-200AB (B-Puk)package 1600V 1170A Std. Recovery Diode in a DO-200AB (B-Puk)package 1200V 1170A Std. Recovery Diode in a DO-200AB (B-Puk)package 800V 1170A Std. Recovery Diode in a DO-200AB (B-Puk)package 400V 1170A Std. Recovery Diode in a DO-200AB (B-Puk)package From old datasheet system STANDARD RECOVERY DIODES
|
International Rectifier
|
TA1360AFG |
YCbCr/YPbPr Signal and Sync Processor for Digital TV, Progressive Scan TV and Double Scan TV YCbCr /色差信号处理器和同步数字电视,逐行扫描电视和双扫描电视
|
Toshiba Corporation Toshiba, Corp.
|
ACT4436-DFI ACT4436-DF ACT4436 ACT4436-DI ACT4436- |
ECONOLINE: RBM - New Micro Size SIP 6 Package- Industry Standard Pinout- 3kVDC Isolation- UL94V-0 Package Material- Efficiency to 85% 436双收发MIL-STD-1553/1760 ACT 4436 DUAL TRANSCEIVER FOR MIL-STD-1553/1760 436双收发MIL-STD-1553/1760
|
Aeroflex, Inc. Aeroflex Inc. AEROFLEX[Aeroflex Circuit Technology]
|
CC2420 CC2420DK CC2420DBK CC2420/TR |
LC2MOS 5 O RON SPST Switch; Package: PDIP; No of Pins: 16; Temperature Range: Industrial 2.4 GHz IEEE 802.15.4标准/ ZigBee功能的RF收发 2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver 2.4 GHz IEEE 802.15.4标准/ ZigBee功能RF收发
|
Electronic Theatre Controls, Inc. http:// List of Unclassifed Manufacturers List of Unclassifed Man...
|
MC3448AL MM3448AP AM3448A AM3448AX MC3448A |
IEEE-488 QUAD BIDIRECTIONAL TRANSCEIVER IEEE - 488接口四双向收发器
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers AMD Advanced Micro Devices
|