PART |
Description |
Maker |
LTC3544 |
Quad Synchronous Step-Down Regulator: 2.25MHz, 300mA, 200mA, 200mA, 100mA
|
Linear Technology Corporation
|
CS8101YTVA5 CS8101YTHA5 CS8101 CS8101YD8 CS8101YDR |
Micropower 5V/ 100mA Low Dropout Linear Regulator with RESET and ENABLE Micropower 5V, 100mA Low Dropout Linear Regulator with RESET and ENABLE Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:10 x 30; Jacket Color:Black; Approval Bodies:UL, CSA; Approval Categories:UL AWM Style 1015, CSA Type TEW, JQA-F-, Passes VW-1 Flame Test; Conductor Material:Copper RoHS Compliant: Yes
|
CHERRY[Cherry Semiconductor Corporation] N.A. ZF Electronics Corporation
|
NCP1402SN27T1 NCP1402SN30T1 NCP1402SN33T1 NCP1402S |
200mA, PFM Step-Up Micropower Switching Regulator
|
ON Semiconductor
|
SP6213EC5-2.85-L/TR SP6213EC5-L-5.0 SP6213EC5-L-5. |
Micropower, SC-70, 100mA CMOS LDO Regulator
|
Sipex Corporation
|
MAX4917BELTT MAX4914BELTT MAX4917AEUKT MAX4917BEUK |
100mA/200mA/300mA Current-Limit Switches with Low Shutdown Reverse Current
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Produc...
|
CS8101YT5 CS8101YTHA5 CS8101YTVA5 |
Micropower 5V, 100mA Low Dropout Linear Regulator with RESETbar and ENABLEbar
|
ON Semiconductor
|
CS8101YDWFR20 |
Micropower 5V, 100mA Low Dropout Linear Regulator with RESETbar and ENABLEbar
|
ON Semiconductor
|
CS9202 CS9202YDF8 CS9202YDFR8 |
Micropower 3.3V, 100mA Low Dropout Linear Regulator with NOCAP Micropower 3.3 V / 100 mA Linear Regulator with NOCAP Micropower 3.3 V, 100 mA Linear Regulator with NOCAP
|
ONSEMI[ON Semiconductor]
|
2N538 2N522 2N941 2N586 2N502A 2N795 2N738 2N779 2 |
5-Pin µP Supervisory Circuits with Watchdog and Manual Reset TRANSISTOR | BJT | PNP | 8V V(BR)CEO | TO-5 TRANSISTOR | BJT | PNP | 8V V(BR)CEO | 50MA I(C) | TO-18 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | TO-9 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | TO-9 TRANSISTOR | BJT | NPN | 80V V(BR)CEO | 50MA I(C) | TO-18 TRANSISTOR | BJT | PNP | 15V V(BR)CEO | 100MA I(C) | TO-18 TRANSISTOR | BJT | PNP | 15V V(BR)CEO | 200MA I(C) | TO-18 TRANSISTOR | BJT | PNP | 12V V(BR)CEO | 100MA I(C) | TO-18 TRANSISTOR | BJT | NPN | 25V V(BR)CEO | 100MA I(C) | TO-18 TRANSISTOR | BJT | NPN | 15V V(BR)CEO | 100MA I(C) | TO-18 TRANSISTOR | BJT | PNP | 16V V(BR)CEO | 1A I(C) | TO-5 TRANSISTOR | BJT | NPN | 60V V(BR)CEO | 50MA I(C) | TO-18 TRANSISTOR | BJT | NPN | 50V V(BR)CEO | TO-18 晶体管|晶体管|叩| 50V五(巴西)总裁|8 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 500MA I(C) | TO-5 晶体管|晶体管|进步党| 30V的五(巴西)总裁| 500mA的一(c)|
|
Central Semiconductor, Corp. Microsemi, Corp.
|
LT3024IDE LT3024IDE-TR LT3024IDE-TRPBF LT3024EFE-T |
Dual 100mA/500mA Low Dropout, Low Noise,Micropower Regulator
|
Linear Technology
|
LT3023EMSE LT3023 LT3023EDD |
Dual 100mA, Low Dropout, Low Noise, Micropower Regulator
|
LINER[Linear Technology]
|
LT1761-3.3 1761FAS |
100mA, Low Noise, Low Dropout Micropower Regulator in SOT-23 From old datasheet system
|
Linear
|