PART |
Description |
Maker |
AT27CXXX AT27C080 |
8M bit EPROM AT27CXXX Series [Updated 10/98. 1 Pages]
|
Atmel
|
ATC18M |
ATC18M Advance Information [Updated 7/03. 8 Pages] 0.18 m CMOS Cell-based ASIC for Military Use
|
Atmel
|
ATF1508ASVL ATF1508ASV-15QC100 ATF1508ASV-15QC160 |
ATF1508ASV(L) [Updated 9/02. 23 Pages] 128 Macrcells with ISP. 3-volt and low power Highperformance EE PLD
|
Atmel Corp.
|
CAMELIA |
Camelia C1 LV 8M/CL 8M Preliminary [Updated 04/03. 36 Pages] Area Array Color CCD. 3500 x 2300. 12-bit. 2.7 F/s 卡梅利娅C1M/CL分初步[更新04/0336页]面阵彩色CCD3500 x 230012位2.7
|
YEONHO Electronics Co., Ltd.
|
AT24RF08C |
AT24RF08C [Updated 9/99. 25 Pages] Dual-interface IC with 8-K EEPROM for asset identification AT24RF08C [更新9 / 9925页]双接口集成电资产识别亩的EEPROM
|
Atmel, Corp.
|
PC7410M16 |
PC7410M16 [Updated 12/02. 35 Pages] PC7410M16 [更新12/0235页]
|
Motorola Mobility Holdings, Inc.
|
ATAR080X-YYY-TKQ ATAR080X-YYY-TKS |
4-BIT, MROM, 4 MHz, MICROCONTROLLER, PDSO20 SSOP-20 ATAR080 [Updated 3/03. 59 Pages] Low-current microcontroller for wireless communication ATAR080 [更新3日59页]低电流的无线通信控制
|
Atmel, Corp.
|
AT24C512SCNBSP AT24C512SC |
AT24C512SC Preliminary [Updated 10/00. 12 Pages] 2-wire. 512K Serial EEPROM From old datasheet system 2-wire, 512K Serial EEPROM
|
Atmel corp
|
E5561 |
e5561 Advance Information [Updated 4/03. 26 Pages] Read/Write transponder IC for contactless RF identification for highly sophisticated security Read/Write transponder IC for contactless RF identification for highly sophisticated security applications.
|
Atmel
|
AT22LV10 AT22LV10L AT22LV10L-30GM AT22LV10-20JL AT |
500 gate low voltage PLD, low power, 24 and 28 pins, 3V 30NS, OTP, CERDIP, MIL TEMP(EPLD) Low-voltage UV From old datasheet system AT22LV10(L) [Updated 8/99. 12 Pages] 500 gate low voltage PLD. standard & low power. 24 pins OT PLD, 20 ns, PQCC28 OT PLD, 25 ns, PQCC28
|
Atmel Corporation N/A
|
ATR0786 |
ATR0786 [Updated 2/03. 12 Pages] High linearity active transmit mixer for 1800-2100 MHz High Linearity Active Transmit Mixer for 1800 MHz to 2100 MHz
|
ATMEL Corporation
|