PART |
Description |
Maker |
FDS8962C |
30V Dual N & P-Channel PowerTrench MOSFET Dual N & P-Channel Power Trench
|
Fairchild Semiconductor Corporation
|
EDI7P004FVA0300C15 EDI7P002FVA0400I15 EDI7P002FVA0 |
Dual Ultra Low Noise Amplifier; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers; Temperature Range: -40°C to 85°C; Package: 16-TSSOP Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers; Temperature Range: -40°C to 85°C; Package: 16-PDIP Peripheral Miscellaneous Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers; Temperature Range: -40°C to 85°C; Package: 28-PDIP 周边杂项 60MHz Rail-to-Rail Input-Output Op Amps; Temperature Range: -40°C to 85°C; Package: 8-HMSOP T&R 周边杂项 1M X 16 FLASH 5V PROM CARD, 100 ns, XMA68 Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding; Temperature Range: -40°C to 85°C; Package: 24-QSOP
|
KEMET Corporation Bourns, Inc. MICROSEMI CORP-PMG MICROELECTRONICS
|
FQS4900 FQS4900TF |
Dual N & P-Channel/ Logic Level MOSFET Dual N & P-Channel, Logic Level MOSFET Dual N-Channel 60V & P-Channel 300V QFET
|
FAIRCHILD[Fairchild Semiconductor]
|
LTM4619EVPBF |
Dual, 26VIN, 4A DC/DC µModule Regulator; Package: 144-LGA; Temperature Range: –40°C to 125°C 12 A DUAL SWITCHING CONTROLLER, 860 kHz SWITCHING FREQ-MAX, PBGA144
|
Linear Technology, Corp.
|
LT1464A LT1464 146465F LT1464CS8TRPBF |
Dual/Quad Micropower, 1MHz C-Load Picoampere Bias Current JFET Input Op Amps; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C DUAL OP-AMP, 1400 uV OFFSET-MAX, 0.87 MHz BAND WIDTH, PDSO8 From old datasheet system Dual Low Power 1MHz JFET Input Op Amp
|
Linear Technology, Corp.
|
MAX6416 MAX6418 MAX6412 MAX6413UK37-T MAX6413UK38- |
330MHz, Low Power, Current Feedback Video Operational Amplifier with Output Disable; Temperature Range: -40°C to 85°C; Package: 8-PDIP " Low-Power, Single/Dual-Voltage ?P Reset Circuits with Capacitor-Adjustable Reset Timeout Delay" Dual Long-Tailed Pair Transistor Array; Temperature Range: -40°C to 85°C; Package: 14-SOIC T&R 380MHz, SOT-23, Low Power Current Feedback Operational Amplifier; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 12-Bit, 80 MSPS, High Speed Video D/A Converter; Temperature Range: 0°C to 70°C; Package: 28-SOIC Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection; Temperature Range: -40°C to 85°C; Package: 28-SOIC 380MHz, SOT-23, Low Power Current Feedback Operational Amplifier; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R Gilbert Cell UHF Transistor Array; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 850MHz, Low Distortion Programmable Gain Buffer Amplifier; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 330MHz, Low Power, Current Feedback Video Operational Amplifier; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R 10-Bit, 40MSPS A/D Converter with CMOS Outputs; Temperature Range: 0°C to 70°C; Package: 28-SOIC T&R 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 8-Bit, 165/125/60MSPS, High Speed D/A Converter; Temperature Range: -40°C to 85°C; Package: 28-TSSOP T&R 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 Complete, 12-Bit A/D Converters with Microprocessor Interface; Temperature Range: See Datasheet; Package: 28-PDIP 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 12-Bit, Low Cost, Monolithic D/A Converters; Temperature Range: 0°C to 70°C; Package: 24-PDIP 2-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 360MHz, Low Power, Video Operational Amplifier with Output Limiting; Temperature Range: -40°C to 85°C; Package: 8-SOIC 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 Dual Long-Tailed Pair Transistor Array; Temperature Range: -40°C to 85°C; Package: 14-SOIC T&R
|
Maxim Integrated Products, Inc. 电源管理 MAXIM INTEGRATED PRODUCTS INC
|
ISL54060IRUZ-T ISL54060IRTZ-T ISL54061 ISL54061IRT |
Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Swit 1.8V to 6.5V, Sub-ohm, Dual SPST Analog Switch with Negative Signal Capability; Temperature Range: -40°C to 85°C; Package: 10-TDFN DUAL 1-CHANNEL, SGL POLE SGL THROW SWITCH, PDSO10 Negative Signal Swing, Sub-ohm, Dual SPST Single Supply Switch 1.8V to 6.5V, Sub-ohm, Dual SPST Analog Switch with Negative Signal Capability; Temperature Range: -40°C to 85°C; Package: 10-uTQFN T&R DUAL 1-CHANNEL, SGL POLE SGL THROW SWITCH, PQCC10
|
Intersil Corporation Intersil, Corp.
|
HI3-0303-5Z |
CMOS Analog Switches; Temperature Range: 0°C to 70°C; Package: 14-PDIP DUAL 1-CHANNEL, SGL POLE DOUBLE THROW SWITCH, PDIP14
|
Intersil, Corp.
|
EP501WYL002WHR |
Enhance Power LED
|
PARA LIGHT ELECTRONICS CO.,...
|
EP501WYL002WH |
Enhance Power LED
|
PARA LIGHT ELECTRONICS CO.,...
|
EP501W4L040WHR |
Enhance Power LED
|
PARA LIGHT ELECTRONICS CO.,...
|
|