PART |
Description |
Maker |
HD74HC257 74HC257 HC257 |
Quad. 2-to-1-line Data Selectors/Multiplexers (with noninverted 3-state outputs) Quad. 2-to-1-line Data Selectors/Multiplexers(with noninverted 3-state outputs) Octal Buffers And Line Drivers With 3-State Outputs 20-CDIP -55 to 125 NTE IC, TYPE: DUAL CHANNEL CURRENT MODE
|
HITACHI[Hitachi Semiconductor] Hitachi,Ltd.
|
74ABT125CMTCX 74ABT125CSCX 74ABT125CSJ |
Quad Buffer with 3-STATE Outputs; Package: TSSOP; No of Pins: 14; Container: Tape & Reel ABT SERIES, QUAD 1-BIT DRIVER, TRUE OUTPUT, PDSO14 Quad Buffer with 3-STATE Outputs
|
Fairchild Semiconductor, Corp.
|
74VCX38 74VCX38MTC 74VCX38M |
Low Voltage Quad 2-Input NAND Gate with Open Drain Outputs and 3.6V Tolerant Inputs and Outputs
|
FAIRCHILD[Fairchild Semiconductor]
|
74LVC125A 74LVC125AD 74LVC125ADB 74LVC125APW 7LVC1 |
Data Selectors/Multiplexers With 3-State Outputs 16-SOIC -40 to 85 SC Series, 3 Ohms, 1.0 W, Fixed, Wirewound Resistor Quad buffer/line driver with 5-volt tolerant inputs/outputs 3-State
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
74ALVC38 74ALVC38M 74ALVC38MTC |
Low Voltage Quad 2-Input NAND Gate with Open Drain Outputs and 3.6V Tolerant Inputs and Outputs From old datasheet system
|
FAIRCHILD[Fairchild Semiconductor]
|
HD74HC442 HD74HC442RPEL HD74HC443 HD74HC443RPEL HD |
Quad. Tridirectional Bus Transceiver(with noninverted 3-state outputs)/(with inverted 3-state outputs)/(with noninverted/inverted 3-state outputs)
|
Renesas Electronics Corporation
|
HD74LS00 HD74LS00FPSMD HD74LS00PDIP HD74LS00RPSMD |
Quad. 2-input NAND Gates QUADRUPLE 2-INPUT POSITIVE-NAND GATES LOGIC GATE,QUAD 2-INPUT NAND,LS-TTL,DIP,14PIN,PLASTIC From old datasheet system Quad 2-input NAND Gate 输入与非
|
Hitachi America HITACHI[Hitachi Semiconductor] Hitachi,Ltd. Renesas Electronics, Corp.
|
BXB100-48S05FLT BXB100-48S15FLT BXB100 BXB100-24S1 |
Low voltage octal bus buffer with 3 state outputs (non inverted) Quad exclusive OR gate Quad bilateral switch Low voltage octal bus buffer with 3 state outputs (inverted) Low voltage CMOS octal D-type latch with 3 state outputs non inverting Low voltage CMOS quad 2-input OR gate Octal D-type flip flop with clear 66-100W Wide Input DC/DC Converters
|
ARTESYN[Artesyn Technologies]
|
HCF4044 HCF4044BEY HCF4044BM1 HCF4044M013TR |
QUAD NAND 3-STATE R-S LATCH QUAD NAND 3-STATE R-S LATCH
|
ST Microelectronics STMicroelectronics
|