PART |
Description |
Maker |
MC10H130FN MC10H130L MC10H130P ON0752 |
Dual In/Single Out Autoswitching Power MUX, Manual/Auto Sw, Adj. Cur Limit, Adj. Vol Threshold 8-TSSOP -40 to 85 10H SERIES, DUAL LOW LEVEL TRIGGERED D LATCH, COMPLEMENTARY OUTPUT, PDIP16 From old datasheet system Dual Latch
|
Motorola Mobility Holdings, Inc. Motorola, Inc.
|
MC14082BDR2G MC14011 MC14071BCP MC1408 MC14001BCPG |
B-Suffix Series CMOS Gates IEEE 802.3af PoE HIGH POWER PD CONTROLLER 8-SO PowerPAD -40 to 85 Triple 3-Input NOR Gate Quad 2-Input AND Gate Dual-Slot Cardbus Power-Interface Switches for Serial PCMCIA Controllers 24-HTSSOP -40 to 85 B-SUFFIX SERIES CMOS GATES 4000/14000/40000 SERIES, TRIPLE 3-INPUT AND GATE, PDIP14 B-Suffix Series CMOS Gates 后缀系列CMOS B-SUFFIX SERIES CMOS GATES 4000/14000/40000 SERIES, QUAD 2-INPUT NOR GATE, PDSO14 B-SUFFIX SERIES CMOS GATES 4000/14000/40000 SERIES, QUAD 2-INPUT NAND GATE, PDIP14
|
Motorola, Inc ONSEMI[ON Semiconductor]
|
MFK2807D/883 MFK2805S/883 MFK2805D/883 MFK2812D/88 |
MFK S ingle and D ual D C-DC Converters 16 to 50 vol ts i npu t ?25 Watt
|
Interpoint Corporation ...
|
P0438T P0452T P0430T P0433T P0436T P0435T P0440T P |
MCU CMOS 64 LD 8MHZ 4K EPRM, -40C to 85C, 64-TQFP, TRAY MCU CMOS 68 LD Low Power, -40C to 85C, 68-PLCC, TUBE SMT Toroidal Inductors (Shielded) - One Winding: Ros 1 Series and Ros 2 Series 表面贴装环型电感(屏蔽) -一个绕组:罗斯和罗1系列2系列
|
Ametherm, Inc.
|
MC10H158 MC10H158FN MC10H158L MC10H158P ON0758 |
Dual In/Single Out Autoswitching Power MUX, Auto Sw, Adj. Cur Limit, Adj. Vol Threshold, Sw Status 8-TSSOP -40 to 85 输入复用器(非反相) Quad 2-Input Multiplexer(Non-Inverting) From old datasheet system
|
Motorola, Inc ONSEMI[ON Semiconductor]
|
HY628100A HY628100AG HY628100ALG HY628100ALLG HY62 |
128Kx8bit CMOS SRAM, standby current 1 mA, 70ns 128Kx8bit CMOS SRAM, standby current 1 mA, 55ns 128Kx8bit CMOS SRAM 128Kx8bit CMOS SRAM Circular Connector; No. of Contacts:3; Series:MS27497; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:12; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No 128Kx8bit CMOS SRAM
|
HYNIX[Hynix Semiconductor] Hynix Semiconductor Inc. Hynix Semiconductor, Inc.
|
BH1JFB1WG BH1JFB1WHFV BH1JLB1WG BH1JLB1WHFV BH30FB |
Standard CMOS LDO Regulators CMOS Type series regulator
|
Rohm
|
FRC3-CXXX FRC5 FRC-D FRC-E FRC3-AXXX FRC-EXXX FRC- |
(FRC3 Series) High Current Version (FRC5 Series) UL Recognized (FRC-D Series) PCB Connectors (FRC-E Series) PCB Connectors (FRC-J Series) PCB Connectors (DHB Series) Board to Board and Board to Cable Connectors (HU5 Series) Low Profile Header Connectors Intermateable (HTC Series) Grid Hard Metric Connectors (HTC Series) Hard Metric Coding Key (DHD Series) 1.27mm Center Flat Ribbon Cable IDC Connectors (DDMM Series) Socket (DFJ Series) Pitch Stacking Connector (DHE Series) Centerline IDC Connectors
|
DDK
|
AME8841REHA AME8841 AME8841AEHA AME8841BEHA AME884 |
Output voltage: 1.5V; 600mA CMOS LDO Output voltage: 3.1V; 600mA CMOS LDO Output voltage: 2.9V; 600mA CMOS LDO Circular Connector; No. of Contacts:100; Series:MS27466; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:23; Circular Contact Gender:Socket; Circular Shell Style:Wall Mount Receptacle RoHS Compliant: No 600毫安的CMOS LDO稳压 Output voltage: 2.85V; 600mA CMOS LDO Output voltage: 3.7V; 600mA CMOS LDO
|
AME[Analog Microelectronics] AME, Inc.
|
M38067MC-453GP M38063M6-181GP M38067MC-204FP M3806 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer 3806 Series Microcontrollers: General Purpose, Large On-Chip Memory RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
74ALVC2245 74ALVC2245MTC 74ALVC2245WM 74ALVC2245MT |
Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26?Series Resistors in B Outputs Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26 Ohm Series Resistors in B Outputs Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26-Ohm Series Resistors in B Outputs Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26 Series Resistors in B Outputs Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26з Series Resistors in B Outputs BUS TRANSCEIVER|SINGLE|8-BIT|AVC/ALVC-CMOS|TSSOP|20PIN|PLASTIC BUS TRANSCEIVER|SINGLE|8-BIT|AVC/ALVC-CMOS|SOP|20PIN|PLASTIC Dual J-K Negative-Edge-Triggered Flip-Flops With Clear and Preset 16-PDIP -40 to 85 ALVC/VCX/A SERIES, 8-BIT TRANSCEIVER, TRUE OUTPUT, PDSO20
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation 总线收发 Fairchild Semiconductor, Corp.
|
MC74HC1G04 MC74HC1G04DFT1 MC74HC1G04DFT1G MC74HC1G |
Single Inverter High speed CMOS inverter fabricated with silicon gate CMOS technology HC/UH SERIES, 1-INPUT INVERT GATE, PDSO5 High speed CMOS inverter fabricated with silicon gate CMOS technology 高速CMOS反相器制造硅栅CMOS工艺
|
ONSEMI[ON Semiconductor] Rectron Semiconductor
|