PART |
Description |
Maker |
MIC922YC5 MIC922-06 |
230MHz Low-Power SC-70 Op Amp
|
Micrel Semiconductor
|
SD1214-12 SD1212-02 |
RF & MICROWAVE TRANSISTORS 130...230MHz FM MOBILE APPLICATIONS VHF BAND, Si, NPN, RF POWER TRANSISTOR
|
Microsemi, Corp.
|
AD1990ACPZRL AD1992 AD1992ACPZ AD1992ACPZRL AD1994 |
Class-D Audio Power Amplifier – 2 × 5W Class-D Audio Power Amplifier – 2 × 10W
|
Analog Devices
|
MAX4385E MAX4385EEUK-T MAX4386EESD MAX4386EEUD MAX |
Low-Cost, 230MHz, Single/Quad Op Amps with Rail-to-Rail Outputs and ±15kV ESD Protection Low-Cost / 230MHz / Single/Quad Op Amps with Rail-to-Rail Outputs and 15kV ESD Protection Low-Cost, 230MHz, Single/Quad Op Amps with Rail-to-Rail Outputs and ±15kV ESD Protection Low-Cost, 230MHz, Single/Quad Op Amps with Rail-to-Rail Outputs and 15kV ESD Protection " Low- Cost, 230MHz, Single Op Amps with Rail-to- Rail Outputs and ?5kV ESD in SOT23" Low-Cost, 230MHz, Single/Quad Op Amps with Rail-to-Rail Outputs and 【15kV ESD Protection Low-Cost, 230MHz, Single/Quad Op Amps with Rail-to-Rail Outputs and 5kV ESD Protection Low-Cost.230MHz.Single/Quad Op Amps with Rail-to-Rail Outputs and ±.15kV ESD Protection
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
LTC3204-3.3 LTC3204-5 |
Low Noise Regulated Charge Pump in 2 × 2 DFN
|
Linear Technology
|
NJU6570A |
16Com × 61Seg Output Bit Map LCD Driver
|
New Japan Radio
|
NJU6575ACH NJU6575 NJU6575A |
33Com × 134Seg Output Bit Map LCD Driver
|
NJRC[New Japan Radio]
|
NJU6682 |
160Com × 132Seg 4-level Gray Scale Bit Map LCD Driver
|
New Japan Radio
|
FSPYE234D1 FSPYE234F4 FN4873 FSPYE234R4 FSPYE234F |
From old datasheet system Radiation Hardened/ SEGR Resistant N-Channel Power MOSFETs Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs 9 A, 250 V, 0.215 ohm, N-CHANNEL, Si, POWER, MOSFET Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs(抗辐N沟道MOS场效应管) 抗辐射,抗SEGR N沟道功率MOSFET(抗辐射沟道马鞍山场效应管)
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
HIP6021CBZ-T |
Advanced PWM and Triple Linear Power Controller; Temperature Range: 0°C to 70°C; Package: 28-SOIC T&R SWITCHING CONTROLLER, 215 kHz SWITCHING FREQ-MAX, PDSO28
|
Intersil, Corp.
|