PART |
Description |
Maker |
HDP01-0512NRL HDLA-2416 HDLG-2416 HDLU-2416 HDLO-2 |
Voltage Regulator IC; Package/Case:3-TO-220; Current Rating:1A; Output Voltage Max:5V; Voltage Regulator Type:Negative Voltage; Mounting Type:Through Hole Linear Voltage Regulator IC; Supply Voltage Max:35V; Package/Case:3-TO-220; Output Voltage:5V; Current Rating:1A; Voltage Regulator Type:Positive Voltage; Mounting Type:Through Hole RoHS Compliant: Yes Voltage Regulator IC; Package/Case:3-TO-220; Supply Voltage:35V; Output Current:1A; Output Voltage:18V; Voltage Regulator Type:Positive Voltage; Mounting Type:Through Hole HARD DISK DRIVE POWER SUPPLY PROTECTION Four Character 5.0 mm (0.2 inch) Smart 5 x 7 Alphanumeric Displays
|
ST Microelectronics Agilent (Hewlett-Packard) Agilent(Hewlett-Packard) http://
|
BZX55C BZX55C4V7 BZX55C3V9 BZX55C7V5 BZX55C2V4 BZX |
VOLTAGE REGULATOR DIODE IN A CERAMIC SURFACE MOUNT PACKAGE FOR HI.REL APPLICATIONS Silicon Epitaxial Planar Z-Diodes Voltage Regulator Diode In a Ceramic Surface Mount Package For HI-REL Application(6.8V 齐纳稳压二极陶瓷表贴封装,HI-REL应用)) Voltage Regulator Diode In a Ceramic Surface Mount Package For HI-REL Application(3.9V 齐纳稳压二极陶瓷表贴封装,HI-REL应用)) 4A SCRS Voltage Regulator Diode In a Ceramic Surface Mount Package For HI-REL Application(22V 齐纳稳压二极陶瓷表贴封装,HI-REL应用)) 稳压二极管(陶瓷表贴封装,高可靠性应用)在陶瓷表面贴装封装,高可靠性的应用2V的齐纳稳压二极管 Voltage Regulator Diode In a Ceramic Surface Mount Package For HI-REL Application(12V 齐纳稳压二极陶瓷表贴封装,HI-REL应用)) 稳压二极管(陶瓷表贴封装,高可靠性应用)在陶瓷表面贴装封装,高可靠性的应用2V的齐纳稳压二极管 Voltage Regulator Diode In a Ceramic Surface Mount Package For HI-REL Application(15V 齐纳稳压二极陶瓷表贴封装,HI-REL应用)) 稳压二极管(陶瓷表贴封装,高可靠性应用)在陶瓷表面贴装封装,高可靠性的应用5V的齐纳稳压二极管 Voltage Regulator Diode In a Ceramic Surface Mount Package For HI-REL Application(18V 齐纳稳压二极陶瓷表贴封装,HI-REL应用)) 稳压二极管(陶瓷表贴封装,高可靠性应用)在陶瓷表面贴装封装,高可靠性的应用8V的齐纳稳压二极管 Voltage Regulator Diode In a Ceramic Surface Mount Package For HI-REL Application(10V 齐纳稳压二极陶瓷表贴封装,HI-REL应用)) 稳压二极管(陶瓷表贴封装,高可靠性应用)在陶瓷表面贴装封装,高可靠性的应用0V的齐纳稳压二极管 12 A Snubberless", logic level and standard triacs 参 16A TRIACS 参 Voltage Regulator Diode In a Ceramic Surface Mount Package For HI-REL Application(16V 齐纳稳压二极陶瓷表贴封装,HI-REL应用)) 稳压二极管(陶瓷表贴封装,高可靠性应用)在陶瓷表面贴装封装,高可靠性的应用16V的齐纳稳压二极管 Voltage Regulator Diode In a Ceramic Surface Mount Package For HI-REL Application(3.3V 齐纳稳压二极陶瓷表贴封装,HI-REL应用)) 稳压二极管(陶瓷表贴封装,高可靠性应用)在陶瓷表面贴装封装,高可靠性的应用.3V的齐纳稳压二极管 20A TRIACS
|
SemeLAB SEME-LAB[Seme LAB] Vishay Telefunken 3M Company Vishay Intertechnology, Inc. Alliance Semiconductor, Corp.
|
SST89C54-33-AC-NJ SST89C58-33-AC-NJ SST89C54-33-AI |
Voltage Regulator IC; Output Current:150mA; Output Voltage:3.3V; Package/Case:5-SOT-23; Supply Voltage Max:6V; Current Rating:150mA; Leaded Process Compatible:No; Output Current Max:150mA; Output Voltage Max:3.3V Linear Voltage Regulator IC; Output Current Max:150mA; Supply Voltage Max:6V; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:5V; Peak Reflow Compatible (260 C):No Replaced by PT78ST133 : 3.3Vout 1.5A Wide Input Positive Step-Down ISR 3-SIP MODULE -40 to 85 Voltage Regulator IC; Output Current:150mA; Output Voltage:2.6V; Package/Case:5-SOT-23; Supply Voltage Max:6V; Current Rating:150mA; Leaded Process Compatible:No; Output Current Max:150mA; Output Voltage Max:2.6V Linear Voltage Regulator IC; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:5V; Peak Reflow Compatible (260 C):No; Reel Quantity:3000; Voltage Regulator Type:Low Dropout (LDO) RoHS Compliant: No Linear Voltage Regulator IC; Output Current Max:150mA; Supply Voltage Max:6V; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:2.85V; Peak Reflow Compatible (260 C):No Linear Voltage Regulator IC; Output Current Max:150mA; Supply Voltage Max:6V; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:3V; Peak Reflow Compatible (260 C):No Linear Voltage Regulator IC; Output Current Max:150mA; Supply Voltage Max:6V; Package/Case:5-SOT-23; Current Rating:150mA; Leaded Process Compatible:No; Output Voltage Max:1.8V; Peak Reflow Compatible (260 C):No Voltage Regulator IC; Output Current:500mA; Output Voltage:1.215V; Package/Case:8-MLP33; Supply Voltage Max:6V; Current Rating:500mA; Leaded Process Compatible:No; Output Current Max:500mA; Output Voltage Max:1.215V FlashFlex51 MCU FlashFlex51单片
|
Silicon Storage Technology, Inc. SILICON STORAGE TECHNOLOGY INC
|
HDMP-0440 |
Voltage Regulator IC; Output Current:100mA; Output Voltage:6.2V; Package/Case:3-TO-92; Voltage Regulator Type:Positive Voltage; Mounting Type:Through Hole; Supply Voltage:35V HDMP-0440 · 1.0625-1.25 GBd Quad Port Bypass Circuit without CDR for Fibre Channel/Storage and GbE Applications
|
Agilent (Hewlett-Packard)
|
BZX55C3V3 BZX55C56 BZX55C2V4 BZX55C51 BZX55C47 BZX |
AXIAL LEAD ZENER DIODES 33 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 ROHS COMPLIANT, GLASS PACKAGE-2 100 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 ROHS COMPLIANT, GLASS PACKAGE-2 10 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 ROHS COMPLIANT, GLASS PACKAGE-2 8.2 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35 ROHS COMPLIANT, GLASS PACKAGE-2 24 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-35
|
Pan Jit International Inc. RECOM Electronic GmbH Lattice Semiconductor, Corp.
|
IP140MA IP78M00A IP140M IP78M00 IP78M12H-883B IP14 |
THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 0.5 AMP Positive Voltage Regulator(0.5 A ,12V稳压 0.5 AMP Positive Voltage Regulator(0.5 A ,5V稳压 CGrid VT SMT Rcpt w/peg 30 SAu 42Ckt Voltage Regulator 5 V FIXED POSITIVE REGULATOR, MBCY3 Voltage Regulator 电压调节 0.5 AMP Positive Voltage Regulator(0.5 A ,15V稳压 0.5安培正电压稳压器.5甲,15V的稳压器 Voltage Regulator 12 V FIXED POSITIVE REGULATOR, MBCY3
|
SEME-LAB[Seme LAB] Semelab(Magnatec) TT electronics Semelab Limited TT electronics Semelab, Ltd. HI-SINCERITY MICROELECTRONICS, CORP. SEMELAB LTD
|
LP2950CZ-3.3RA LP2950CZ-5.0RP LP2950ACZ-5.0RA LP29 |
100mA, 3.3V Output, Low Power Low Dropout Voltage Regulator; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 5.0V Output, Low Power Low Dropout Voltage Regulator; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Ammunition Box; Qty per Container: 1000 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 5.0V Output, Low Power Low Dropout Voltage Regulator; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 5.0V Output, Low Power Low Dropout Voltage Regulator- Pb Free Device; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 100 mA, Low Power Low Dropout Voltage Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 100 mA, Low Power Low Dropout Voltage Regulator 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 CONNECTOR ACCESSORY 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 100 mA, Low Power Low Dropout Voltage Regulator 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 Micropower Voltage Regulators 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 128 x 128 pixel format, LED or EL Backlight available 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 Micropower Voltage Regulators 3.3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 Micropower Voltage Regulators 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PSSO3 Micropower Voltage Regulators 5 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 Micropower Voltage Regulators 3 V FIXED POSITIVE LDO REGULATOR, 0.45 V DROPOUT, PBCY3 100mA, 3V Output, Low Power Low Dropout Voltage Regulator with Error Flag output; ; Pb Free Device; Package: Micro8™; No of Pins: 8; Container: Tape and Reel; Qty per Container: 4000
|
ON Semiconductor
|
AM29C116-1/BUA AM29C116/BUA AM29C116-2PC AM29C116- |
-100V 100kRad Hi-Rel Single P-Channel TID Hardened MOSFET in a 18-pin LCC package; A IRHE9130 with Standard Packaging Hi-Rel Adjustable Voltage 3-Terminal Negative Regulator; A OM1323N2M with Standard Packaging Hi-Rel Adjustable Voltage 3-Terminal Positive Regulator; A OM1324SMM with Standard Packaging 100V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a SMD-2 package; A IRHNA7160 with Standard Packaging Hi-Rel Adjustable Voltage 3-Terminal Positive Regulator; A OM1321NKM with Standard Packaging Hi-Rel Adjustable Voltage 3-Terminal Negative Regulator; A OM1322NKM with Standard Packaging 250V 100kRad Hi-Rel Single N-Channel SEE Hardened MOSFET in a SMD-3 package; A IRHNB7264SE with Standard Packaging 16-Bit Microprocessor 16位微处理 60V Hi-Rel Synchronous Rectifier N-Channel MOSFET in a SMD-2 package; A IRHSNA57064 with Standard Packaging 16位微处理 Hi-Rel Adjustable Voltage 3-Terminal Positive Regulator; Qualified Part Number similar to OM1320N2M 16位微处理 Hi-Rel Adjustable Voltage 3-Terminal Negative Regulator; A OM1325SMM with Standard Packaging 16位微处理
|
16位微控制 AverLogic Technologies, Corp. GC Electronics Amphenol, Corp.
|
BZV55C3V0 BZV55C9V1 BZV55C75 BZV55C8V2 BZV55C30 |
LEADLESS PACKAGE FOR SURFACE MOUNT Zener Voltage Regulator Diode 9.05 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AA
|
Microsemi Corporation MICROSEMI CORP-LAWRENCE
|
BZY97-C110TR BZY97-C100AMP BZY97-C120AMP BZY97-C56 |
110 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE PLASTIC PACKAGE-2 100 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE PLASTIC PACKAGE-2 120 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE PLASTIC PACKAGE-2 56 V, 1.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
Vishay Beyschlag
|
|