PART |
Description |
Maker |
ATMEGA1280 ATMEGA640 |
128-Kbyte self-programming Flash Program Memory, 8-Kbyte SRAM, 4-KByte EEPROM, 16 Channel 10-bit A/D ATmega640/1280/1281/2560/2561 Advance Information Summary
|
ATMEL
|
ATMEGA3290P ATMEGA329PV-20MU ATMEGA3290PV ATMEGA32 |
8-bit Microcontroller with 32K Bytes In-System Programmable Flash 32-Kbyte self-programming Flash Program Memory, 2-Kbyte SRAM, 1-KByte EEPROM, 8 Channel 10-bit A/D-c
|
ATMEL[ATMEL Corporation]
|
ATMEGA162 ATMEGA162L ATMEGA162V |
16-Kbyte self-programming Flash Program Memory, 1-Kbyte SRAM, 512 Byte EEPROM, JTAG interface for on-chip-debug. Up to 16 MIPS throughput at 16 MHz. 16-Kbyte self-programming Flash Program Memory, 1-Kbyte SRAM, 512 Byte EEPROM, JTAG interface for on-chip-debug. Up to 8 MIPS throughput at 8 MHz. 3 Volt Operation. 16-Kbyte self-programming Flash Program Memory, 1-Kbyte SRAM, 512 Byte EEPROM, JTAG interface for on-chip-debug. Up to 1 MIPS throughput at 1 MHz.
|
Atmel
|
AT89C51AC3 |
8-bit microcontroller with A/D converter and 64-Kbyte Flash. 2-Kbyte RAM, 2-Kbyte EEPROM, SPI. Power Fail Detect (no need for external ...
|
Atmel
|
ATMEGA8535 ATMEGA8535L |
8-Kbyte self-programming Flash Program Memory, 544 Byte SRAM, 512 Byte EEPROM, 8-channel 10-bit A/D Converter. Up to 16 MIPS throughput at 16 MHz. 8-Kbyte self-programming Flash Program Memory, 544 Byte SRAM, 512 Byte EEPROM, 8-channel 10-bit A/D Converter. Up to 8 MIPS throughput at 8 MHz. 3 Volt Operation
|
Atmel
|
P87CL881H P87CL881H_000 P87CL881H/000 |
Low-voltage microcontroller with 63-kbyte OTP program memory and 2-kbyte RAM
|
Philips Semiconductors
|
F273-CEG-P F273-CEG-P-TR F273-CEG-T-TR ST10F273E |
16-bit MCU with 512 Kbyte Flash memory and 36 Kbyte RAM
|
STMicroelectronics
|
AM29030 |
RISC Microprocessors with 8-Kbyte/4-Kbyte Instruction Cache
|
AMD
|
SLE66C20S |
16-bit Security Controller with 32-Kbyte ROM, 1280 Byte RAM and 2-Kbyte EEPROM(16位安全控制器(B>32-KB ROM,1280B RAM, 2KB EEPROM))
|
SIEMENS AG
|
SLE66C320S-T85-C SLE66C320S-V5-C SLE66C320SC SLE66 |
Security & Chip Card ICs SLE 66C320S 安全 Security & Chip Card ICs SLE 66C320S 16-bit Security Controller with 32-Kbyte ROM, 1280 Byte RAM and 32-Kbyte EEPROM(16位安全控制器(B>32-KB ROM,1280B RAM, 32KB EEPROM)) 16-bit Security Controller with 32-Kbyte ROM, 1280 Byte RAM and 32-Kbyte EEPROM(16位安全控制器(32-KB ROM,1280B RAM, 32KB EEPROM)) 16位安全控制器32字节ROM280字节RAM32字节的EEPROM6位安全控制器(带32 - KB的光盘,1280B的RAM32KB的EEPROM的)
|
INFINEON[Infineon Technologies AG] SIEMENS AG
|
LTC1262 LTC1262C LTC1262CN8 LTC1262CS8 LTC1262I LT |
12V, 30mA Flash Memory Programming Supply 12V的,30mA的闪存编程电 12V/ 30mA Flash Memory Programming Supply From old datasheet system
|
Linear Technology, Corp. LINER[Linear Technology]
|